Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

66AK2E05XABDA25 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # 66AK2E05XABDA25
Description  66AK2E0x Multicore DSPARM KeyStone II System-on-Chip (SoC)
Download  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

66AK2E05XABDA25 Datasheet(HTML) 8 Page - Texas Instruments

Back Button 66AK2E05XABDA25 Datasheet HTML 4Page - Texas Instruments 66AK2E05XABDA25 Datasheet HTML 5Page - Texas Instruments 66AK2E05XABDA25 Datasheet HTML 6Page - Texas Instruments 66AK2E05XABDA25 Datasheet HTML 7Page - Texas Instruments 66AK2E05XABDA25 Datasheet HTML 8Page - Texas Instruments 66AK2E05XABDA25 Datasheet HTML 9Page - Texas Instruments 66AK2E05XABDA25 Datasheet HTML 10Page - Texas Instruments 66AK2E05XABDA25 Datasheet HTML 11Page - Texas Instruments 66AK2E05XABDA25 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 282 page
background image
66AK2E05, 66AK2E02
SPRS865D – NOVEMBER 2012 – REVISED MARCH 2015
www.ti.com
3
Device Characteristics
Table 3-1 provides an overview of the 66AK2E0x device. The table shows the significant features of the
device, including the capacity of on-chip RAM, the peripherals, the CPU frequency, and the package type
with pin count.
Table 3-1. Characteristics of the 66AK2E0x Processor
HARDWARE FEATURES
66AK2E02
66AK2E05
C66x DSP core
1
DSP L1P cache memory size (per core)
32KB
DSP Cores
DSP L1D cache/RAM memory size (per core)
32KB
DSP L2 Unified cache/RAM memory size (per core)
512KB
ARM Cortex A15 Cores
1
4
ARM L1 instruction cache memory size (per core)
32KB
ARM Cores
ARM L1 data cache memory size (per core)
32KB
ARM L2 unified cache memory size (shared by all cores)
4MB
DDR3 memory controller (72-bit bus width) [1.5 V/1.35V] (clock source =
1
DDRREFCLKN|P)
EDMA3 (64 independent channels) [CPU/3 clock rate]
5
Hyperlink
1
USB 3.0
2
USIM(1)
1
I2C
3
SPI
3
Peripherals
PCIe (2 lanes per instance)
2
UART
2
10/100/1000/10000 Ethernet ports
0
2
10/100/1000 Ethernet ports
8
8
Management Data Input/Output (MDIO)
3
64-bit timers (configurable)
Thirteen 64-bit or Twenty six 32-bit
General-Purpose Input/Output port (GPIO)
32
TSIP
1
Packet Accelerator
1
Accelerators
Security Accelerator(2)
1
2MB MSM SRAM
On-Chip L3 Memory
Organization
256 KB L3 ROM
C66x CorePac Revision
CorePac Revision ID Register (address location: 0181 2000h)
0x0009_0003
ID
JTAG BSDL_ID
JTAGID Register (address location: 0x02620018)
0x0B9A_602F
1.25 GHz
Frequency
C66x DSP and ARM-A15 Processor
1.4 GHz
Core (V)
SmartReflex variable supply
Voltage
I/O (V)
1.35 V, 1.5 V, 1.8 V, and 3.3 V
27 mm x 27 mm
1089-Pin Flip-Chip Plastic BGA
BGA Package
(ABD)
Process Technology
nm
28 nm
Product Status(3)
Product Preview (PP), Advance Information (AI), or Production Data (PD)
PD
(1)
The USIM is implemented for support of secure devices only. Contact your local technical sales representative for further details.
(2)
The Security Accelerator function is subject to export control and will be enabled only for approved device shipments.
(3)
PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not necessarily include testing of all parameters.
8
Device Characteristics
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: 66AK2E05 66AK2E02


Similar Part No. - 66AK2E05XABDA25

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
66AK2E05XABDA25 TI-66AK2E05XABDA25 Datasheet
1Mb / 282P
[Old version datasheet]   66AK2E0x Multicore DSPARM KeyStone II System-on-Chip (SoC)
More results

Similar Description - 66AK2E05XABDA25

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
66AK2E05 TI-66AK2E05_15 Datasheet
1Mb / 282P
[Old version datasheet]   66AK2E0x Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2G12_1806 TI1-66AK2G12_1806 Datasheet
2Mb / 233P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2H14 TI1-66AK2H14 Datasheet
8Mb / 351P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2H14 TI1-66AK2H14_17 Datasheet
8Mb / 355P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2H14 TI1-66AK2H14_18 Datasheet
2Mb / 329P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2H14 TI1-66AK2H14_16 Datasheet
8Mb / 354P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2G12 TI1-66AK2G12_18 Datasheet
2Mb / 230P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2G02 TI1-66AK2G02_16 Datasheet
2Mb / 230P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2G12 TI1-66AK2G12_19 Datasheet
2Mb / 232P
[Old version datasheet]   Multicore DSPArm KeyStone II System-on-Chip (SoC)
TCI6636K2H TI1-TCI6636K2H Datasheet
7Mb / 362P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com