Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

66AK2E05XABDA4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # 66AK2E05XABDA4
Description  66AK2E0x Multicore DSPARM KeyStone II System-on-Chip (SoC)
Download  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

66AK2E05XABDA4 Datasheet(HTML) 5 Page - Texas Instruments

  66AK2E05XABDA4 Datasheet HTML 1Page - Texas Instruments 66AK2E05XABDA4 Datasheet HTML 2Page - Texas Instruments 66AK2E05XABDA4 Datasheet HTML 3Page - Texas Instruments 66AK2E05XABDA4 Datasheet HTML 4Page - Texas Instruments 66AK2E05XABDA4 Datasheet HTML 5Page - Texas Instruments 66AK2E05XABDA4 Datasheet HTML 6Page - Texas Instruments 66AK2E05XABDA4 Datasheet HTML 7Page - Texas Instruments 66AK2E05XABDA4 Datasheet HTML 8Page - Texas Instruments 66AK2E05XABDA4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 282 page
background image
Packet
DMA
Multicore Navigator
Queue
Manager
Debug & Trace
Semaphore
HyperLink
TeraNet
1 C66x DSP Core and 1 ARM Core
@ up to 1.4 GHz
Boot ROM
Power
Management
4MB L2 Cache
32KB L1
P-Cache
32KB L1
D-Cache
ARM
A15
MSMC
2MB
MSM
SRAM
72-Bit
DDR3 EMIF
Memory Subsystem
Secure Mode
3´
PLL
5´
EDMA
66AK2E02
C66x™
CorePac
512KB L2 Cache
32KB L1
P-Cache
32KB L1
D-Cache
Network Coprocessor
9-Port
Ethernet
Switch
Packet
Accelerator
Security
Accelerator
66AK2E05, 66AK2E02
www.ti.com
SPRS865D – NOVEMBER 2012 – REVISED MARCH 2015
Figure 1-2. 66AK2E02 Functional Block Diagram
Table of Contents
1
66AK2E0x Features and Description
................ 1
3
Device Characteristics
.................................. 8
1.1
Features
.............................................. 1
3.1
C66x DSP CorePac
.................................. 9
1.2
Applications
........................................... 2
3.2
ARM CorePac
........................................ 9
1.3
KeyStone II Architecture
.............................. 2
3.3
Development Tools
.................................. 10
1.4
Device Description
................................... 2
3.4
Device Nomenclature
............................... 10
1.5
Enhancements in KeyStone II
........................ 3
3.5
Related Documentation from Texas Instruments
... 12
1.6
Functional Block Diagram
............................ 4
3.6
Related Links
........................................ 13
2
Revision History
......................................... 7
3.7
Community Resources
.............................. 13
Copyright © 2012–2015, Texas Instruments Incorporated
Table of Contents
5
Submit Documentation Feedback
Product Folder Links: 66AK2E05 66AK2E02


Similar Part No. - 66AK2E05XABDA4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
66AK2E05XABDA4 TI-66AK2E05XABDA4 Datasheet
1Mb / 282P
[Old version datasheet]   66AK2E0x Multicore DSPARM KeyStone II System-on-Chip (SoC)
More results

Similar Description - 66AK2E05XABDA4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
66AK2E05 TI-66AK2E05_15 Datasheet
1Mb / 282P
[Old version datasheet]   66AK2E0x Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2G12_1806 TI1-66AK2G12_1806 Datasheet
2Mb / 233P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2H14 TI1-66AK2H14 Datasheet
8Mb / 351P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2H14 TI1-66AK2H14_17 Datasheet
8Mb / 355P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2H14 TI1-66AK2H14_18 Datasheet
2Mb / 329P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2H14 TI1-66AK2H14_16 Datasheet
8Mb / 354P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2G12 TI1-66AK2G12_18 Datasheet
2Mb / 230P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2G02 TI1-66AK2G02_16 Datasheet
2Mb / 230P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2G12 TI1-66AK2G12_19 Datasheet
2Mb / 232P
[Old version datasheet]   Multicore DSPArm KeyStone II System-on-Chip (SoC)
TCI6636K2H TI1-TCI6636K2H Datasheet
7Mb / 362P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com