Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC10D1500 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # ADC10D1500
Description  Low Power, 10-Bit, Dual 1.0/1.5 GSPS or Single 2.0/3.0 GSPS ADC
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC10D1500 Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADC10D1500 Datasheet HTML 6Page - Texas Instruments ADC10D1500 Datasheet HTML 7Page - Texas Instruments ADC10D1500 Datasheet HTML 8Page - Texas Instruments ADC10D1500 Datasheet HTML 9Page - Texas Instruments ADC10D1500 Datasheet HTML 10Page - Texas Instruments ADC10D1500 Datasheet HTML 11Page - Texas Instruments ADC10D1500 Datasheet HTML 12Page - Texas Instruments ADC10D1500 Datasheet HTML 13Page - Texas Instruments ADC10D1500 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 82 page
background image
VA
GND
GND
VA
100 k:
ADC10D1000, ADC10D1500
SNAS462Q – OCTOBER 2008 – REVISED MARCH 2013
www.ti.com
Table 4. Control and Status Balls (continued)
Ball No.
Name
Equivalent Circuit
Description
Serial Data-In. In ECM, serial data is shifted into
B4
SDI
the device on this pin while SCS signal is asserted
(logic-low).
Serial Data-Out. In ECM, serial data is shifted out
of the device on this pin while SCS signal is
A3
SDO
asserted (logic-low). This output is tri-stated when
SCS is de-asserted.
Do Not Connect. These pins are used for internal
D1, D7, E3, F4,
DNC
NONE
purposes and should not be connected, i.e. left
W3, U7
floating. Do not ground.
Not Connected. This pin is not bonded and may
C7
NC
NONE
be left floating or connected to any potential.
Table 5. Power and Ground Balls
Ball No.
Name
Equivalent Circuit
Description
A2, A6, B6, C6,
D8, D9, E1, F1,
Power Supply for the Analog circuitry. This supply
H4, N4, R1, T1,
VA
NONE
is tied to the ESD ring. Therefore, it must be
U8, U9, W6, Y2,
powered up before or with any other supply.
Y6
G1, G3, G4, H2,
J3, K3, L3, M3,
Power Supply for the Track-and-Hold and Clock
VTC
NONE
N2, P1, P3, P4,
circuitry.
R3, R4
A11, A15, C18,
D11, D15, D17,
J17, J20, R17,
VDR
NONE
Power Supply for the Output Drivers.
R20, T17, U11,
U15, U16, Y11,
Y15
A8, B9, C8, V8,
VE
NONE
Power Supply for the Digital Encoder.
W9, Y8
Bias Voltage I-channel. This is an externally
decoupled bias voltage for the I-channel. Each pin
J4, K2
VbiasI
NONE
should individually be decoupled with a 100 nF
capacitor via a low resistance, low inductance
path to GND.
Bias Voltage Q-channel. This is an externally
decoupled bias voltage for the Q-channel. Each
L2, M4
VbiasQ
NONE
pin should individually be decoupled with a 100 nF
capacitor via a low resistance, low inductance
path to GND.
10
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: ADC10D1000 ADC10D1500


Similar Part No. - ADC10D1500

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC10D1500 NSC-ADC10D1500 Datasheet
2Mb / 70P
   Low Power, 10-Bit, Dual 1.0/1.5 GSPS or Single 2.0/3.0 GSPS ADC
ADC10D1500 NSC-ADC10D1500 Datasheet
2Mb / 70P
   Low Power, 10-Bit, Dual 1.0/1.5 GSPS or Single 2.0/3.0 GSPS ADC
ADC10D1500CIUT NSC-ADC10D1500CIUT Datasheet
2Mb / 70P
   Low Power, 10-Bit, Dual 1.0/1.5 GSPS or Single 2.0/3.0 GSPS ADC
ADC10D1500CIUT NSC-ADC10D1500CIUT Datasheet
2Mb / 70P
   Low Power, 10-Bit, Dual 1.0/1.5 GSPS or Single 2.0/3.0 GSPS ADC
ADC10D1500NOPB NSC-ADC10D1500NOPB Datasheet
2Mb / 70P
   Low Power, 10-Bit, Dual 1.0/1.5 GSPS or Single 2.0/3.0 GSPS ADC
More results

Similar Description - ADC10D1500

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC10D1000 NSC-ADC10D1000_10 Datasheet
2Mb / 70P
   Low Power, 10-Bit, Dual 1.0/1.5 GSPS or Single 2.0/3.0 GSPS ADC
ADC10D1000 NSC-ADC10D1000_09 Datasheet
2Mb / 70P
   Low Power, 10-Bit, Dual 1.0/1.5 GSPS or Single 2.0/3.0 GSPS ADC
ADC10D1000 NSC-ADC10D1000 Datasheet
2Mb / 62P
   Low Power, 10-Bit, Dual 1.0 GSPS or Single 2.0 GSPS ADC
ADC10D1000QML NSC-ADC10D1000QML Datasheet
2Mb / 64P
   Low Power, 10-Bit, Dual 1.0 GSPS or Single 2.0 GSPS A/DConverter
logo
Texas Instruments
ADC10D1000QML-SP TI-ADC10D1000QML-SP Datasheet
1Mb / 70P
[Old version datasheet]   ADC10D1000QML Low Power, 10-Bit, Dual 1.0 GSPS or Single 2.0 GSPS A/D Converter
logo
National Semiconductor ...
ADC08D1020 NSC-ADC08D1020 Datasheet
1Mb / 44P
   Low Power, 8-Bit, Dual 1.0 GSPS or Single 2.0 GSPS A/D Converter
ADC08D1520QML NSC-ADC08D1520QML Datasheet
1Mb / 46P
   Low Power, 8-Bit, Dual 1.5 GSPS or Single 3.0 GSPS A/D Converter
ADC08D1520 NSC-ADC08D1520_09 Datasheet
847Kb / 44P
   Low Power, 8-Bit, Dual 1.5 GSPS or Single 3.0 GSPS A/D Converter
ADC08D1520 NSC-ADC08D1520 Datasheet
781Kb / 44P
   Low Power, 8-Bit, Dual 1.5 GSPS or Single 3.0 GSPS A/D Converter
ADC08D1020 NSC-ADC08D1020_08 Datasheet
1Mb / 44P
   Low Power, 8-Bit, Dual 1.0 GSPS or Single 2.0 GSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com