Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC10D020CIVSX Datasheet(PDF) 3 Page - Texas Instruments

Part # ADC10D020CIVSX
Description  ADC10D020 Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC10D020CIVSX Datasheet(HTML) 3 Page - Texas Instruments

  ADC10D020CIVSX Datasheet HTML 1Page - Texas Instruments ADC10D020CIVSX Datasheet HTML 2Page - Texas Instruments ADC10D020CIVSX Datasheet HTML 3Page - Texas Instruments ADC10D020CIVSX Datasheet HTML 4Page - Texas Instruments ADC10D020CIVSX Datasheet HTML 5Page - Texas Instruments ADC10D020CIVSX Datasheet HTML 6Page - Texas Instruments ADC10D020CIVSX Datasheet HTML 7Page - Texas Instruments ADC10D020CIVSX Datasheet HTML 8Page - Texas Instruments ADC10D020CIVSX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
ADC10D020
www.ti.com
SNAS143D – SEPTEMBER 2001 – REVISED MARCH 2013
PIN DESCRIPTIONS AND EQUIVALENT CIRCUITS
Pin No.
Symbol
Equivalent Circuit
Description
48
I+
Analog inputs to “I” ADC. Nominal conversion range is 1.25V to
47
I
1.75V with GAIN pin low, or 1.0V to 2.0V with GAIN pin high.
37
Q+
Analog inputs to “Q” ADC. Nominal conversion range is 1.25V to
38
Q
1.75V with GAIN pin low, or 1.0V to 2.0V with GAIN pin high.
Analog Reference Voltage input. The voltage at this pin should be in
the range of 0.8V to 1.5V. With 1.0V at this pin and the GAIN pin
1
VREF
low, the full scale differential inputs are 1 VP-P. With 1.0V at this pin
and the GAIN pin high, the full scale differential inputs are 2 VP-P.
This pin should be bypassed with a minimum 1 µF capacitor.
This is an analog output which can be used as a reference source
and/or to set the common mode voltage of the input. It should be
45
VCMO
bypassed with a minimum of 1 µF low ESR capacitor in parallel with
a 0.1 µF capacitor. This pin has a nominal output voltage of 1.5V
and has a 1 mA output source capability.
Top of the reference ladder. Do not drive this pin. Bypass this pin
43
VRP
with a 10 µF low ESR capacitor and a 0.1 µF capacitor.
Bottom of the reference ladder. Do not drive this pin. Bypass this
44
VRN
pin with a 10 µF low ESR capacitor and a 0.1 µF capacitor.
Copyright © 2001–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: ADC10D020


Similar Part No. - ADC10D020CIVSX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC10D020CIVSX TI1-ADC10D020CIVSX Datasheet
1Mb / 40P
[Old version datasheet]   ADC10D020 Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
More results

Similar Description - ADC10D020CIVSX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC10D020 TI1-ADC10D020_14 Datasheet
1Mb / 40P
[Old version datasheet]   ADC10D020 Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
logo
National Semiconductor ...
ADC10D020 NSC-ADC10D020 Datasheet
767Kb / 32P
   Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
logo
Texas Instruments
ADC14L020 TI1-ADC14L020_14 Datasheet
803Kb / 33P
[Old version datasheet]   14-Bit, 20 MSPS, 150 mW A/D Converter
logo
National Semiconductor ...
ADC14L020 NSC-ADC14L020 Datasheet
915Kb / 23P
   14-Bit, 20 MSPS, 150 mW A/D Converter
logo
Fairchild Semiconductor
SPT7852 FAIRCHILD-SPT7852 Datasheet
67Kb / 11P
   DUAL 10-BIT, 20 MSPS, 160 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7852 CADEKA-SPT7852 Datasheet
175Kb / 11P
   DUAL 10-BIT, 20 MSPS, 160 mW A/D CONVERTER
logo
List of Unclassifed Man...
SPT7851 ETC1-SPT7851 Datasheet
69Kb / 8P
   10-BIT, 20 MSPS, 79 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7850 CADEKA-SPT7850 Datasheet
190Kb / 13P
   10-BIT, 20 MSPS, 140 mW A/D CONVERTER
logo
Fairchild Semiconductor
SPT7850 FAIRCHILD-SPT7850 Datasheet
97Kb / 13P
   10-BIT, 20 MSPS, 140 mW A/D CONVERTER
logo
Analog Devices
AD876JST AD-AD876JST Datasheet
338Kb / 16P
   10-Bit 20 MSPS 160 mW CMOS A/D Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com