Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC101C021 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ADC101C021
Description  10-Bit Analog-to-Digital Converter
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC101C021 Datasheet(HTML) 2 Page - Texas Instruments

  ADC101C021 Datasheet HTML 1Page - Texas Instruments ADC101C021 Datasheet HTML 2Page - Texas Instruments ADC101C021 Datasheet HTML 3Page - Texas Instruments ADC101C021 Datasheet HTML 4Page - Texas Instruments ADC101C021 Datasheet HTML 5Page - Texas Instruments ADC101C021 Datasheet HTML 6Page - Texas Instruments ADC101C021 Datasheet HTML 7Page - Texas Instruments ADC101C021 Datasheet HTML 8Page - Texas Instruments ADC101C021 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
ALERT
SDA
ADR1
VA
GND
1
2
4
7
8
3
SCL
6
5
VIN
ADC101C021
ADR0
ADDR
SCL
SDA
VIN
VA
GND
1
2
3
5
4
6
ADC101C027
ALERT
SCL
SDA
VIN
VA
GND
1
2
3
5
4
6
ADC101C021
ADC101C021, ADC101C027
SNAS446D – FEBRUARY 2008 – REVISED FEBRUARY 2013
www.ti.com
Table 1. Pin-Compatible Alternatives(1)
Resolution
SOT-6 (Alert only) and VSSOP-8
SOT-6 (Addr only)
12-bit
ADC121C021
ADC121C027
10-bit
ADC101C021
ADC101C027
8-bit
ADC081C021
ADC081C027
(1)
All devices are fully pin and function compatible.
Connection Diagrams
SOT PACKAGE
SOT PACKAGE
VSSOP PACKAGE
2
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: ADC101C021 ADC101C027


Similar Part No. - ADC101C021

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC101C021 NSC-ADC101C021 Datasheet
747Kb / 30P
   I2C-Compatible, 12-Bit Analog-to-Digital Converter (ADC) with Alert Function
logo
Texas Instruments
ADC101C021 TI-ADC101C021 Datasheet
1Mb / 41P
[Old version datasheet]   ADC081C021/ADC081C027 I2C-Compatible, 8-Bit Analog-to-Digital Converter with Alert
ADC101C021 TI1-ADC101C021 Datasheet
1Mb / 44P
[Old version datasheet]   I2C-Compatible, 10-Bit Analog-to-Digital Converter (ADC) with Alert Function
ADC101C021 TI1-ADC101C021_14 Datasheet
1Mb / 44P
[Old version datasheet]   I2C-Compatible, 10-Bit Analog-to-Digital Converter (ADC) with Alert Function
More results

Similar Description - ADC101C021

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC900 BURR-BROWN-DAC900 Datasheet
192Kb / 16P
   10-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
List of Unclassifed Man...
KAD2710C ETC2-KAD2710C Datasheet
414Kb / 17P
   10-Bit, 275MSPS Analog-to-Digital Converter
logo
Texas Instruments
DAC900 TI1-DAC900 Datasheet
798Kb / 24P
[Old version datasheet]   10-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
List of Unclassifed Man...
KAD2710L ETC2-KAD2710L Datasheet
417Kb / 17P
   10-Bit, 275MSPS Analog-to-Digital Converter
logo
Burr-Brown (TI)
ADS820 BURR-BROWN-ADS820 Datasheet
295Kb / 14P
   10-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS823 TI-ADS823 Datasheet
334Kb / 16P
[Old version datasheet]   10-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
NXP Semiconductors
TDA8760 PHILIPS-TDA8760 Datasheet
195Kb / 28P
   10-bit high-speed analog-to-digital converter
1996 Sep 12
logo
Texas Instruments
DAC2900 TI1-DAC2900 Datasheet
746Kb / 21P
[Old version datasheet]   Dual, 10-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC900-Q1 TI1-DAC900-Q1 Datasheet
695Kb / 26P
[Old version datasheet]   10-BIT 165-MSPS DIGITAL-TO-ANALOG CONVERTER
ADS823 TI1-ADS823_14 Datasheet
876Kb / 20P
[Old version datasheet]   10-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com