Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC14C105 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ADC14C105
Description  95/105 MSPS A/D Converter
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC14C105 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADC14C105 Datasheet HTML 4Page - Texas Instruments ADC14C105 Datasheet HTML 5Page - Texas Instruments ADC14C105 Datasheet HTML 6Page - Texas Instruments ADC14C105 Datasheet HTML 7Page - Texas Instruments ADC14C105 Datasheet HTML 8Page - Texas Instruments ADC14C105 Datasheet HTML 9Page - Texas Instruments ADC14C105 Datasheet HTML 10Page - Texas Instruments ADC14C105 Datasheet HTML 11Page - Texas Instruments ADC14C105 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
ADC14C105
SNAS409C – MAY 2007 – REVISED MARCH 2013
www.ti.com
Dynamic Converter Electrical Characteristics
Unless otherwise specified, the following specifications apply: AGND = DRGND = 0V, VA = +3.3V, VDR = +2.5V, Internal VREF
= +1.2V, fCLK = 105 MHz, 50% Duty Cycle, DCS disabled, VCM = VCMO, CL = 5 pF/pin, . Typical values are for TA = 25°C.
Boldface limits apply for TMIN ≤ TA ≤ TMAX. All other limits apply for TA = 25°C
(1) (2)
Units
Parameter
Test Conditions
Typical(3)
Limits
(Limits)(4)
DYNAMIC CONVERTER CHARACTERISTICS, AIN= -1dBFS
FPBW
Full Power Bandwidth
-1 dBFS Input,
−3 dB Corner
1.0
GHz
fIN = 10 MHz
74
dBFS
SNR
Signal-to-Noise Ratio
fIN = 70 MHz
73.5
dBFS
fIN = 240 MHz
71
69.4
dBFS
fIN = 10 MHz
90
dBFS
SFDR
Spurious Free Dynamic Range
fIN = 70 MHz
86
dBFS
fIN = 240 MHz
82
78
dBFS
fIN = 10 MHz
11.9
Bits
ENOB
Effective Number of Bits
fIN = 70 MHz
11.8
Bits
fIN = 240 MHz
11.4
11.1
Bits
fIN = 10 MHz
−86
dBFS
THD
Total Harmonic Disortion
fIN = 70 MHz
−85
dBFS
fIN = 240 MHz
−79.3
-74
dBFS
fIN = 10 MHz
−95
dBFS
H2
Second Harmonic Distortion
fIN = 70 MHz
−90
dBFS
fIN = 240 MHz
−86
-78
dBFS
fIN = 10 MHz
−90
dBFS
H3
Third Harmonic Distortion
fIN = 70 MHz
−86
dBFS
fIN = 240 MHz
−82
-78
dBFS
fIN = 10 MHz
73.5
dBFS
SINAD
Signal-to-Noise and Distortion Ratio
fIN = 70 MHz
73
dBFS
fIN = 240 MHz
70.4
68.8
dBFS
fIN = 19.5 MHz and 20.5MHz,
IMD
Intermodulation Distortion
-82
dBFS
each -7 dBFS
(1)
The inputs are protected as shown below. Input voltage magnitudes above VA or below GND will not damage this device, provided
current is limited per Note 4 of the Absolute Maximum Ratings Table. However, errors in the A/D conversion can occur if the input goes
above 2.6V or below GND as described in the Operating Ratings section. See Figure 2.
(2)
With a full scale differential input of 2VP-P , the 14-bit LSB is 122.1 µV.
(3)
Typical figures are at TA = 25°C and represent most likely parametric norms at the time of product characterization. The typical
specifications are not ensured.
(4)
Parameters specified in dBFS indicate the value that would be attained with a full-scale input signal.
Logic and Power Supply Electrical Characteristics
Unless otherwise specified, the following specifications apply: AGND = DRGND = 0V, VA = +3.3V, VDR = +2.5V, Internal VREF
= +1.2V, fCLK = 105 MHz, 50% Duty Cycle, DCS disabled, VCM = VCMO, CL = 5 pF/pin. Typical values are for TA = 25°C.
Boldface limits apply for TMIN ≤ TA ≤ TMAX. All other limits apply for TA = 25°C
(1) (2)
Units
Parameter
Test Conditions
Typical(3)
Limits
(Limits)
DIGITAL INPUT CHARACTERISTICS (CLK, PD)
VIN(1)
Logical “1” Input Voltage
VD = 3.6V
2.0
V (min)
VIN(0)
Logical “0” Input Voltage
VD = 3.0V
0.8
V (max)
(1)
The inputs are protected as shown below. Input voltage magnitudes above VA or below GND will not damage this device, provided
current is limited per Note 4 of the Absolute Maximum Ratings Table. However, errors in the A/D conversion can occur if the input goes
above 2.6V or below GND as described in the Operating Ratings section. See Figure 2.
(2)
With a full scale differential input of 2VP-P , the 14-bit LSB is 122.1 µV.
(3)
Typical figures are at TA = 25°C and represent most likely parametric norms at the time of product characterization. The typical
specifications are not ensured.
8
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: ADC14C105


Similar Part No. - ADC14C105

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC14C105 NSC-ADC14C105 Datasheet
614Kb / 17P
   14-Bit, 65/80/95/105 MSPS A/D Converter
ADC14C105 NSC-ADC14C105 Datasheet
453Kb / 24P
   14-Bit, 95/105 MSPS A/D Converter
logo
Texas Instruments
ADC14C105 TI1-ADC14C105 Datasheet
1Mb / 30P
[Old version datasheet]   14-Bit, 95/105 MSPS A/D Converter
logo
National Semiconductor ...
ADC14C105CISQ NSC-ADC14C105CISQ Datasheet
614Kb / 17P
   14-Bit, 65/80/95/105 MSPS A/D Converter
ADC14C105CISQ NSC-ADC14C105CISQ Datasheet
453Kb / 24P
   14-Bit, 95/105 MSPS A/D Converter
More results

Similar Description - ADC14C105

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12C105 TI1-ADC12C105 Datasheet
1Mb / 32P
[Old version datasheet]   95/105 MSPS A/D Converter
logo
National Semiconductor ...
ADC14C105 NSC-ADC14C105_07 Datasheet
453Kb / 24P
   14-Bit, 95/105 MSPS A/D Converter
ADC12C105 NSC-ADC12C105 Datasheet
451Kb / 24P
   12-Bit, 95/105 MSPS A/D Converter
logo
Texas Instruments
ADC14C105 TI1-ADC14C105_14 Datasheet
1Mb / 30P
[Old version datasheet]   14-Bit, 95/105 MSPS A/D Converter
logo
National Semiconductor ...
ADC14C065 NSC-ADC14C065 Datasheet
614Kb / 17P
   14-Bit, 65/80/95/105 MSPS A/D Converter
logo
Texas Instruments
ADC12DC105 TI1-ADC12DC105_15 Datasheet
1Mb / 26P
[Old version datasheet]   105 MSPS A/D Converter
ADC12DS105 TI1-ADC12DS105 Datasheet
1Mb / 35P
[Old version datasheet]   105 MSPS A/D Converter
logo
Analog Devices
AD6645ASQZ-105 AD-AD6645ASQZ-105 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645ASVZ-80 AD-AD6645ASVZ-80 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645 AD-AD6645_15 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com