Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC16DX370RMER Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADC16DX370RMER
Description  ADC16DX370 Dual 16-Bit 370 MSPS ADC
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC16DX370RMER Datasheet(HTML) 3 Page - Texas Instruments

  ADC16DX370RMER Datasheet HTML 1Page - Texas Instruments ADC16DX370RMER Datasheet HTML 2Page - Texas Instruments ADC16DX370RMER Datasheet HTML 3Page - Texas Instruments ADC16DX370RMER Datasheet HTML 4Page - Texas Instruments ADC16DX370RMER Datasheet HTML 5Page - Texas Instruments ADC16DX370RMER Datasheet HTML 6Page - Texas Instruments ADC16DX370RMER Datasheet HTML 7Page - Texas Instruments ADC16DX370RMER Datasheet HTML 8Page - Texas Instruments ADC16DX370RMER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 77 page
background image
VINB±
VINB+
VINA±
AGND
VCMB
VINA+
VA3.0
ADC16DX370
(Top View)
1
2
3
4
5
7
6
8
9
10
11
12
EXPOSED PAD ON BOTTOM OF
PACKAGE, PIN 0
AGND
VCMA
AGND
VA3.0
VA1.2
31
32
29
30
34
35
33
36
SA1±
SA1+
SA0±
SA0+
SB1+
SB1±
SB0+
SB0±
AGND
VA1.2
AGND
BP2.5
VA3.0
VA1.8
13
14
39
40
37
38
42
41
AGND
VA1.8
ADC16DX370
www.ti.com
SNVSA18C – APRIL 2014 – REVISED AUGUST 2014
5 Pin Configuration and Functions
WQFN PACKAGE
56 PINS
(TOP VIEW)
Pin Functions
PIN
TYPE OR DIAGRAM
DESCRIPTION
NAME
NUMBER
3, 6, 9, 12, 16,
Analog ground
AGND
19, 22, 31, 40,
Analog ground
Must be connected to a solid ground reference plane
49, 52, 55
under the device.
Capacitive bypassing pin for internally regulated 2.5-V
supply
BP2.5
41
Bypass pins
This pin must be decoupled to AGND with a 0.1-
μF
and a 10-µF capacitor located close to the pin.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: ADC16DX370


Similar Part No. - ADC16DX370RMER

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC16DV160 NSC-ADC16DV160 Datasheet
710Kb / 26P
   Dual Channel, 16-Bit, 160 MSPS Analog-to-Digital Converter with DDR LVDS Outputs
logo
Texas Instruments
ADC16DV160 TI1-ADC16DV160 Datasheet
1Mb / 36P
[Old version datasheet]   Dual Channel, 16-Bit, 160 MSPS Analog-to-Digital Converter with DDR LVDS Outputs
ADC16DV160 TI1-ADC16DV160 Datasheet
1Mb / 38P
[Old version datasheet]   160 MSPS Analog-to-Digital Converter
logo
National Semiconductor ...
ADC16DV160CILQ NSC-ADC16DV160CILQ Datasheet
710Kb / 26P
   Dual Channel, 16-Bit, 160 MSPS Analog-to-Digital Converter with DDR LVDS Outputs
logo
Texas Instruments
ADC16DV160CILQ/NOPB TI1-ADC16DV160CILQ/NOPB Datasheet
1Mb / 38P
[Old version datasheet]   160 MSPS Analog-to-Digital Converter
More results

Similar Description - ADC16DX370RMER

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9460 AD-AD9460 Datasheet
1Mb / 32P
   16-Bit, 80 MSPS/105 MSPS ADC
REV. 0
AD4630-16 AD-AD4630-16 Datasheet
1Mb / 49P
   16-Bit, 2 MSPS, Dual Channel SAR ADC
Rev. 0
AD9460 AD-AD9460_17 Datasheet
1Mb / 33P
   16-Bit, 80 MSPS/105 MSPS ADC
AD9460 AD-AD9460_15 Datasheet
1Mb / 32P
   16-Bit, 80 MSPS/105 MSPS ADC
REV. 0
AD7671 AD-AD7671_15 Datasheet
675Kb / 24P
   16-Bit, 1 MSPS CMOS ADC
REV. C
AD7623 AD-AD7623 Datasheet
444Kb / 29P
   16-Bit, 1.33 MSPS PulSAR ADC
AD9446 AD-AD9446_17 Datasheet
707Kb / 37P
   16-Bit, 80/100 MSPS ADC
AD7671ASTZ AD-AD7671ASTZ Datasheet
675Kb / 24P
   16-Bit, 1 MSPS CMOS ADC
REV. C
AD9446-80LVDS AD-AD9446-80LVDS Datasheet
959Kb / 36P
   16-Bit, 80/100 MSPS ADC
REV. 0
AD7671 AD-AD7671 Datasheet
590Kb / 25P
   16-Bit, 1 MSPS CMOS ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com