Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC16V130 Datasheet(PDF) 8 Page - Texas Instruments

Part # ADC16V130
Description  130 MSPS A/D Converter With LVDS Outputs
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC16V130 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADC16V130_15 Datasheet HTML 4Page - Texas Instruments ADC16V130_15 Datasheet HTML 5Page - Texas Instruments ADC16V130_15 Datasheet HTML 6Page - Texas Instruments ADC16V130_15 Datasheet HTML 7Page - Texas Instruments ADC16V130_15 Datasheet HTML 8Page - Texas Instruments ADC16V130_15 Datasheet HTML 9Page - Texas Instruments ADC16V130_15 Datasheet HTML 10Page - Texas Instruments ADC16V130_15 Datasheet HTML 11Page - Texas Instruments ADC16V130_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
ADC16V130
SNAS458E – NOVEMBER 2008 – REVISED MARCH 2013
www.ti.com
Dynamic Converter Electrical Characteristics (continued)
Unless otherwise specified, the following specifications apply: VA3.0 = +3.0V, VA1.8 = VAD1.8 = VDR = +1.8V, fCLK = 130 MSPS,
AIN = -1dBFS, LVDS Rterm = 100 Ω, CL = 5 pF. Typical values are for TA = 25°C. Boldface limits apply for TMIN ≤ TA ≤ TMAX.
All other limits apply for TA = 25°C, unless otherwise noted.
(1)
Symbol
Parameter
Conditions
Typ
Limits
Units
Full Power Bandwidth
-3dB Compression Point
1.4
GHz
Power Supply Electrical Characteristics
Unless otherwise specified, the following specifications apply: VA3.0 = +3.0V, VA1.8 = VAD1.8 = VDR = +1.8V, fCLK = 130 MSPS,
AIN = -1dBFS, LVDS Rterm = 100 Ω, CL = 5 pF. Typical values are for TA = 25°C. Boldface limits apply for TMIN ≤ TA ≤ TMAX.
All other limits apply for TA = 25°C, unless otherwise noted.
(1)
Units
Symbol
Parameter
Conditions
Typical
Limits
(Limits)
IA3.0
Analog 3.0V Supply Current
Full Operation(2)
174.5
208
mA (max)
IA1.8
Analog 1.8V Supply Current
Full Operation(2)
36
42
mA (max)
IAD1.8R
Digital 1.8V Supply Current
Full Operation (2)
34
41
mA (max)
IDR
Output Driver Supply Current
Full Operation
58.3
mA
Core Power Consumption
Excludes IDR
(2)
650
773
mW (max)
Current drawn from the VDR supply; Fin =
Driver Power Consumption
105
mW
10 MHz Rterm = 100
Normal operation; Fin = 10 MHz
755
mW
Total Power Consumption
Power down state, with external clock
3
mW
Sleep state, with external clock
30
mW
(1)
The inputs are protected as shown below. Input voltage magnitudes above VA3.0 or below GND will not damage this device, provided
current is limited per Note 4 of the Absolute Maximum Ratings table. However, errors in the A/D conversion can occur if the input goes
above 2.6V or below GND as described in the Operating Ratings section see Figure 1.
(2)
This parameter is ensured only at 25°C. For power dissipation over temperature range, refer to Core Power vs. Temperature plot in
Typical Performance Characteristics, Dynamic Performance
LVDS Electrical Characteristics
Unless otherwise specified, the following specifications apply: VA3.0 = +3.0V, VA1.8 = VAD1.8 = VDR = +1.8V, fCLK = 130 MSPS,
AIN = -1dBFS, LVDS Rterm = 100 Ω, CL = 5 pF. Typical values are for TA = 25°C. Boldface limits apply for TMIN ≤ TA ≤ TMAX.
All other limits apply for TA = 25°C, unless otherwise noted.
(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
LVDS DC SPECIFICATIONS (apply to pins DO to D15, OR)
VOD
Output Differential Voltage
100
Ω Differential Load
175
250
325
mV
VOS
Output Offset Voltage
100
Ω Differential Load
1.15
1.2
1.25
V
IOS
Output Short Circuit Current
0
Ω Differential Load
2.5
mA
IOZ
Output Open Circuit Current
Termination is open
-20
± 1
20
µA
(1)
The inputs are protected as shown below. Input voltage magnitudes above VA3.0 or below GND will not damage this device, provided
current is limited per Note 4 of the Absolute Maximum Ratings table. However, errors in the A/D conversion can occur if the input goes
above 2.6V or below GND as described in the Operating Ratings section see Figure 1.
8
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: ADC16V130


Similar Part No. - ADC16V130_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC16V130 TI1-ADC16V130_14 Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, 130 MSPS A/D Converter With LVDS Outputs
More results

Similar Description - ADC16V130_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC16V130 TI1-ADC16V130_14 Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, 130 MSPS A/D Converter With LVDS Outputs
logo
National Semiconductor ...
ADC16V130 NSC-ADC16V130 Datasheet
585Kb / 24P
   16-Bit, 130 MSPS A/D Converter with LVDS Outputs
logo
Texas Instruments
ADC14DS080 TI1-ADC14DS080 Datasheet
1Mb / 36P
[Old version datasheet]   80 MSPS A/D Converter with Serial LVDS Outputs
ADC14V155 TI1-ADC14V155_14 Datasheet
1Mb / 29P
[Old version datasheet]   155 MSPS, 1.1 GHz Bandwidth A/D Converter with LVDS Outputs
ADC12QS065 TI1-ADC12QS065_14 Datasheet
1Mb / 33P
[Old version datasheet]   Quad 12-Bit 65 MSPS A/D Converter with LVDS Serialized Outputs
logo
National Semiconductor ...
ADC11DS105 NSC-ADC11DS105 Datasheet
494Kb / 24P
   Dual 11-Bit, 105 MSPS A/D Converter with Serial LVDS Outputs
ADC12DS105 NSC-ADC12DS105_08 Datasheet
499Kb / 26P
   Dual 12-Bit, 105 MSPS A/D Converter with Serial LVDS Outputs
ADC14DS080_0712 NSC-ADC14DS080_0712 Datasheet
592Kb / 28P
   Dual 14-Bit, 80 MSPS A/D Converter with Serial LVDS Outputs
ADC12QS065 NSC-ADC12QS065 Datasheet
694Kb / 18P
   Quad 12-Bit 65 MSPS A/D Converter with LVDS Serialized Outputs
ADC14DS105_0712 NSC-ADC14DS105_0712 Datasheet
597Kb / 28P
   Dual 14-Bit, 105 MSPS A/D Converter with Serial LVDS Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com