Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC3244IRGZT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # ADC3244IRGZT
Description  Analog-to-Digital Converters
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3244IRGZT Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADC3244IRGZT Datasheet HTML 5Page - Texas Instruments ADC3244IRGZT Datasheet HTML 6Page - Texas Instruments ADC3244IRGZT Datasheet HTML 7Page - Texas Instruments ADC3244IRGZT Datasheet HTML 8Page - Texas Instruments ADC3244IRGZT Datasheet HTML 9Page - Texas Instruments ADC3244IRGZT Datasheet HTML 10Page - Texas Instruments ADC3244IRGZT Datasheet HTML 11Page - Texas Instruments ADC3244IRGZT Datasheet HTML 12Page - Texas Instruments ADC3244IRGZT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 82 page
background image
9
ADC3241, ADC3242, ADC3243, ADC3244
www.ti.com
SBAS671C – JULY 2014 – REVISED MARCH 2016
Product Folder Links: ADC3241 ADC3242 ADC3243 ADC3244
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
(1)
Reported from a 1-MHz offset.
7.8 AC Performance: ADC3241
Typical values are over the operating free-air temperature range, at TA = 25°C, full temperature range is TMIN = –40°C to TMAX
= 85°C, ADC sampling rate = 25 MSPS, 50% clock duty cycle, AVDD = DVDD = 1.8 V, and –1-dBFS differential input, unless
otherwise noted.
PARAMETER
TEST CONDITIONS
ADC3241 (fS = 25 MSPS)
UNIT
DITHER ON
DITHER OFF
MIN
TYP
MAX
MIN
TYP
MAX
DYNAMIC AC CHARACTERISTICS
SNR
Signal-to-noise ratio
(from 1-MHz offset)
fIN = 10 MHz
73.3
73.7
dBFS
fIN = 20 MHz
69.7
73.4
73.7
fIN = 70 MHz
72.8
73.2
fIN = 100 MHz
72.4
72.8
fIN = 170 MHz
71.3
71.6
fIN = 230 MHz
70.1
70.4
Signal-to-noise ratio
(full Nyquist band)
fIN = 10 MHz
72.2
72.6
dBFS
fIN = 20 MHz
72.3
72.6
fIN = 70 MHz
71.8
72.2
fIN = 100 MHz
71.5
71.9
fIN = 170 MHz
70.5
70.8
fIN = 230 MHz
69.3
69.6
NSD(1)
Noise spectral density
(averaged across Nyquist zone)
fIN = 10 MHz
–143.9
–144.3
dBFS/Hz
fIN = 20 MHz
–144.0 –140.7
–144.3
fIN = 70 MHz
–143.4
–143.8
fIN = 100 MHz
–143.0
–143.4
fIN = 170 MHz
–141.9
–142.2
fIN = 230 MHz
–140.7
–141.0
SINAD(1)
Signal-to-noise and distortion
ratio
fIN = 10 MHz
73.3
73.5
dBFS
fIN = 20 MHz
69.1
73.1
73.5
fIN = 70 MHz
72.8
72.9
fIN = 100 MHz
72.2
72.4
fIN = 170 MHz
71.2
71.2
fIN = 230 MHz
69.7
69.7
ENOB(1)
Effective number of bits
fIN = 10 MHz
11.9
11.9
Bits
fIN = 20 MHz
11.2
11.8
11.9
fIN = 70 MHz
11.8
11.8
fIN = 100 MHz
11.7
11.7
fIN = 170 MHz
11.5
11.5
fIN = 230 MHz
11.3
11.3
SFDR
Spurious-free dynamic range
fIN = 10 MHz
95
87
dBc
fIN = 20 MHz
84
94
89
fIN = 70 MHz
92
86
fIN = 100 MHz
85
81
fIN = 170 MHz
86
83
fIN = 230 MHz
81
79


Similar Part No. - ADC3244IRGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC3244E TI1-ADC3244E Datasheet
2Mb / 55P
[Old version datasheet]   Dual-channel, 14-bit, 125-MSPS analog-to-digital converter
ADC3244EIRGZT TI1-ADC3244EIRGZT Datasheet
2Mb / 55P
[Old version datasheet]   Dual-channel, 14-bit, 125-MSPS analog-to-digital converter
More results

Similar Description - ADC3244IRGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS822 TI1-ADS822_15 Datasheet
882Kb / 18P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTERS
logo
DATEL, Inc.
DAC-88GC-2-C DATEL-DAC-88GC-2-C Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-88GE-2 DATEL-DAC-88GE-2 Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-88GM-2-C DATEL-DAC-88GM-2-C Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-HF12BMM DATEL-DAC-HF12BMM Datasheet
115Kb / 1P
   Digital-to-Analog Converters
DAC-HF12BMC DATEL-DAC-HF12BMC Datasheet
115Kb / 1P
   Digital-to-Analog Converters
DAC-HF10BMM-C DATEL-DAC-HF10BMM-C Datasheet
115Kb / 1P
   Digital-to-Analog Converters
DAC-88ME-C DATEL-DAC-88ME-C Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-88ME-2 DATEL-DAC-88ME-2 Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-88ME DATEL-DAC-88ME Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-HP16BME-1 DATEL-DAC-HP16BME-1 Datasheet
115Kb / 1P
   Digital-to-Analog Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com