Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5120CZHK Datasheet(PDF) 4 Page - Texas Instruments

Part # ADS5120CZHK
Description  8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5120CZHK Datasheet(HTML) 4 Page - Texas Instruments

  ADS5120CZHK Datasheet HTML 1Page - Texas Instruments ADS5120CZHK Datasheet HTML 2Page - Texas Instruments ADS5120CZHK Datasheet HTML 3Page - Texas Instruments ADS5120CZHK Datasheet HTML 4Page - Texas Instruments ADS5120CZHK Datasheet HTML 5Page - Texas Instruments ADS5120CZHK Datasheet HTML 6Page - Texas Instruments ADS5120CZHK Datasheet HTML 7Page - Texas Instruments ADS5120CZHK Datasheet HTML 8Page - Texas Instruments ADS5120CZHK Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
ADS5120
4
SBAS247E
www.ti.com
PARAMETER
CONDITION
MIN
TYP
MAX
UNITS
Maximum Conversion Rate
1
40
MSPS
Clock Duty Cycle
DCASEL Enabled
30 to 70
%
Data Latency(1)
7
Clk Cycles
Clock
↓ to Data Valid
tDO(1)
810
ns
OE
↓ to Outputs Enabled
tEN(1)
8ns
OE
↑ Rising to Outputs Tri-Stated
tDIS
8ns
Aperture Delay
1ns
Aperture Uncertainty (Jitter)
2
ps, r ms
NOTE: (1) See Timing Diagram.
ADS5120
TARGETED AC CHARACTERISTICS
AVDD = DVDD = 1.8V, DRVDD = 3.3V, 50% Clock Duty Cycle, CLK = 40MSPS, Analog input at –0.5dBFS Input Span, Internal voltage reference, TMIN = 0°C,
TMAX = 70°C, and typical values are at TA = 25°C, unless otherwise noted.
ADS5120
SWITCHING CHARACTERISTICS
AVDD = DVDD = 1.8V, DRVDD = 3.3V, 50% Clock Duty Cycle, CLK = 40MSPS, Analog input at –0.5dBFS Input Span, Internal voltage reference, TMIN = 0°C,
and TMAX = 70°C. Typical values are at TA = 25°C, unless otherwise noted.
PARAMETER
CONDITION
MIN
TYP
MAX
UNITS
Signal-to-Noise Ratio
(SNR)
fIN = 3.5MHz
55
58
dB
fIN = 10MHz
55
58
dB
fIN = 20MHz
58
dB
Signal-to-Noise and Distortion
(SINAD)
fIN = 3.5MHz
55
57
dB
fIN = 10MHz
55
57
dB
fIN = 20MHz
57
dB
Effective Number of Bits
(ENOB)
fIN = 3.5MHz
8.8
9.2
Bits
fIN = 10MHz
8.8
9.2
Bits
fIN = 20MHz
8.8
9.2
Bits
Spurious-Free Dynamic Range
(SFDR)
fIN = 3.5MHz
65
73
dBc
fIN = 10MHz
65
72
dBc
fIN = 20MHz
72
dBc
2nd-Harmonic Distortion
(HD2)
fIN = 3.5MHz
68
79
dBc
fIN = 10MHz
68
80
dBc
fIN = 20MHz
80
dBc
3rd-Harmonic Distortion
(HD3)
fIN = 3.5MHz
65
76
dBc
fIN = 10MHz
65
78
dBc
fIN = 20MHz
73
dBc
2-Tone Intermodulation Distortion
(IMD)
f1 = 4.43MHz, f2 = 4.53MHz at –6.5dB
–69
dBFS
Channel-to-Channel Crosstalk
fIN = 10MHz, DRVDD = 3.3V
89
dB
Large-Signal Bandwidth
(FPBW)
300
MHz
Over-Voltage Recovery Time(1)
20
ns
Differential Gain(1)
±1%
Differential Phase(1)
±0.25
Degree
NOTE: (1) Assured by design.
TIMING DIAGRAM (Per ADC Channel)
Analog
Input
CLK
OE
D[9:0]
S – 6
S – 7S – 5S – 4S – 3S – 2S – 1S1
S2
t
DO
t
DIS
t
EN
Sample 1
Sample 2
910
8
7
6
5
4
3
2
1


Similar Part No. - ADS5120CZHK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5120CGHK TI-ADS5120CGHK Datasheet
325Kb / 18P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS5120CZHK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5120 TI-ADS5120 Datasheet
325Kb / 18P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5121 TI1-ADS5121_13 Datasheet
494Kb / 21P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5121 TI-ADS5121 Datasheet
404Kb / 17P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5122 TI-ADS5122 Datasheet
393Kb / 19P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5122 TI1-ADS5122_13 Datasheet
504Kb / 21P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5270 TI1-ADS5270_13 Datasheet
1Mb / 31P
[Old version datasheet]   8-Channel, 12-Bit, 40MSPS Analog-to-Digital Converter
ADS5203 TI-ADS5203 Datasheet
476Kb / 15P
[Old version datasheet]   DUAL 10-BIT 40MSPS LOW-POWER ANALOG-TO-DIGITAL CONVERTER
DAC2932 TI1-DAC2932 Datasheet
829Kb / 29P
[Old version datasheet]   Dual, 12-Bit, 40MSPS Digital-to-analog Converter
logo
Burr-Brown (TI)
DAC2932 BURR-BROWN-DAC2932 Datasheet
343Kb / 24P
   DUAL 12-BIT 40MSPS DIGITAL TO ANALOG CONVERTER
logo
Texas Instruments
ADS5277 TI1-ADS5277_14 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com