Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC122S706 Datasheet(PDF) 8 Page - Texas Instruments

Part # ADC122S706
Description  Dual 12-Bit, 500 kSPS to 1 MSPS, Simultaneous Sampling A/D Converter
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC122S706 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADC122S706_15 Datasheet HTML 4Page - Texas Instruments ADC122S706_15 Datasheet HTML 5Page - Texas Instruments ADC122S706_15 Datasheet HTML 6Page - Texas Instruments ADC122S706_15 Datasheet HTML 7Page - Texas Instruments ADC122S706_15 Datasheet HTML 8Page - Texas Instruments ADC122S706_15 Datasheet HTML 9Page - Texas Instruments ADC122S706_15 Datasheet HTML 10Page - Texas Instruments ADC122S706_15 Datasheet HTML 11Page - Texas Instruments ADC122S706_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
DOUT
CS
VIH
tDIS
90%
10%
90%
10%
DOUT
90%
10%
SCLK
CS
tCSSU
1
2
VIL
2.4V
0.8V
DOUT
SCLK
tDH
tDA
DOUT
tf
tr
2.4V
0.8V
DOUTB
SCLK
CS
tCONV
MSB
tACQ
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
HI-Z
DB10 DB9
DB8
DB7
DB6
DB11
DB5
DB4
DB3
DB2
DB1
DB0
LSB
tCONV
tACQ
3
4
5
6
1
2
7
8
MSB
DB10 DB9
DB8
DB11
DOUTA
MSB
HI-Z
DB10 DB9
DB8
DB7
DB6
DB11
DB5
DB4
DB3
DB2
DB1
DB0
LSB
MSB
DB10 DB9
DB8
DB11
tPD
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
tACQ
tCONV
DB11 DB10 DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
DOUTA
SCLK
CS
4 Leading Zeroes
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
tPower Down
DB11 DB10 DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
DOUTA
SCLK
CS
4 Leading Zeroes
Channel A Data
Channel B Data
ADC122S706
SNAS408A – NOVEMBER 2007 – REVISED MARCH 2013
www.ti.com
Figure 2. ADC122S706 Single Conversion Timing Diagram (SINGLE Data Output Mode)
Figure 3. ADC122S706 Continuous Conversion Timing Diagram (DUAL Data Output Mode)
Figure 4. DOUT Rise and Fall Times
Figure 5. DOUT Hold and Access Times
Figure 6. Valid CS Assertion Times
Figure 7. Voltage Waveform for tDIS
8
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: ADC122S706


Similar Part No. - ADC122S706_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC122S706 TI1-ADC122S706_14 Datasheet
1Mb / 31P
[Old version datasheet]   Dual 12-Bit, 500 kSPS to 1 MSPS, Simultaneous Sampling A/D Converter
More results

Similar Description - ADC122S706_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC122S706 TI1-ADC122S706_14 Datasheet
1Mb / 31P
[Old version datasheet]   Dual 12-Bit, 500 kSPS to 1 MSPS, Simultaneous Sampling A/D Converter
logo
National Semiconductor ...
ADC122S706 NSC-ADC122S706 Datasheet
559Kb / 24P
   Dual 12-Bit, 500 kSPS to 1 MSPS, Simultaneous Sampling A/D Converter
logo
Texas Instruments
ADC122S655 TI1-ADC122S655_15 Datasheet
1Mb / 28P
[Old version datasheet]   Dual 12-Bit, 200 kSPS to 500 kSPS, Simultaneous Sampling A/D Converter
logo
National Semiconductor ...
ADC122S655 NSC-ADC122S655 Datasheet
498Kb / 20P
   Dual 12-Bit, 200 kSPS to 500 kSPS, Simultaneous Sampling A/D Converter
logo
Texas Instruments
ADC122S655 TI1-ADC122S655_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC122S655 Dual 12-Bit, 200 kSPS to 500 kSPS, Simultaneous Sampling A/D Converter
ADC122S625 TI1-ADC122S625_15 Datasheet
1Mb / 28P
[Old version datasheet]   Dual 12-Bit, 50 kSPS to 200 kSPS, Simultaneous Sampling A/D Converter
logo
National Semiconductor ...
ADC122S625 NSC-ADC122S625 Datasheet
496Kb / 20P
   Dual 12-Bit, 50 kSPS to 200 kSPS, Simultaneous Sampling A/D Converter
logo
Texas Instruments
ADC122S625 TI1-ADC122S625_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC122S625 Dual 12-Bit, 50 kSPS to 200 kSPS, Simultaneous Sampling A/D Converter
ADC128S102 TI1-ADC128S102_14 Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 500 ksps to 1 Msps, 12-Bit A/D Converter
ADC122S101 TI1-ADC122S101_14 Datasheet
1Mb / 25P
[Old version datasheet]   2 Channel, 500 ksps to 1 Msps 12-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com