Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5292 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5292
Description  Octal Channel 12-Bit, 80 MSPS and Low-Power ADC
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5292 Datasheet(HTML) 5 Page - Texas Instruments

  ADS5292 Datasheet HTML 1Page - Texas Instruments ADS5292 Datasheet HTML 2Page - Texas Instruments ADS5292 Datasheet HTML 3Page - Texas Instruments ADS5292 Datasheet HTML 4Page - Texas Instruments ADS5292 Datasheet HTML 5Page - Texas Instruments ADS5292 Datasheet HTML 6Page - Texas Instruments ADS5292 Datasheet HTML 7Page - Texas Instruments ADS5292 Datasheet HTML 8Page - Texas Instruments ADS5292 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 67 page
background image
ADS5292
www.ti.com
SLAS788B – NOVEMBER 2011 – REVISED JULY 2012
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
MIN
MAX
Supply voltage
AVDD
–0.3
2.2
V
LVDD
–0.3
2.2
V
Voltage
between AGND and LGND
–0.3
0.3
V
at analog inputs
–0.3
min[2.2, AVDD+0.3]
V
at digital inputs, CLKN, CLKP(2), RESET, SCLK, SDATA, CSZ
–0.3
min[2.2, AVDD+0.3]
V
at digital outputs
–0.3
min[2.2,LVDD+0.3]
V
Maximum junction temperature (TJ), any condition
105
°C
Storage temperature range
–55
150
°C
Operating temperature range
-40
85
°C
Human Body Model (HBM)
2000
V
ESD Ratings
Charged Device Model (CDM)
500
V
(1)
Stresses above those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating
conditions” is not implied Exposure to absolute maximum rated conditions for extended periods may degrade device reliability.
(2)
When AVDD is turned off, it is recommended to switch off the input clock (or ensure the voltage on CLKP, CLKN is < |0.3V|. This
prevents the ESD protection diodes at the clock input pins from turning on.
THERMAL INFORMATION
ADS5292
THERMAL METRIC(1)
UNITS
PFP (80 PINS)
θJA
Junction-to-ambient thermal resistance
30.8
θJCtop
Junction-to-case (top) thermal resistance
6.3
θJB
Junction-to-board thermal resistance
8.3
°C/W
ψJT
Junction-to-top characterization parameter
0.2
ψJB
Junction-to-board characterization parameter
8.2
θJCbot
Junction-to-case (bottom) thermal resistance
0.3
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s) :ADS5292


Similar Part No. - ADS5292

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5292 TI1-ADS5292 Datasheet
2Mb / 67P
[Old version datasheet]   Octal Channel 12-Bit, 80 MSPS and Low-Power ADC
ADS5292IPFP TI1-ADS5292IPFP Datasheet
2Mb / 67P
[Old version datasheet]   Octal Channel 12-Bit, 80 MSPS and Low-Power ADC
ADS5292IPFPR TI1-ADS5292IPFPR Datasheet
2Mb / 67P
[Old version datasheet]   Octal Channel 12-Bit, 80 MSPS and Low-Power ADC
ADS5292IPFPT TI1-ADS5292IPFPT Datasheet
2Mb / 67P
[Old version datasheet]   Octal Channel 12-Bit, 80 MSPS and Low-Power ADC
More results

Similar Description - ADS5292

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5292 TI1-ADS5292 Datasheet
2Mb / 67P
[Old version datasheet]   Octal Channel 12-Bit, 80 MSPS and Low-Power ADC
ADS5294 TI1-ADS5294 Datasheet
2Mb / 67P
[Old version datasheet]   Octal Channel 14-Bit, 80 MSPS High-SNR and Low-Power ADC
ADS5294IPFP TI1-ADS5294IPFP Datasheet
2Mb / 67P
[Old version datasheet]   Octal Channel 14-Bit, 80 MSPS High-SNR and Low-Power ADC
ADS5294 TI1-ADS5294_15 Datasheet
2Mb / 81P
[Old version datasheet]   Octal-Channel 14-Bit 80-MSPS High-SNR and Low-Power ADC
VSP5324-Q1 TI1-VSP5324-Q1 Datasheet
1Mb / 59P
[Old version datasheet]   4-Channel, 12-Bit, 80-MSPS ADC
logo
Analog Devices
AD9432 AD-AD9432_09 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. F
AD9432 AD-AD9432_17 Datasheet
441Kb / 17P
   12-Bit, 80 MSPS/105 MSPS ADC
AD9432BSQZ-80 AD-AD9432BSQZ-80 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. E
AD9432 AD-AD9432_15 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. F
logo
Texas Instruments
AFE58JD16 TI1-AFE58JD16 Datasheet
199Kb / 9P
[Old version datasheet]   12-Bit, 80-MSPS ADC and Passive CW Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com