Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5296ARGCT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5296ARGCT
Description  10-Bit, 200-MSPS, 4-Channel and 12-Bit, 80-MSPS, 8-Channel Analog-to-Digital Converter
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5296ARGCT Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS5296ARGCT Datasheet HTML 6Page - Texas Instruments ADS5296ARGCT Datasheet HTML 7Page - Texas Instruments ADS5296ARGCT Datasheet HTML 8Page - Texas Instruments ADS5296ARGCT Datasheet HTML 9Page - Texas Instruments ADS5296ARGCT Datasheet HTML 10Page - Texas Instruments ADS5296ARGCT Datasheet HTML 11Page - Texas Instruments ADS5296ARGCT Datasheet HTML 12Page - Texas Instruments ADS5296ARGCT Datasheet HTML 13Page - Texas Instruments ADS5296ARGCT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 107 page
background image
Input Clock
Frequency = fS
LCLKP
LCLKN
Output Data
Rate = 12x fS
Input Signal
Sample
N
tA
CLKN
CLKP
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
D11
D10
D9
D8
D7
D6
D5
D4
ADCLKN
ADCLKP
Bit Clock
Frequency = 6x fS
Frame Clock
Frequency = 1x fS
OUTP
OUTN
Sample N-1
Sample N
Latency = 12 Clocks
Sample
N + 12
Sample
N + 11
Sample
N + 13
tPDI
D1
D0
D3
D2
D11
D10
D9
D8
OUTP
OUTN
GND
Logic 0
V
= 350 mV
-
ODL
(1)
Logic 1
V
= +350 mV
ODH
(1)
V
OCM
ADS5296A
SBAS631 – OCTOBER 2013
www.ti.com
PARAMETRIC MEASUREMENT INFORMATION
Figure 1 shows a timing diagram of the LVDS output voltage levels.
(1) With an external 100-
Ω termination.
Figure 1. LVDS Output Voltage Levels
Figure 2 shows the latency timing diagram.
Figure 2. Latency Timing Diagram
10
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: ADS5296A


Similar Part No. - ADS5296ARGCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5296 TI-ADS5296 Datasheet
2Mb / 104P
[Old version datasheet]   10-Bit, 200-MSPS, 4-Channel and 12-Bit, 80-MSPS, 8-Channel Analog-to-Digital Converter
ADS5296RGCR TI-ADS5296RGCR Datasheet
2Mb / 104P
[Old version datasheet]   10-Bit, 200-MSPS, 4-Channel and 12-Bit, 80-MSPS, 8-Channel Analog-to-Digital Converter
ADS5296RGCT TI-ADS5296RGCT Datasheet
2Mb / 104P
[Old version datasheet]   10-Bit, 200-MSPS, 4-Channel and 12-Bit, 80-MSPS, 8-Channel Analog-to-Digital Converter
More results

Similar Description - ADS5296ARGCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5296 TI-ADS5296 Datasheet
2Mb / 104P
[Old version datasheet]   10-Bit, 200-MSPS, 4-Channel and 12-Bit, 80-MSPS, 8-Channel Analog-to-Digital Converter
ADS5522IPAP TI-ADS5522IPAP Datasheet
1Mb / 32P
[Old version datasheet]   12-Bit, 80 MSPS Analog-To-Digital Converter
ADS5522IPAP TI1-ADS5522IPAP Datasheet
1Mb / 32P
[Old version datasheet]   12-Bit, 80 MSPS Analog-To-Digital Converter
ADS5295 TI-ADS5295 Datasheet
2Mb / 91P
[Old version datasheet]   12-Bit, 100-MSPS, 8-Channel Analog-to-Digital Converter
ADS5410 TI-ADS5410 Datasheet
283Kb / 14P
[Old version datasheet]   12-BIT, 80 MSPS CommsADCTM ANALOG-TO-DIGITAL CONVERTER
DAC5662-EP TI1-DAC5662-EP Datasheet
670Kb / 29P
[Old version datasheet]   DUAL 12-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5662 TI-DAC5662 Datasheet
299Kb / 22P
[Old version datasheet]   DUAL, 12-BIT 200 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5652-EP TI-DAC5652-EP_15 Datasheet
636Kb / 28P
[Old version datasheet]   DUAL 10-BIT, 200 MSPS, DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
AD9233 AD-AD9233 Datasheet
1Mb / 44P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
logo
Texas Instruments
DAC5652-EP TI1-DAC5652-EP Datasheet
643Kb / 27P
[Old version datasheet]   DUAL 10-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com