Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC10321 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADC10321
Description  10-Bit, 20MSPS, 98mW A/D Converter with Internal Sample and Hold
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC10321 Datasheet(HTML) 1 Page - Texas Instruments

  ADC10321 Datasheet HTML 1Page - Texas Instruments ADC10321 Datasheet HTML 2Page - Texas Instruments ADC10321 Datasheet HTML 3Page - Texas Instruments ADC10321 Datasheet HTML 4Page - Texas Instruments ADC10321 Datasheet HTML 5Page - Texas Instruments ADC10321 Datasheet HTML 6Page - Texas Instruments ADC10321 Datasheet HTML 7Page - Texas Instruments ADC10321 Datasheet HTML 8Page - Texas Instruments ADC10321 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
ADC10321
www.ti.com
SNAS028F – JUNE 2000 – REVISED MAY 2013
ADC10321 10-Bit, 20MSPS, 98mW A/D Converter with Internal Sample and Hold
Check for Samples: ADC10321
1
FEATURES
DESCRIPTION
The ADC10321 is a low power, high performance
2
Internal Sample-and-Hold
CMOS
analog-to-digital
converter
that
digitizes
Single +5V Operation
signals to 10 bits resolution at sampling rates up to
Low Power Standby Mode
25Msps while consuming a typical 98mW from a
single 5V supply. Reference force and sense pins
Ensured No Missing Codes
allow the user to connect an external reference buffer
TTL/CMOS or 3V Logic Input/Output
amplifier to ensure optimal accuracy. No missing
Compatible
codes is ensured over the full operating temperature
range. The unique two stage architecture achieves
APPLICATIONS
9.2 Effective Bits with a 10MHz input signal and a
20MHz clock frequency. Output formatting is straight
Digital Video
binary coding.
Communications
To ease interfacing to 3V systems, the digital I/O
Document Scanners
power pins of the ADC10321 can be tied to a 3V
Medical Imaging
power source, making the outputs 3V compatible.
Electro-Optics
When not converting, power consumption can be
reduced by pulling the PD (Power Down) pin high,
Plain Paper Copiers
placing the converter into a low power standby state,
CCD Imaging
where it typically consumes less than 4mW. The
ADC10321's speed, resolution and single supply
KEY SPECIFICATIONS
operation makes it well suited for a variety of
applications
in
video,
imaging,
communications,
Resolution 10 Bits
multimedia and high speed data acquisition. Low
Conversion Rate 20 Msps
power, single supply operation ideally suit the
ENOB@ 10MHz Input 9.2 Bits (typ)
ADC10321 for high speed portable applications, and
its speed and resolution are ideal for charge coupled
DNL 0.35 LSB (typ)
device (CCD) input systems.
Conversion Latency 2 Clock Cycles
The ADC10321 comes in a space saving 32-pin
PSRR 56 dB
TQFP and operates over the industrial (
−40°C ≤ TA
Power Consumption 98 mW (typ)
+85°C) temperature range.
Low Power Standby Mode <4 mW (typ)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADC10321

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC10321 NSC-ADC10321 Datasheet
414Kb / 16P
   10-Bit, 20MSPS, 98mW A/D Converter with Internal Sample and Hold
logo
Texas Instruments
ADC10321 TI1-ADC10321 Datasheet
983Kb / 27P
[Old version datasheet]   10-Bit, 20MSPS, 98mW A/D Converter with Internal Sample and Hold
logo
National Semiconductor ...
ADC10321CIVT NSC-ADC10321CIVT Datasheet
414Kb / 16P
   10-Bit, 20MSPS, 98mW A/D Converter with Internal Sample and Hold
logo
Texas Instruments
ADC10321CIVT TI1-ADC10321CIVT Datasheet
983Kb / 27P
[Old version datasheet]   10-Bit, 20MSPS, 98mW A/D Converter with Internal Sample and Hold
ADC10321 TI1-ADC10321_14 Datasheet
983Kb / 27P
[Old version datasheet]   10-Bit, 20MSPS, 98mW A/D Converter with Internal Sample and Hold
More results

Similar Description - ADC10321

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC10321 NSC-ADC10321 Datasheet
414Kb / 16P
   10-Bit, 20MSPS, 98mW A/D Converter with Internal Sample and Hold
logo
Texas Instruments
ADC10321 TI1-ADC10321_14 Datasheet
983Kb / 27P
[Old version datasheet]   10-Bit, 20MSPS, 98mW A/D Converter with Internal Sample and Hold
logo
National Semiconductor ...
ADC12010 NSC-ADC12010 Datasheet
606Kb / 22P
   12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
ADC10030 NSC-ADC10030 Datasheet
417Kb / 17P
   10-Bit, 30 MSPS, 125 mW A/D Converter with Internal Sample and Hold
logo
Texas Instruments
ADC12010 TI1-ADC12010_17 Datasheet
1Mb / 31P
[Old version datasheet]   12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
logo
National Semiconductor ...
ADC10221 NSC-ADC10221 Datasheet
414Kb / 16P
   10-Bit, 15 MSPS, 98 mW A/D Converter with Internal Sample and Hold
logo
Texas Instruments
ADC12010 TI1-ADC12010 Datasheet
1Mb / 30P
[Old version datasheet]   12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
ADC12010 TI1-ADC12010_14 Datasheet
1Mb / 30P
[Old version datasheet]   ADC12010 12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
ADC12040 TI1-ADC12040 Datasheet
1Mb / 29P
[Old version datasheet]   12-Bit, 40 MSPS, 340mW A/D Converter with Internal Sample-and-Hold
logo
National Semiconductor ...
ADC12040 NSC-ADC12040_06 Datasheet
884Kb / 19P
   12-Bit, 40 MSPS, 340mW A/D Converter with Internal Sample-and-Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com