Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC10662 Datasheet(PDF) 5 Page - Texas Instruments

Part # ADC10662
Description  10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC10662 Datasheet(HTML) 5 Page - Texas Instruments

  ADC10662 Datasheet HTML 1Page - Texas Instruments ADC10662 Datasheet HTML 2Page - Texas Instruments ADC10662 Datasheet HTML 3Page - Texas Instruments ADC10662 Datasheet HTML 4Page - Texas Instruments ADC10662 Datasheet HTML 5Page - Texas Instruments ADC10662 Datasheet HTML 6Page - Texas Instruments ADC10662 Datasheet HTML 7Page - Texas Instruments ADC10662 Datasheet HTML 8Page - Texas Instruments ADC10662 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
ADC10662, ADC10664
www.ti.com
SNAS076E – JUNE 1999 – REVISED MARCH 2013
DC Electrical Characteristics
The following specifications apply for V
+ = +5V, V
REF(+) = 5V VREF(
−) = GND, and Speed Adjust pin connected to ground
through a 14.0 k
Ω resistor (Mode 1) or an 8.26 kΩ resistor (Mode 2) unless otherwise specified. Boldface limits apply for TA
= TJ = TMIN to TMAX; all other limits TA = TJ = +25°C.
Units
Symbol
Parameter
Conditions
Typical(1)
Limit(2)
(Limits)
VIN(1)
Logical “1” Input Voltage
V+ = 5.5V
2.0
V (min)
VIN(0)
Logical “0” Input Voltage
V+ = 4.5V
0.8
V (max)
IIN(1)
Logical “1” Input Current
VIN(1) = 5V
0.005
3.0
μA (max)
IIN(0)
Logical “0” Input Current
VIN(0) 0V
−0.005
−3.0
μA (max)
V+ = 4.5V, IOUT = −360 μA
2.4
V (min)
VOUT(1)
Logical “1” Output Voltage
V+ = 4.5V, IOUT = −10 μA
4.25
V (min)
VOUT(0)
Logical “0” Output Voltage
V+ = 4.5V, IOUT = 1.6 mA
0.4
V (max)
VOUT = 5V
0.1
50
μA (max)
IOUT
TRI-STATE Output Current
VOUT = 0V
−0.1
−50
μA (max)
DICC
DVCC Supply Current
CS = S/H = RD = 0
1.0
2
mA (max)
AICC
AVCC Supply Current
CS = S/H = RD = 0
30
45
mA (max)
(1)
Typical figures represent most likely parametric norm.
(2)
Tested limits are ensured to AOQL (Average Outgoing Quality Level).
AC Electrical Characteristics
The following specifications apply for V
+ = +5V, t
r = tf = 20 ns, VREF(+) = 5V, VREF(
−) = GND, and Speed Adjust pin connected to
ground through a 14.0 k
Ω resistor (Mode 1) or an 8.26 kΩ resistor (Mode 2) unless otherwise specified. Boldface limits
apply for TA = TJ = TMIN to TMAX; all other limits TA = TJ = +25°C.
Units
Symbol
Parameter
Conditions
Typical(1)
Limit(2)
(Limits)
Mode 1 Conversion Time from Rising
tCONV
360
466
ns (max)
Edge of S/H to Falling Edge of INT
tCRD
Mode 2 Conversion Time
470
610
ns (max)
Access Time (Delay from Falling Edge
tACC1
Mode 1; CL = 100 pF
30
50
ns (max)
of RD to Output Valid)
Access Time (Delay from Falling Edge
tACC2
Mode 2; CL = 100 pF
475
616
ns (max)
of RD to Output Valid)
tSH
Minimum Sample Time
Mode 1 (Figure 3)(3)
150
ns (max)
TRI-STATE Control (Delay from Rising
t1H, t0H
RL = 1k, CL = 10 pF
30
60
ns (max)
Edge of RD to High-Z State)
Delay from Rising Edge of RD to Rising
tINTH
CL = 100 pF
25
50
ns (max)
Edge of INT
Delay from End of Conversion to Next
tP
50
ns (max)
Conversion
tMS
Multiplexer Control Setup Time
10
75
ns (max)
tMH
Multiplexer Hold Time
10
40
ns (max)
CVIN
Analog Input Capacitance
35
pF (max)
COUT
Logic Output Capacitance
5
pF (max)
CIN
Logic Input Capacitance
5
pF (max)
(1)
Typical figures represent most likely parametric norm.
(2)
Tested limits are ensured to AOQL (Average Outgoing Quality Level).
(3)
Accuracy may degrade if tSH is shorter than the value specified. See curves of Accuracy vs. tSH.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: ADC10662 ADC10664


Similar Part No. - ADC10662

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC10662 NSC-ADC10662 Datasheet
274Kb / 14P
   10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
Texas Instruments
ADC10662 TI1-ADC10662 Datasheet
974Kb / 22P
[Old version datasheet]   ADC10662/ADC10664 10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10662 TI1-ADC10662 Datasheet
1,008Kb / 23P
[Old version datasheet]   10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
National Semiconductor ...
ADC10662CIWM NSC-ADC10662CIWM Datasheet
274Kb / 14P
   10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
Texas Instruments
ADC10662CIWM TI1-ADC10662CIWM Datasheet
974Kb / 22P
[Old version datasheet]   ADC10662/ADC10664 10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
More results

Similar Description - ADC10662

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC10662 NSC-ADC10662 Datasheet
274Kb / 14P
   10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
Texas Instruments
ADC10662 TI1-ADC10662_14 Datasheet
1,008Kb / 23P
[Old version datasheet]   10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10664CIWMX TI1-ADC10664CIWMX Datasheet
974Kb / 22P
[Old version datasheet]   ADC10662/ADC10664 10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
National Semiconductor ...
ADC10461 NSC-ADC10461 Datasheet
760Kb / 16P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
Texas Instruments
ADC10461 TI1-ADC10461_14 Datasheet
1Mb / 24P
[Old version datasheet]   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
National Semiconductor ...
ADC10061 NSC-ADC10061 Datasheet
333Kb / 14P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10064 NSC-ADC10064 Datasheet
342Kb / 14P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10461 NSC-ADC10461_06 Datasheet
757Kb / 17P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
Texas Instruments
ADC10461 TI1-ADC10461_15 Datasheet
1Mb / 23P
[Old version datasheet]   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10061 TI1-ADC10061_14 Datasheet
1Mb / 23P
[Old version datasheet]   ADC10061/ADC10062/ADC10064 10-Bit 600 ns A/D Converter with Input Multiplexer and Sample
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com