Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC10664 Datasheet(PDF) 1 Page - Texas Instruments

Part # ADC10664
Description  10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC10664 Datasheet(HTML) 1 Page - Texas Instruments

  ADC10664 Datasheet HTML 1Page - Texas Instruments ADC10664 Datasheet HTML 2Page - Texas Instruments ADC10664 Datasheet HTML 3Page - Texas Instruments ADC10664 Datasheet HTML 4Page - Texas Instruments ADC10664 Datasheet HTML 5Page - Texas Instruments ADC10664 Datasheet HTML 6Page - Texas Instruments ADC10664 Datasheet HTML 7Page - Texas Instruments ADC10664 Datasheet HTML 8Page - Texas Instruments ADC10664 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
ADC10662, ADC10664
www.ti.com
SNAS076E – JUNE 1999 – REVISED MARCH 2013
ADC10662/ADC10664 10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
Check for Samples: ADC10662, ADC10664
1
FEATURES
DESCRIPTION
NOTE: The ADC10662 is obsolete. It is described
2
Built-In Sample-and-Hold
here for reference only.
Single +5V Supply
Using an innovative, patented multistep (U.S. Patent
No External Clock Required
Number 4918449) conversion technique, these 10-bit
Speed Adjust Pin for Faster Conversions
CMOS
analog-to-digital
converters
offer
sub-
microsecond conversion times yet dissipating a
APPLICATIONS
maximum of only 235 mW. These converters perform
10-bit conversions in two lower-resolution “flashes”,
Digital Signal Processor Front Ends
yielding
a
fast
A/D
without
the
cost,
power
Instrumentation
consumption, and other problems associated with
Disk Drives
true flash approaches. In addition to standard static
performance
specifications
(Linearity,
Full-Scale
Mobile Telecommunications
Error, etc.), dynamic performance (THD, S/N) is
ensured.
KEY SPECIFICATIONS
The analog input voltage ADC is sampled and held
Conversion Time 360 ns (Typical)
by an internal sampling circuit. Input signals at
Max. Sampling Rate: 1.5 MHz (Min)
frequencies from DC to over 250 kHz can therefore
Low Power Consumption 235 mW (Max)
be digitized accurately without the need for an
external sample-and-hold circuit.
Total Harmonic Distortion (50 kHz):
−60 dB
(Max)
Connecting an external resistor between the “speed-
up” pin and ground reduces the typical conversion
No Missing Codes Over Temperature
time to as little as 360 ns for a small linearity
sacrifice.
For
ease
of
interface
to
microprocessors,
the
ADC10662 and ADC10664 have been designed to
appear as a memory location or I/O port without the
need for external interface logic.
Simplified Block Diagram
*ADC10664 Only
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADC10664

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC10664 NSC-ADC10664 Datasheet
274Kb / 14P
   10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
Texas Instruments
ADC10664 TI1-ADC10664 Datasheet
974Kb / 22P
[Old version datasheet]   ADC10662/ADC10664 10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10664 TI1-ADC10664 Datasheet
1,008Kb / 23P
[Old version datasheet]   10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
National Semiconductor ...
ADC10664CIWM NSC-ADC10664CIWM Datasheet
274Kb / 14P
   10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
Texas Instruments
ADC10664CIWM TI1-ADC10664CIWM Datasheet
974Kb / 22P
[Old version datasheet]   ADC10662/ADC10664 10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
More results

Similar Description - ADC10664

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC10662 NSC-ADC10662 Datasheet
274Kb / 14P
   10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
Texas Instruments
ADC10662 TI1-ADC10662_14 Datasheet
1,008Kb / 23P
[Old version datasheet]   10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10664CIWMX TI1-ADC10664CIWMX Datasheet
974Kb / 22P
[Old version datasheet]   ADC10662/ADC10664 10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
National Semiconductor ...
ADC10461 NSC-ADC10461 Datasheet
760Kb / 16P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
Texas Instruments
ADC10461 TI1-ADC10461_14 Datasheet
1Mb / 24P
[Old version datasheet]   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
National Semiconductor ...
ADC10061 NSC-ADC10061 Datasheet
333Kb / 14P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10064 NSC-ADC10064 Datasheet
342Kb / 14P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10461 NSC-ADC10461_06 Datasheet
757Kb / 17P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
Texas Instruments
ADC10461 TI1-ADC10461_15 Datasheet
1Mb / 23P
[Old version datasheet]   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10061 TI1-ADC10061_14 Datasheet
1Mb / 23P
[Old version datasheet]   ADC10061/ADC10062/ADC10064 10-Bit 600 ns A/D Converter with Input Multiplexer and Sample
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com