Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5411IPJYG3 Datasheet(PDF) 11 Page - Texas Instruments

Part # ADS5411IPJYG3
Description  11 Bit, 105 MSPS Analog-to-Digital Converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5411IPJYG3 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS5411IPJYG3 Datasheet HTML 7Page - Texas Instruments ADS5411IPJYG3 Datasheet HTML 8Page - Texas Instruments ADS5411IPJYG3 Datasheet HTML 9Page - Texas Instruments ADS5411IPJYG3 Datasheet HTML 10Page - Texas Instruments ADS5411IPJYG3 Datasheet HTML 11Page - Texas Instruments ADS5411IPJYG3 Datasheet HTML 12Page - Texas Instruments ADS5411IPJYG3 Datasheet HTML 13Page - Texas Instruments ADS5411IPJYG3 Datasheet HTML 14Page - Texas Instruments ADS5411IPJYG3 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
ADS5411
SLAS487A − SEPTEMBER 2005 − REVISED JANUANRY 2010
www.ti.com
11
TYPICAL CHARACTERISTICS
Typical values are at TA = 25°C, AVDD = 5 V, DRVDD = 3.3 V, differential input amplitude = −1 dBFS, sampling rate
= 105 MSPS, 3 VPP sinusoidal clock, 50% duty cycle, 8k FFT points, unless otherwise noted
DRVDD − Supply Voltage − V
79
80
81
82
83
84
85
86
87
88
89
2.6
2.8
3.0
3.2
3.4
3.6
3.8
fS = 105 MSPS
fIN = 170 MHz
SPURIOUS-FREE DYNAMIC RANGE
vs
SUPPLY VOLTAGE AND AMBIENT TEMPERATURE
40
°C
100
°C
0
°C
85
°C
−20
°C
−40
°C
Figure 14.
Figure 15.
DRVDD − Supply Voltage − V
65.50
65.55
65.60
65.65
65.70
65.75
65.80
65.85
65.90
65.95
66.00
2.6
2.8
3.0
3.2
3.4
3.6
3.8
fS = 105 MSPS
fIN = 170 MHz
SIGNAL-TO-NOISE RATIO
vs
SUPPLY VOLTAGE AND AMBIENT TEMPERATURE
0
°C
−40
°C
40
°C
85
°C
100
°C
AVDD − Supply Voltage − V
81
82
83
84
85
86
87
88
89
4.6
4.7
4.8
4.9
5.0
5.1
5.2
5.3
5.4
fS = 105 MSPS
fIN = 170 MHz
SPURIOUS-FREE DYNAMIC RANGE
vs
SUPPLY VOLTAGE AND AMBIENT TEMPERATURE
100
°C
40
°C
0
°C
85
°C
−20
°C
−40
°C
Figure 16.
Figure 17.
AVDD − Supply Voltage − V
65.4
65.5
65.6
65.7
65.8
65.9
66.0
4.6
4.8
5.0
5.2
5.4
fS = 105 MSPS
fIN = 170 MHz
SIGNAL-TO-NOISE RATIO
vs
SUPPLY VOLTAGE AND AMBIENT TEMPERATURE
40
°C
−40
°C
0
°C
100
°C
85
°C
Code
−0.2
−0.1
0.0
0.1
0.2
0
500
1000
1500
2000
DIFFERENTIAL NONLINEARITY
Figure 18.
Figure 19.
Code
−0.3
−0.2
−0.1
0.0
0.1
0.2
0.3
0
500
1000
1500
2000
INTEGRAL NONLINEARITY


Similar Part No. - ADS5411IPJYG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5411IPJY TI-ADS5411IPJY Datasheet
504Kb / 22P
[Old version datasheet]   11 Bit, 105 MSPS Analog-to-Digital Converter
ADS5411IPJYR TI-ADS5411IPJYR Datasheet
504Kb / 22P
[Old version datasheet]   11 Bit, 105 MSPS Analog-to-Digital Converter
More results

Similar Description - ADS5411IPJYG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5411 TI-ADS5411 Datasheet
504Kb / 22P
[Old version datasheet]   11 Bit, 105 MSPS Analog-to-Digital Converter
logo
Analog Devices
AD9627-11 AD-AD9627-11_15 Datasheet
4Mb / 72P
   11-Bit, 105 MSPS/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
logo
Texas Instruments
ADS5424 TI-ADS5424 Datasheet
578Kb / 25P
[Old version datasheet]   14 BIT, 105 MSPS ANALOG TO DIGITAL CONVERTER
ADS5424 TI1-ADS5424_14 Datasheet
1Mb / 29P
[Old version datasheet]   14 Bit, 105 MSPS Analog-to-Digital Converter
logo
Burr-Brown (TI)
ADS5510 BURR-BROWN-ADS5510_07 Datasheet
995Kb / 30P
   11-Bit, 125-MSPS Analog-To-Digital Converter
ADS5510 BURR-BROWN-ADS5510 Datasheet
861Kb / 29P
   11-Bit, 125-MSPS Analog-To-Digital Converter
logo
Texas Instruments
ADS5424-SP TI1-ADS5424-SP_15 Datasheet
445Kb / 24P
[Old version datasheet]   CLASS V, 14-BIT, 105-MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5424-SP TI1-ADS5424-SP Datasheet
400Kb / 22P
[Old version datasheet]   CLASS V, 14-BIT, 105-MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD9233 AD-AD9233_15 Datasheet
1Mb / 44P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9265 AD-AD9265_13 Datasheet
1Mb / 45P
   16-Bit, 125 MSPS/105 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com