Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5413-11IPHP Datasheet(PDF) 4 Page - Texas Instruments

Part # ADS5413-11IPHP
Description  SINGLE 11-BIT 65MSPS HIGH ANALLOG-TO-DIGITAL CONVERTER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5413-11IPHP Datasheet(HTML) 4 Page - Texas Instruments

  ADS5413-11IPHP Datasheet HTML 1Page - Texas Instruments ADS5413-11IPHP Datasheet HTML 2Page - Texas Instruments ADS5413-11IPHP Datasheet HTML 3Page - Texas Instruments ADS5413-11IPHP Datasheet HTML 4Page - Texas Instruments ADS5413-11IPHP Datasheet HTML 5Page - Texas Instruments ADS5413-11IPHP Datasheet HTML 6Page - Texas Instruments ADS5413-11IPHP Datasheet HTML 7Page - Texas Instruments ADS5413-11IPHP Datasheet HTML 8Page - Texas Instruments ADS5413-11IPHP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADS5413-11
SLWS156 − MARCH 2004
www.ti.com
4
ELECTRICAL CHARACTERISTICS (CONTINUED)
over operating free-air temperature range, clock frequency = 65 MSPS, 50% clock duty cycle (AVDD = OVDD = 3.3 V), duty cylce adjust off,
internal reference, AIN = −1 dBFS, 1.2-VPP square differential clock (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AC PERFORMANCE (Continued)
fIN = 14 MHz
70
77.7
fIN = 39 MHz
75.8
SFDR
Spurious free dynamic range
fIN = 70 MHz
84.5
dBc
SFDR
Spurious free dynamic range
fIN = 150 MHz
70.5
dBc
fIN = 190 MHz
68.3
fIN = 220 MHz
72.9
fIN = 14 MHz
95
fIN = 39 MHz
94
HD2
Second order harmonic
fIN = 70 MHz
89
dBc
HD2
Second order harmonic
fIN = 150 MHz
79
dBc
fIN = 190 MHz
84.5
fIN = 220 MHz
72
fIN = 14 MHz
77.6
fIN = 39 MHz
75.4
HD3
Third order harmonic
fIN = 70 MHz
85.5
dBc
HD3
Third order harmonic
fIN = 150 MHz
70.5
dBc
fIN = 190 MHz
68.3
fIN = 220 MHz
77.6
Analog input bandwidth
−3 dB BW respect to −3 dBFS input at low
frequency
1
GHz
TIMING CHARACTERISTICS
25
°C, CL = 10 pF
MIN
TYP
MAX
UNIT
td(A)
Aperture delay
2
ns
td(A)
Aperture jitter
0.4
ps
td(Pipe) Latency
6
Cycles
td1
Propagation delay from clock input to beginning of data stable(1)
DCS off, OVDD = 1.8 V
8
ns
td2
Propagation delay from clock input to end of data stable(1)
DCS off, OVDD = 1.8 V
20.3
ns
td1
Propagation delay from clock input to beginning of data stable(1)
DCS off, OVDD = 3.3 V
7
ns
td2
Propagation delay from clock input to end of data stable(1)
DCS off, OVDD = 3.3 V
20.3
ns
td1
Propagation delay from clock input to beginning of data stable(1)
DCS on, OVDD = 1.8 V
10
ns
td2
Propagation delay from clock input to end of data stable(1)
DCS on, OVDD = 1.8 V
22.3
ns
td1
Propagation delay from clock input to beginning of data stable(1)
DCS on, OVDD = 3.3 V
9
ns
td2
Propagation delay from clock input to end of data stable(1)
DCS on, OVDD = 3.3 V
22.3
ns
(1) Data stable if VO < 10% OVDD or VO > 90% OVDD
Obsolete Device


Similar Part No. - ADS5413-11IPHP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5413-11IPHP TI-ADS5413-11IPHP Datasheet
311Kb / 19P
[Old version datasheet]   SINGLE 11-BIT, 65-MSPS HIGH IF SAMPLING
More results

Similar Description - ADS5413-11IPHP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5232 TI-ADS5232 Datasheet
742Kb / 29P
[Old version datasheet]   Dual, 12-Bit, 65MSPS, 3.3V Analog-to-Digital Converter
ADS5237 TI-ADS5237 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, 10-Bit, 65MSPS, 3.3V Analog-to-Digital Converter
ADS5232 TI1-ADS5232_14 Datasheet
1Mb / 32P
[Old version datasheet]   Dual, 12-Bit, 65MSPS, 3.3V Analog-to-Digital Converter
ADS5221 TI-ADS5221 Datasheet
367Kb / 19P
[Old version datasheet]   12-Bit, 65MSPS Sampling, 3.3V ANALOG-TO-DIGITAL CONVERTER
ADS5277 TI1-ADS5277_14 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS Analog-to-Digital Converter
ADS5122 TI-ADS5122 Datasheet
393Kb / 19P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5411IPGPR TI1-ADS5411IPGPR_14 Datasheet
981Kb / 25P
[Old version datasheet]   11 Bit, 105 MSPS Analog-to-Digital Converter
ADS5122 TI1-ADS5122_13 Datasheet
504Kb / 21P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5411 TI-ADS5411 Datasheet
504Kb / 22P
[Old version datasheet]   11 Bit, 105 MSPS Analog-to-Digital Converter
logo
Burr-Brown (TI)
ADS5510 BURR-BROWN-ADS5510_07 Datasheet
995Kb / 30P
   11-Bit, 125-MSPS Analog-To-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com