Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5411IPJYRG3 Datasheet(PDF) 5 Page - Texas Instruments

Part # ADS5411IPJYRG3
Description  11 Bit, 105 MSPS Analog-to-Digital Converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5411IPJYRG3 Datasheet(HTML) 5 Page - Texas Instruments

  ADS5411IPJYRG3 Datasheet HTML 1Page - Texas Instruments ADS5411IPJYRG3 Datasheet HTML 2Page - Texas Instruments ADS5411IPJYRG3 Datasheet HTML 3Page - Texas Instruments ADS5411IPJYRG3 Datasheet HTML 4Page - Texas Instruments ADS5411IPJYRG3 Datasheet HTML 5Page - Texas Instruments ADS5411IPJYRG3 Datasheet HTML 6Page - Texas Instruments ADS5411IPJYRG3 Datasheet HTML 7Page - Texas Instruments ADS5411IPJYRG3 Datasheet HTML 8Page - Texas Instruments ADS5411IPJYRG3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
ADS5411
SLAS487A − SEPTEMBER 2005 − REVISED JANUANRY 2010
www.ti.com
5
TIMING CHARACTERISTICS(3)
Over full temperature range, AVDD = 5 V, DRVDD = 3.3 V, sampling rate = 105 MSPS
PARAMETER
DESCRIPTION
MIN
TYP
MAX
UNIT
Aperture Time
tA
Aperture delay
500
ps
tJ
Clock slope independent aperture uncertainty (jitter)
150
fs
kJ
Clock slope dependent jitter factor
50
µV
Clock Input
tCLK
Clock period
9.5
ns
tCLKH(1)
Clock pulse width high
4.75
ns
tCLKL(1)
Clock pulse width low
4.75
ns
Clock to DataReady (DRY)
tDR
Clock rising 50% to DRY falling 50%
2.8
3.9
4.7
ns
tC_DR
Clock rising 50% to DRY rising 50%
tDR +
tCLKH
ns
tC_DR_50%
Clock rising 50% to DRY rising 50% with 50% duty cycle clock
7.6
8.7
9.5
ns
Clock to DATA, OVR(4)
tr
Data VOL to data VOH (rise time)
2
ns
tf
Data VOH to data VOL (fall time)
2
ns
L
Latency
3
Cycles
tsu(C)
Valid DATA(2) to clock 50% with 50% duty cycle clock (setup time)
1.8
3.4
ns
tH(C)
Clock 50% to invalid DATA(2) (hold time)
2.6
3.6
ns
DataReady (DRY) to DATA, OVR(4)
tsu(DR)_50%
Valid DATA(2) to DRY 50% with 50% duty cycle clock (setup time)
1.6
2.6
ns
th(DR)_50%
DRY 50% to invalid DATA(2) with 50% duty cycle clock (hold time)
3.9
4.4
ns
(1) See Figure 1 for more information.
(2) See VOH and VOL levels.
(3) All values obtained from design and characterization.
(4) Data is updated with clock rising edge or DRY falling edge.
N
N+1
N+2
N+3
N+4
N
N−1
N−2
N−3
tA
tsu(C)
th(C)
th(DR)
N + 1
N
N + 2
N + 3
N + 4
tC_DR
tr
tCLK
tCLKL
CLK, CLK
D[13:0], OVR
DRY
AIN
tCLKH
tDR
tsu(DR)
tf
Figure 1. Timing Diagram


Similar Part No. - ADS5411IPJYRG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5411IPJYR TI-ADS5411IPJYR Datasheet
504Kb / 22P
[Old version datasheet]   11 Bit, 105 MSPS Analog-to-Digital Converter
More results

Similar Description - ADS5411IPJYRG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5411 TI-ADS5411 Datasheet
504Kb / 22P
[Old version datasheet]   11 Bit, 105 MSPS Analog-to-Digital Converter
logo
Analog Devices
AD9627-11 AD-AD9627-11_15 Datasheet
4Mb / 72P
   11-Bit, 105 MSPS/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
logo
Texas Instruments
ADS5424 TI-ADS5424 Datasheet
578Kb / 25P
[Old version datasheet]   14 BIT, 105 MSPS ANALOG TO DIGITAL CONVERTER
ADS5424 TI1-ADS5424_14 Datasheet
1Mb / 29P
[Old version datasheet]   14 Bit, 105 MSPS Analog-to-Digital Converter
logo
Burr-Brown (TI)
ADS5510 BURR-BROWN-ADS5510_07 Datasheet
995Kb / 30P
   11-Bit, 125-MSPS Analog-To-Digital Converter
ADS5510 BURR-BROWN-ADS5510 Datasheet
861Kb / 29P
   11-Bit, 125-MSPS Analog-To-Digital Converter
logo
Texas Instruments
ADS5424-SP TI1-ADS5424-SP_15 Datasheet
445Kb / 24P
[Old version datasheet]   CLASS V, 14-BIT, 105-MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5424-SP TI1-ADS5424-SP Datasheet
400Kb / 22P
[Old version datasheet]   CLASS V, 14-BIT, 105-MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD9233 AD-AD9233_15 Datasheet
1Mb / 44P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9265 AD-AD9265_13 Datasheet
1Mb / 45P
   16-Bit, 125 MSPS/105 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com