Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5422 Datasheet(PDF) 6 Page - Texas Instruments

Part # ADS5422
Description  14-Bit, 62MSPS Sampling ANALOG-TO-DIGITAL CONVERTER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5422 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS5422_14 Datasheet HTML 2Page - Texas Instruments ADS5422_14 Datasheet HTML 3Page - Texas Instruments ADS5422_14 Datasheet HTML 4Page - Texas Instruments ADS5422_14 Datasheet HTML 5Page - Texas Instruments ADS5422_14 Datasheet HTML 6Page - Texas Instruments ADS5422_14 Datasheet HTML 7Page - Texas Instruments ADS5422_14 Datasheet HTML 8Page - Texas Instruments ADS5422_14 Datasheet HTML 9Page - Texas Instruments ADS5422_14 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
ADS5422
6
SBAS250D
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
TA = 25°C, +VSA = +VSD = +5V, differential input range = 1.5V to 3.5V each input (4VPP), sampling rate = 62MSPS, internal reference, and VDRV = 3V, unless otherwise
noted.
DIFFERENTIAL LINEARITY ERROR
Code
0
2000
4000
6000
8000 10000 12000 14000 16000
1
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1
f
IN = 1MHz
INTEGRAL LINEARITY ERROR
Code
0
2000 4000 6000 8000 10000 12000 14000 16000
5
4
3
2
1
0
–1
–2
–3
–4
–5
f
IN = 1MHz
SFDR AND SNR vs INPUT FREQUENCY
Frequency (MHz)
1.0
10
100
100
90
80
70
60
50
40
SFDR
SNR
SWEPT POWER (SFDR)
Input Amplitude (dBFS)
–60
–50
–40
–30
–20
–10
0
100
90
80
70
60
50
40
30
20
10
0
dBc
dBFS
f
IN = 10MHz
SWEPT POWER (SNR)
Input Amplitude (dBFS)
–60
–50
–40
–30
–20
–10
0
90
80
70
60
50
40
30
20
10
0
dBFS
dBc
f
IN = 10MHz
2-TONE INTERMODULATION DISTORTION
Frequency (MHz)
0
5
10
15
20
25
30
0
–20
–40
–60
–80
–100
–120
f
1 = (–7dBc) = 14.5MHz
f
2 = (–7dBc) = 15.5MHz
SFDR = 89.7dB


Similar Part No. - ADS5422_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5422Y TI-ADS5422Y Datasheet
396Kb / 19P
[Old version datasheet]   14-Bit, 62MSPS Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS5422_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5422 TI-ADS5422 Datasheet
396Kb / 19P
[Old version datasheet]   14-Bit, 62MSPS Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS852 BURR-BROWN-ADS852 Datasheet
63Kb / 5P
   14-Bit, 65MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS5421 BURR-BROWN-ADS5421 Datasheet
395Kb / 21P
   14-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS5421 TI1-ADS5421_14 Datasheet
996Kb / 26P
[Old version datasheet]   14-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Intronics Power, Inc.
DAS1152 INTRONICS-DAS1152 Datasheet
868Kb / 4P
   14-Bit & 15-Bit Sampling Analog To Digital Converter
logo
Texas Instruments
ADS8324 TI1-ADS8324_15 Datasheet
741Kb / 19P
[Old version datasheet]   14-Bit, High Speed, 1.8V MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8324 TI1-ADS8324_14 Datasheet
740Kb / 20P
[Old version datasheet]   14-Bit, High Speed, 1.8V MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8324 TI-ADS8324 Datasheet
341Kb / 14P
[Old version datasheet]   14-Bit, High Speed, 1.8V MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS801 BURR-BROWN-ADS801 Datasheet
279Kb / 13P
   12-Bit, 25MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS831 BURR-BROWN-ADS831 Datasheet
179Kb / 11P
   8-Bit, 80MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com