Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5423IPJYG3 Datasheet(PDF) 6 Page - Texas Instruments

Part # ADS5423IPJYG3
Description  14 Bit, 80 MSPS Analog-to-Digital Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5423IPJYG3 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS5423IPJYG3 Datasheet HTML 2Page - Texas Instruments ADS5423IPJYG3 Datasheet HTML 3Page - Texas Instruments ADS5423IPJYG3 Datasheet HTML 4Page - Texas Instruments ADS5423IPJYG3 Datasheet HTML 5Page - Texas Instruments ADS5423IPJYG3 Datasheet HTML 6Page - Texas Instruments ADS5423IPJYG3 Datasheet HTML 7Page - Texas Instruments ADS5423IPJYG3 Datasheet HTML 8Page - Texas Instruments ADS5423IPJYG3 Datasheet HTML 9Page - Texas Instruments ADS5423IPJYG3 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
ADS5423
SLWS160A − FEBRUARY 2005 − REVIISED JANUARY 2010
www.ti.com
6
PIN CONFIGURATION
15 16
D3
D2
D1
D0 (LSB)
DMID
GND
DRVDD
OVR
DNC
AVDD
GND
AVDD
GND
39
38
37
36
35
34
33
32
31
30
29
28
27
17
1
2
3
4
5
6
7
8
9
10
11
12
13
DRVDD
GND
VREF
GND
CLK
CLK
GND
AVDD
AVDD
GND
AIN
AIN
GND
18 19 20 21
PJY PACKAGE
(TOP VIEW)
51 50 49 48 47
52
46
44 43 42
45
22 23 24 25 26
41 40
14
GND
PIN ASSIGNMENTS
TERMINAL
NAME
NO.
DESCRIPTION
DRVDD
1, 33, 43
3.3 V power supply, digital output stage only
GND
2, 4, 7, 10, 13, 15,
17, 19, 21, 23, 25,
27, 29, 34, 42
Ground
VREF
3
2.4 V reference. Bypass to ground with a 0.1-
µF microwave chip capacitor.
CLK
5
Clock input. Conversion initiated on rising edge.
CLK
6
Complement of CLK, differential input
AVDD
8, 9, 14, 16, 18,
22, 26, 28, 30
5 V analog power supply
AIN
11
Analog input
AIN
12
Complement of AIN, differential analog input
C1
20
Internal voltage reference. Bypass to ground with a 0.1-
µF chip capacitor.
C2
24
Internal voltage reference. Bypass to ground with a 0.1-
µF chip capacitor.
DNC
31
Do not connect
OVR
32
Overrange bit. A logic level high indicates the analog input exceeds full scale.
DMID
35
Output data voltage midpoint. Approximately equal to (DVCC)/2
D0 (LSB)
36
Digital output bit (least significant bit); two’s complement
D1−D5, D6−D12
37−41, 44−50
Digital output bits in two’s complement
D13 (MSB)
51
Digital output bit (most significant bit); two’s complement
DRY
52
Data ready output


Similar Part No. - ADS5423IPJYG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5423IPJYG4 TI-ADS5423IPJYG4 Datasheet
1Mb / 24P
[Old version datasheet]   14 Bit, 80 MSPS Analog-to-Digital Converter
More results

Similar Description - ADS5423IPJYG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5433 TI-ADS5433 Datasheet
1Mb / 22P
[Old version datasheet]   14 BIT, 80 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5423 TI-ADS5423 Datasheet
1Mb / 24P
[Old version datasheet]   14 Bit, 80 MSPS Analog-to-Digital Converter
ADS5542IPAP TI1-ADS5542IPAP Datasheet
612Kb / 33P
[Old version datasheet]   14-Bit, 80 MSPS Analog-To-Digital Converter
logo
Analog Devices
AD9246 AD-AD9246 Datasheet
1Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9246 AD-AD9246_15 Datasheet
1Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
logo
Texas Instruments
ADS5522IPAP TI-ADS5522IPAP Datasheet
1Mb / 32P
[Old version datasheet]   12-Bit, 80 MSPS Analog-To-Digital Converter
ADS5522IPAP TI1-ADS5522IPAP Datasheet
1Mb / 32P
[Old version datasheet]   12-Bit, 80 MSPS Analog-To-Digital Converter
ADS5424 TI-ADS5424 Datasheet
578Kb / 25P
[Old version datasheet]   14 BIT, 105 MSPS ANALOG TO DIGITAL CONVERTER
DAC5675-EP TI-DAC5675-EP_15 Datasheet
1Mb / 28P
[Old version datasheet]   14-Bit 400-MSPS Digital-to-Analog Converter
ADS5424 TI1-ADS5424_14 Datasheet
1Mb / 29P
[Old version datasheet]   14 Bit, 105 MSPS Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com