Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC12L066 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ADC12L066
Description  12-Bit, 20 MSPS, 185 mW A/D Converter with Internal Sample-and-Hold
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12L066 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADC12L066 Datasheet HTML 4Page - Texas Instruments ADC12L066 Datasheet HTML 5Page - Texas Instruments ADC12L066 Datasheet HTML 6Page - Texas Instruments ADC12L066 Datasheet HTML 7Page - Texas Instruments ADC12L066 Datasheet HTML 8Page - Texas Instruments ADC12L066 Datasheet HTML 9Page - Texas Instruments ADC12L066 Datasheet HTML 10Page - Texas Instruments ADC12L066 Datasheet HTML 11Page - Texas Instruments ADC12L066 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
ADC12020
SNAS186B – APRIL 2003 – REVISED MARCH 2013
www.ti.com
AC ELECTRICAL CHARACTERISTICS
Unless otherwise specified, the following specifications apply for AGND = DGND = DR GND = 0V, VA = VD = +5V, VDR =
+3.0V, PD = 0V, VREF = +2.0V, fCLK = 20 MHz, tr = tf = 3 ns, CL = 25 pF/pin. Boldface limits apply for TJ = TMIN to TMAX: all
other limits TA = TJ = 25°C
(1) (2) (3) (4)
Units
Symbol
Parameter
Conditions
Typical (5)
Limits (5)
(Limits)
fCLK1
Maximum Clock Frequency
20
30
MHz (min)
fCLK2
Minimum Clock Frequency
100
kHz
tCH
Clock High Time
20
ns (min)
tCL
Clock Low Time
20
ns (min)
tCONV
Conversion Latency
6
Clock Cycles
VDR = 2.5V
11
16.8
ns (max)
tOD
Data Output Delay after Rising CLK Edge
VDR = 3.0V
11
16.8
ns (max)
tAD
Aperture Delay
1.2
ns
tAJ
Aperture Jitter
2
ps rms
tDIS
Data outputs into TRI-STATE™ Mode
4
ns
tEN
Data Outputs Active after TRI-STATE™
4
ns
tPD
Power Down Mode Exit Cycle
0.1µF capacitors on pins 30, 31, 32
500
ns
(1)
7The inputs are protected as shown below. Input voltage magnitudes above VA or below GND will not damage this device, provided
current is limited per ABSOLUTE MAXIMUM RATINGS (3). However, errors in the A/D conversion can occur if the input goes above VA
or below GND by more than 100 mV. As an example, if VA is 4.75V, the full-scale input voltage must be ≤4.85V to ensure accurate
conversions.
(2)
To ensure accuracy, it is required that |VA–VD| ≤ 100 mV and separate bypass capacitors are used at each power supply pin.
(3)
With the test condition for VREF = +2.0V (4VP-P differential input), the 12-bit LSB is 977 µV.
(4)
Timing specifications are tested at TTL logic levels, VIL = 0.4V for a falling edge and VIH = 2.4V for a rising edge.
(5)
Typical figures are at TA = TJ = 25°C, and represent most likely parametric norms. Test limits are specific to TI's AOQL (Average
Outgoing Quality Level).
8
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: ADC12020


Similar Part No. - ADC12L066

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12L066 NSC-ADC12L066 Datasheet
756Kb / 27P
   12-Bit, 66 MSPS, 450 MHz Bandwidth A/D Converter with Internal Sample-and-Hold
ADC12L066 NSC-ADC12L066 Datasheet
1Mb / 27P
   12-Bit, 66 MSPS, 450 MHz Bandwidth A/D Converter with Internal Sample-and-Hold
logo
Texas Instruments
ADC12L066 TI1-ADC12L066 Datasheet
1Mb / 36P
[Old version datasheet]   450 MHz Bandwidth A/D Converter
logo
National Semiconductor ...
ADC12L066CIVY NSC-ADC12L066CIVY Datasheet
756Kb / 27P
   12-Bit, 66 MSPS, 450 MHz Bandwidth A/D Converter with Internal Sample-and-Hold
ADC12L066CIVY NSC-ADC12L066CIVY Datasheet
1Mb / 27P
   12-Bit, 66 MSPS, 450 MHz Bandwidth A/D Converter with Internal Sample-and-Hold
More results

Similar Description - ADC12L066

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12020 NSC-ADC12020 Datasheet
621Kb / 23P
   12-Bit, 20 MSPS, 185 mW A/D Converter with Internal Sample-and-Hold
logo
Texas Instruments
ADC12020 TI1-ADC12020_18 Datasheet
1Mb / 30P
[Old version datasheet]   12-Bit, 20 MSPS, 185 mW A/D Converter with Internal Sample-and-Hold
logo
National Semiconductor ...
ADC12010 NSC-ADC12010 Datasheet
606Kb / 22P
   12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
ADC12040 NSC-ADC12040 Datasheet
519Kb / 20P
   12-Bit, 40 MSPS, 340 mW A/D Converter with Internal Sample-and-Hold
ADC12L063 NSC-ADC12L063 Datasheet
581Kb / 22P
   12-Bit, 62 MSPS, 354 mW A/D Converter with Internal Sample-and-Hold
logo
Texas Instruments
ADC12L063 TI1-ADC12L063_14 Datasheet
1Mb / 31P
[Old version datasheet]   12-Bit, 62 MSPS, 354 mW A/D Converter with Internal Sample-and-Hold
ADC12010 TI1-ADC12010_17 Datasheet
1Mb / 31P
[Old version datasheet]   12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
ADC12010 TI1-ADC12010 Datasheet
1Mb / 30P
[Old version datasheet]   12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
ADC12010 TI1-ADC12010_14 Datasheet
1Mb / 30P
[Old version datasheet]   ADC12010 12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
logo
National Semiconductor ...
ADC08200 NSC-ADC08200 Datasheet
905Kb / 19P
   8-Bit, 20 MSPS to 200 MSPS, 1.05 mW/MSPS A/D Converter with Internal Sample-and-Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com