Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5423IPJYR Datasheet(PDF) 4 Page - Texas Instruments

Part # ADS5423IPJYR
Description  14 Bit, 80 MSPS Analog-to-Digital Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5423IPJYR Datasheet(HTML) 4 Page - Texas Instruments

  ADS5423IPJYR Datasheet HTML 1Page - Texas Instruments ADS5423IPJYR Datasheet HTML 2Page - Texas Instruments ADS5423IPJYR Datasheet HTML 3Page - Texas Instruments ADS5423IPJYR Datasheet HTML 4Page - Texas Instruments ADS5423IPJYR Datasheet HTML 5Page - Texas Instruments ADS5423IPJYR Datasheet HTML 6Page - Texas Instruments ADS5423IPJYR Datasheet HTML 7Page - Texas Instruments ADS5423IPJYR Datasheet HTML 8Page - Texas Instruments ADS5423IPJYR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
ADS5423
SLWS160A − FEBRUARY 2005 − REVIISED JANUARY 2010
www.ti.com
4
ELECTRICAL CHARACTERISTICS
Over full temperature range (TMIN = −40°C to TMAX = 85°C), sampling rate = 80 MSPS, 50% clock duty cycle, AVDD = 5 V, DRVDD = 3.3 V,
−1 dBFS differential input, and 3 VPP differential sinusoidal clock, unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fIN = 10 MHz
74.6
fIN = 30 MHz
72.8
74.2
fIN = 50 MHz
74.1
Signal-to-noise + distortion, SINAD
fIN = 70 MHz
73.9
dBc
Signal-to-noise + distortion, SINAD
fIN = 100 MHz
72.7
dBc
fIN = 170 MHz
69.1
fIN = 230 MHz
62.8
fIN = 10 MHz
105
fIN = 30 MHz
100
fIN = 50 MHz
99
Second harmonic, HD2
fIN = 70 MHz
92
dBc
Second harmonic, HD2
fIN = 100 MHz
90
dBc
fIN = 170 MHz
94
fIN = 230 MHz
88
fIN = 10 MHz
94
fIN = 30 MHz
93
fIN = 50 MHz
94
Third harmonic, HD3
fIN = 70 MHz
90
dBc
Third harmonic, HD3
fIN = 100 MHz
86
dBc
fIN = 170 MHz
73
fIN = 230 MHz
64
fIN = 10 MHz
94
fIN = 30 MHz
95
fIN = 50 MHz
95
Worst-harmonic / spur (other than HD2 and
fIN = 70 MHz
90
dBc
HD3)
fIN = 100 MHz
88
dBc
fIN = 170 MHz
88
fIN = 230 MHz
88
RMS idle channel noise
Input pins tied together
0.9
LSB
DIGITAL CHARACTERISTICS
Over full temperature range (TMIN = −40°C to TMAX = 85°C), AVDD = 5 V, DRVDD = 3.3 V, unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Digital Outputs
Low-level output voltage
CLOAD = 10 pF(1)
0.1
0.6
V
High-level output voltage
CLOAD = 10 pF(1)
2.6
3.2
V
Output capacitance
3
pF
DMID
DRVDD/2
V
(1) Equivalent capacitance to ground of (load + parasitics of transmission lines).


Similar Part No. - ADS5423IPJYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5423IPJYR TI-ADS5423IPJYR Datasheet
1Mb / 24P
[Old version datasheet]   14 Bit, 80 MSPS Analog-to-Digital Converter
ADS5423IPJYRG4 TI-ADS5423IPJYRG4 Datasheet
1Mb / 24P
[Old version datasheet]   14 Bit, 80 MSPS Analog-to-Digital Converter
More results

Similar Description - ADS5423IPJYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5433 TI-ADS5433 Datasheet
1Mb / 22P
[Old version datasheet]   14 BIT, 80 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5423 TI-ADS5423 Datasheet
1Mb / 24P
[Old version datasheet]   14 Bit, 80 MSPS Analog-to-Digital Converter
ADS5542IPAP TI1-ADS5542IPAP Datasheet
612Kb / 33P
[Old version datasheet]   14-Bit, 80 MSPS Analog-To-Digital Converter
logo
Analog Devices
AD9246 AD-AD9246 Datasheet
1Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9246 AD-AD9246_15 Datasheet
1Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
logo
Texas Instruments
ADS5522IPAP TI-ADS5522IPAP Datasheet
1Mb / 32P
[Old version datasheet]   12-Bit, 80 MSPS Analog-To-Digital Converter
ADS5522IPAP TI1-ADS5522IPAP Datasheet
1Mb / 32P
[Old version datasheet]   12-Bit, 80 MSPS Analog-To-Digital Converter
ADS5424 TI-ADS5424 Datasheet
578Kb / 25P
[Old version datasheet]   14 BIT, 105 MSPS ANALOG TO DIGITAL CONVERTER
DAC5675-EP TI-DAC5675-EP_15 Datasheet
1Mb / 28P
[Old version datasheet]   14-Bit 400-MSPS Digital-to-Analog Converter
ADS5424 TI1-ADS5424_14 Datasheet
1Mb / 29P
[Old version datasheet]   14 Bit, 105 MSPS Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com