Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5440 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5440
Description  13-BIT 210 MSPS ANALOG-TO-DIGITAL CONVERTER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5440 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS5440 Datasheet HTML 2Page - Texas Instruments ADS5440 Datasheet HTML 3Page - Texas Instruments ADS5440 Datasheet HTML 4Page - Texas Instruments ADS5440 Datasheet HTML 5Page - Texas Instruments ADS5440 Datasheet HTML 6Page - Texas Instruments ADS5440 Datasheet HTML 7Page - Texas Instruments ADS5440 Datasheet HTML 8Page - Texas Instruments ADS5440 Datasheet HTML 9Page - Texas Instruments ADS5440 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
www.ti.com
TIMING CHARACTERISTICS
N
N+1
N+2
N+3
N+4
N
N−1
N−2
N−3
tA
tsu_c
th_c
th_DR
N + 1
N
N + 2
N + 3
N + 4
tC_DR
tCLK
tCLKL
CLK, CLK
D[12:0],
OVR, OVR
DRY, DRY
AIN
tCLKH
tDR
tsu_DR
T0073-01
tr
tf
TIMING CHARACTERISTICS
ADS5440
SLAS467A – JULY 2005 – REVISED DECEMBER 2005
Figure 1. Timing Diagram
Min, Typ, Max over full temperature range, 50% clock duty cycle, sampling rate = 210 MSPS, AV
DD = 5 V, DRVDD = 3.3 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tA
Aperature delay
500
ps
tJ
Clock slope independent aperture uncertainty (jitter)
150
fs RMS
Latency
4
cycles
Clock Input
tCLK
Clock period
4.76
ns
tCLKH
Clock pulsewidth high
2.38
ns
tCLKL
Clock pulsewidth low
2.38
ns
Clock to DataReady (DRY)
tDR
Clock rising to DataReady falling
1.1
ns
tC_DR
Clock rising to DataReady rising
Clock duty cycle = 50% (1)
3.1
3.5
3.9
ns
Clock to DATA, OVR(2)
tr
Data rise time (20% to 80%)
0.6
ns
tf
Data fall time(80% to 20%)
0.6
ns
tsu_c
Data valid to clock (setup time)
3.5
ns
th_c
Clock to invalid Data (hold time)
0.2
ns
DataReady (DRY)/DATA, OVR(2)
tsu(DR)
Data valid to DRY
2.1
2.4
ns
th(DR)
DRY to invalid Data
0.9
1.3
ns
(1)
tC_DR = tDR + tCLKH for clock duty cycles other than 50%
(2)
Data is updated with clock falling edge or DRY rising edge.
6
Submit Documentation Feedback


Similar Part No. - ADS5440

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5440 TI-ADS5440 Datasheet
556Kb / 11P
[Old version datasheet]   13-BIT 210 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5440-EP TI1-ADS5440-EP Datasheet
1Mb / 29P
[Old version datasheet]   13-BIT 210-MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5440-EP TI1-ADS5440-EP Datasheet
964Kb / 30P
[Old version datasheet]   13-BIT 210-MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5440-EP TI1-ADS5440-EP_14 Datasheet
964Kb / 30P
[Old version datasheet]   13-BIT 210-MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5440IPFP TI-ADS5440IPFP Datasheet
556Kb / 11P
[Old version datasheet]   13-BIT 210 MSPS ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS5440

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5440 TI-ADS5440 Datasheet
556Kb / 11P
[Old version datasheet]   13-BIT 210 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5440-EP TI1-ADS5440-EP Datasheet
1Mb / 29P
[Old version datasheet]   13-BIT 210-MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5440-EP TI1-ADS5440-EP_14 Datasheet
964Kb / 30P
[Old version datasheet]   13-BIT 210-MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD9742ACPZ AD-AD9742ACPZ Datasheet
1Mb / 32P
   12-Bit, 210 MSPS TxDAC Digital-to-Analog Converter
REV. C
logo
Texas Instruments
ADS5444-EP TI1-ADS5444-EP_13 Datasheet
683Kb / 30P
[Old version datasheet]   13-BIT 250-MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5444 TI1-ADS5444 Datasheet
1Mb / 29P
[Old version datasheet]   13-BIT 250 MSPS ANALOG-TO-DIGITAL CONVERTER
AD55444 TI-AD55444 Datasheet
770Kb / 25P
[Old version datasheet]   13-BIT 250 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5444 TI-ADS5444_08 Datasheet
1Mb / 29P
[Old version datasheet]   13-BIT 250 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5444-EP TI1-ADS5444-EP Datasheet
760Kb / 29P
[Old version datasheet]   13-BIT 250-MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD9230 AD-AD9230_15 Datasheet
2Mb / 32P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com