Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5444MPFPEP Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5444MPFPEP
Description  13-BIT 250-MSPS ANALOG-TO-DIGITAL CONVERTER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5444MPFPEP Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS5444MPFPEP Datasheet HTML 2Page - Texas Instruments ADS5444MPFPEP Datasheet HTML 3Page - Texas Instruments ADS5444MPFPEP Datasheet HTML 4Page - Texas Instruments ADS5444MPFPEP Datasheet HTML 5Page - Texas Instruments ADS5444MPFPEP Datasheet HTML 6Page - Texas Instruments ADS5444MPFPEP Datasheet HTML 7Page - Texas Instruments ADS5444MPFPEP Datasheet HTML 8Page - Texas Instruments ADS5444MPFPEP Datasheet HTML 9Page - Texas Instruments ADS5444MPFPEP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
www.ti.com
ADS5444-EP
SGLS360 – AUGUST 2006
ELECTRICAL CHARACTERISTICS (continued)
Min, Typ, and Max values at T
A = 25°C, full temperature range is TMIN = –55°C to TMAX = 125°C, sampling rate = 250 MSPS,
50% clock duty cycle, AV
DD = 5 V, DRVDD = 3.3 V, –1-dBFS differential input, and 3-VPP differential clock (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DYNAMIC AC CHARACTERISTICS
fIN = 10 MHz
69.3
fIN = 70 MHz
69
fIN = 100 MHz
TA = 25°C
67
69
Full temp range
64.25
69
SNR
Signal-to-noise ratio
dBc
fIN = 170 MHz
68.3
fIN = 230 MHz
67.7
fIN = 300 MHz
67
fIN = 400 MHz
66
fIN = 10 MHz
85
fIN = 70 MHz
77
TA = 25°C
70
77
fIN = 100 MHz
Full temp range
64
77
SFDR
Spurious free dynamic range
dBc
fIN = 170 MHz
74
fIN = 230 MHz
77
fIN = 300 MHz
70
fIN = 400 MHz
64
fIN = 10 MHz
87
fIN = 70 MHz
77
fIN = 100 MHz
80
HD2
Second harmonic
fIN = 170 MHz
74
dBc
fIN = 230 MHz
78
fIN = 300 MHz
70
fIN = 400 MHz
64
fIN = 10 MHz
86
fIN = 70 MHz
82
fIN = 100 MHz
79
HD3
Third harmonic
fIN = 170 MHz
80
dBc
fIN = 230 MHz
91
fIN = 300 MHz
80
fIN = 400 MHz
69
fIN = 10 MHz
90
fIN = 70 MHz
95
fIN = 100 MHz
82
Worst other harmonic/spur (other than
fIN = 170 MHz
80
dBc
HD2 and HD3)
fIN = 230 MHz
83
fIN = 300 MHz
86
fIN = 400 MHz
85
6
Submit Documentation Feedback


Similar Part No. - ADS5444MPFPEP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5444MPFPEP TI1-ADS5444MPFPEP Datasheet
760Kb / 29P
[Old version datasheet]   13-BIT 250-MSPS ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS5444MPFPEP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5444 TI1-ADS5444 Datasheet
1Mb / 29P
[Old version datasheet]   13-BIT 250 MSPS ANALOG-TO-DIGITAL CONVERTER
AD55444 TI-AD55444 Datasheet
770Kb / 25P
[Old version datasheet]   13-BIT 250 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5444 TI-ADS5444_08 Datasheet
1Mb / 29P
[Old version datasheet]   13-BIT 250 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5444-EP TI1-ADS5444-EP Datasheet
760Kb / 29P
[Old version datasheet]   13-BIT 250-MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5444-SP TI1-ADS5444-SP Datasheet
679Kb / 23P
[Old version datasheet]   CLASS V, 13 BIT, 250 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5444-SP TI1-ADS5444-SP_15 Datasheet
538Kb / 22P
[Old version datasheet]   CLASS V, 13 BIT, 250 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5440 TI-ADS5440 Datasheet
556Kb / 11P
[Old version datasheet]   13-BIT 210 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5440 TI1-ADS5440_13 Datasheet
1Mb / 29P
[Old version datasheet]   13-BIT 210 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5440-EP TI1-ADS5440-EP_14 Datasheet
964Kb / 30P
[Old version datasheet]   13-BIT 210-MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5440-EP TI1-ADS5440-EP Datasheet
1Mb / 29P
[Old version datasheet]   13-BIT 210-MSPS ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com