Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5444-SP Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5444-SP
Description  CLASS V, 13 BIT, 250 MSPS ANALOG-TO-DIGITAL CONVERTER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5444-SP Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS5444-SP Datasheet HTML 7Page - Texas Instruments ADS5444-SP Datasheet HTML 8Page - Texas Instruments ADS5444-SP Datasheet HTML 9Page - Texas Instruments ADS5444-SP Datasheet HTML 10Page - Texas Instruments ADS5444-SP Datasheet HTML 11Page - Texas Instruments ADS5444-SP Datasheet HTML 12Page - Texas Instruments ADS5444-SP Datasheet HTML 13Page - Texas Instruments ADS5444-SP Datasheet HTML 14Page - Texas Instruments ADS5444-SP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
THD + 10log10
P
S
P
D
SINAD + 10log10
P
S
P
N )
P
D
SNR + 10log10
P
S
P
N
ADS5444-SP
www.ti.com
SGLS391C – MARCH 2008 – REVISED JANUARY 2014
DEFINITION OF SPECIFICATIONS (continued)
Offset Error Offset error is the deviation of output code from mid-code when both inputs are tied to common-
mode.
Temperature Drift Temperature drift (with respect to gain error and offset error) specifies the change from the
value at the nominal temperature to the value at TMIN or TMAX. It is computed as the maximum variation
the parameters over the whole temperature range divided by TMIN – TMAX.
Signal-to-Noise Ratio (SNR) SNR is the ratio of the power of the fundamental (PS) to the noise floor power
(PN), excluding the power at dc and the first five harmonics.
(1)
SNR is either given in units of dBc (dB to carrier) when the absolute power of the
fundamental is used as the reference, or dBFS (dB to full scale) when the power of the
fundamental is extrapolated to the converter’s full-scale range.
Signal-to-Noise and Distortion (SINAD) SINAD is the ratio of the power of the fundamental (PS) to the power
of all the other spectral components including noise (PN) and distortion (PD), but excluding dc.
(2)
SINAD is either given in units of dBc (dB to carrier) when the absolute power of the
fundamental is used as the reference, or dBFS (dB to full scale) when the power of the
fundamental is extrapolated to the converter’s full-scale range.
Effective Resolution Bandwidth The highest input frequency where the SNR (dB) is dropped by 3 dB for a full-
scale input amplitude.
Total Harmonic Distortion (THD) THD is the ratio of the power of the fundamental (PS) to the power of the first
five harmonics (PD).
(3)
THD is typically given in units of dBc (dB to carrier).
Two-Tone Intermodulation Distortion IMD3 is the ratio of the power of the fundamental (at frequencies f1, f2)
to the power of the worst spectral component at either frequency 2f1 – f2 or 2f2 – f1). IMD3 is either given
in units of dBc (dB to carrier) when the absolute power of the fundamental is used as the reference or
dBFS (dB to full scale) when the power of the fundamental is extrapolated to the converter’s full-scale
range.
Copyright © 2008–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11


Similar Part No. - ADS5444-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5444-SP TI1-ADS5444-SP Datasheet
679Kb / 23P
[Old version datasheet]   CLASS V, 13 BIT, 250 MSPS ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS5444-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5444-SP TI1-ADS5444-SP Datasheet
679Kb / 23P
[Old version datasheet]   CLASS V, 13 BIT, 250 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5444-EP TI1-ADS5444-EP_13 Datasheet
683Kb / 30P
[Old version datasheet]   13-BIT 250-MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5444 TI1-ADS5444 Datasheet
1Mb / 29P
[Old version datasheet]   13-BIT 250 MSPS ANALOG-TO-DIGITAL CONVERTER
AD55444 TI-AD55444 Datasheet
770Kb / 25P
[Old version datasheet]   13-BIT 250 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5444 TI-ADS5444_08 Datasheet
1Mb / 29P
[Old version datasheet]   13-BIT 250 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5444-EP TI1-ADS5444-EP Datasheet
760Kb / 29P
[Old version datasheet]   13-BIT 250-MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5440 TI-ADS5440 Datasheet
556Kb / 11P
[Old version datasheet]   13-BIT 210 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5440 TI1-ADS5440_13 Datasheet
1Mb / 29P
[Old version datasheet]   13-BIT 210 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5440-EP TI1-ADS5440-EP_14 Datasheet
964Kb / 30P
[Old version datasheet]   13-BIT 210-MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5440-EP TI1-ADS5440-EP Datasheet
1Mb / 29P
[Old version datasheet]   13-BIT 210-MSPS ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com