Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5521IPAPRG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # ADS5521IPAPRG4
Description  12-Bit, 105MSPS Analog-To-Digital Converter
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5521IPAPRG4 Datasheet(HTML) 1 Page - Texas Instruments

  ADS5521IPAPRG4 Datasheet HTML 1Page - Texas Instruments ADS5521IPAPRG4 Datasheet HTML 2Page - Texas Instruments ADS5521IPAPRG4 Datasheet HTML 3Page - Texas Instruments ADS5521IPAPRG4 Datasheet HTML 4Page - Texas Instruments ADS5521IPAPRG4 Datasheet HTML 5Page - Texas Instruments ADS5521IPAPRG4 Datasheet HTML 6Page - Texas Instruments ADS5521IPAPRG4 Datasheet HTML 7Page - Texas Instruments ADS5521IPAPRG4 Datasheet HTML 8Page - Texas Instruments ADS5521IPAPRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
1
FEATURES
APPLICATIONS
DESCRIPTION
.
.
.
ADS5521
Serial Programming Register
Control Logic
Timing Circuitry
Internal
Reference
Output
Control
CLKOUT
CLK+
CLK−
VIN+
VIN−
CM
AVDD
DRVDD
OVR
DFS
Digital
Error
Correction
12-Bit
Pipeline
ADC
Core
S&H
AGND
DRGND
SCLK
SDATA
SEN
D0
D11
ADS5521
www.ti.com ...................................................................................................................................................... SBAS309D – MAY 2004 – REVISED OCTOBER 2008
12-Bit, 105MSPS
Analog-To-Digital Converter
THS9001, OPA695, OPA847
2
• 12-Bit Resolution
• 105MSPS Sample Rate
• Wireless Communication
• High SNR: 70 dBFS at 100 MHz f
IN
Communication Receivers
• High SFDR: 86 dBc at 100 MHz f
IN
Base Station Infrastructure
• 2.3-V
PP Differential Input Voltage
• Test and Measurement Instrumentation
• Internal Voltage Reference
• Single and Multichannel Digital Receivers
• 3.3-V Single-Supply Voltage
• Communication Instrumentation
• Analog Power Dissipation: 571 mW
Radar
• Serial Programming Interface
Infrared
• TQFP-64 PowerPAD™ Package
• Video and Imaging
• Medical Equipment
• Recommended Op Amps:
THS3201, THS3202, THS4503, THS4509,
The ADS5521 is a high-performance, 12-bit, 105MSPS analog-to-digital converter (ADC). To provide a complete
converter solution, it includes a high-bandwidth linear sample-and-hold stage (S&H) and internal reference.
Designed for applications demanding the highest speed and highest dynamic performance in little space, the
ADS5521 has excellent power consumption of 571 mW at 3.3-V single-supply voltage. This allows an even
higher system integration density. The provided internal reference simplifies system design requirements. Parallel
CMOS-compatible output ensures seamless interfacing with common logic.
The ADS5521 is available in a 64-pin TQFP PowerPAD package and in an industrial temperature grade device.
Table 1. ADS5500 Product Family
80MSPS
105MSPS
125MSPS
12 Bit
ADS5522
ADS5521
ADS5520
14 Bit
ADS5542
ADS5541
ADS5500
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADS5521IPAPRG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS5521IPAPR BURR-BROWN-ADS5521IPAPR Datasheet
274Kb / 20P
   12-Bit, 105MSPS Analog-toDigital Converter
More results

Similar Description - ADS5521IPAPRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5541 TI1-ADS5541 Datasheet
1Mb / 37P
[Old version datasheet]   14-Bit, 105MSPS Analog-To-Digital Converter
logo
Burr-Brown (TI)
ADS5521 BURR-BROWN-ADS5521 Datasheet
274Kb / 20P
   12-Bit, 105MSPS Analog-toDigital Converter
logo
DATEL, Inc.
5962-8850801XA DATEL-5962-8850801XA Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
5962-8952802XA DATEL-5962-8952802XA Datasheet
149Kb / 1P
   12-Bit Digital to Analog Converter
5962-8952802XC DATEL-5962-8952802XC Datasheet
149Kb / 1P
   12-Bit Digital to Analog Converter
5962-8850802XA DATEL-5962-8850802XA Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
logo
Rohm
BA9221 ROHM-BA9221 Datasheet
279Kb / 7P
   Digital-to-analog converter, 12 bit
logo
DATEL, Inc.
5962-8952801XA DATEL-5962-8952801XA Datasheet
148Kb / 1P
   12-Bit Digital to Analog Converter
5962-8850801XC DATEL-5962-8850801XC Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
5962-8952801XC DATEL-5962-8952801XC Datasheet
149Kb / 1P
   12-Bit Digital to Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com