Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7804U Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7804U
Description  ANALOG-to-DIGITAL CONVERTER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7804U Datasheet(HTML) 3 Page - Texas Instruments

  ADS7804U Datasheet HTML 1Page - Texas Instruments ADS7804U Datasheet HTML 2Page - Texas Instruments ADS7804U Datasheet HTML 3Page - Texas Instruments ADS7804U Datasheet HTML 4Page - Texas Instruments ADS7804U Datasheet HTML 5Page - Texas Instruments ADS7804U Datasheet HTML 6Page - Texas Instruments ADS7804U Datasheet HTML 7Page - Texas Instruments ADS7804U Datasheet HTML 8Page - Texas Instruments ADS7804U Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
ADS7804
3
SBAS019A
www.ti.com
ELECTRICAL CHARACTERISTICS (Cont.)
At TA = –40°C to +85°C, fS = 100kHz, and VDIG = VANA = +5V, using internal reference, unless otherwise specified.
ADS7804P, U
ADS7804PB, UB
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
REFERENCE
Internal Reference Voltage
2.48
2.5
2.52
✻✻
V
Internal Reference Source Current
1
µA
(Must use external buffer.)
Internal Reference Drift
8
ppm/
°C
External Reference Voltage Range
2.3
2.5
2.7
✻✻
V
for Specified Linearity
External Reference Current Drain
Ext. 2.5000V Ref
100
µA
DIGITAL INPUTS
Logic Levels
VIL
–0.3
+0.8
✻✻
V
VIH
+2.0
VD +0.3V
✻✻
V
IIL
±10
µA
IIH
±10
µA
DIGITAL OUTPUTS
Data Format
Data Coding
VOL
ISINK = 1.6mA
+0.4
V
VOH
ISOURCE = 500µA+4
V
Leakage Current
High-Z State,
±5
µA
VOUT = 0V to VDIG
Output Capacitance
High-Z State
15
15
pF
DIGITAL TIMING
Bus Access Time
83
ns
Bus Relinquish Time
83
ns
POWER SUPPLIES
Specified Performance
VDIG
Must be
≤ V
ANA
+4.75
+5
+5.25
✻✻
V
VANA
+4.75
+5
+5.25
✻✻
V
+IDIG
0.3
mA
+IANA
16
mA
Power Dissipation
fS = 100kHz
100
mW
TEMPERATURE RANGE
Specified Performance
–40
+85
✻✻
°C
Derated Performance
–55
+125
✻✻
°C
Storage
–65
+150
✻✻
°C
Thermal Resistance (
θ
JA)
Plastic DIP
75
°C/W
SO
75
°C/W
NOTES: (1) LSB means Least Significant Bit. For the 12-bit,
±10V input ADS7804, one LSB is 4.88mV. (2) Typical rms noise at worst case transitions and
temperatures. (3) As measured with fixed resistors shown in Figure 4. Adjustable to zero with external potentiometer. (4) Full scale error is the worst case of –Full
Scale or +Full Scale untrimmed deviation from ideal first and last code transitions, divided by the transition voltage (not divided by the full-scale range) and includes
the effect of offset error. (5) All specifications in dB are referred to a full-scale
±10V input. (6) Full-Power Bandwidth defined as Full-Scale input frequency at which
Signal-to-(Noise + Distortion) degrades to 60dB, or 10 bits of accuracy. (7) Recovers to specified performance after 2 x FS input overvoltage.
Parallel 12 Bits
Binary Two’s Complement


Similar Part No. - ADS7804U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7804U BURR-BROWN-ADS7804U Datasheet
182Kb / 10P
   12-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7804UB BURR-BROWN-ADS7804UB Datasheet
182Kb / 10P
   12-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
More results

Similar Description - ADS7804U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
PCM4204 TI1-PCM4204_16 Datasheet
1Mb / 38P
[Old version datasheet]   Analog-to-Digital Converter
ADS7821 TI1-ADS7821 Datasheet
201Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM1741 TI1-PCM1741_08 Datasheet
496Kb / 24P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1718E TI1-PCM1718E_15 Datasheet
347Kb / 14P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1728 TI1-PCM1728_15 Datasheet
328Kb / 16P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com