Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7253 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7253
Description  Simultaneous-Sampling, Analog-to-Digital Converters
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7253 Datasheet(HTML) 4 Page - Texas Instruments

  ADS7253 Datasheet HTML 1Page - Texas Instruments ADS7253 Datasheet HTML 2Page - Texas Instruments ADS7253 Datasheet HTML 3Page - Texas Instruments ADS7253 Datasheet HTML 4Page - Texas Instruments ADS7253 Datasheet HTML 5Page - Texas Instruments ADS7253 Datasheet HTML 6Page - Texas Instruments ADS7253 Datasheet HTML 7Page - Texas Instruments ADS7253 Datasheet HTML 8Page - Texas Instruments ADS7253 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 71 page
background image
1
2
3
4
5
16
15
14
13
12
AINP_A
6
7
8
11
10
9
AINM_A
REFIO_A
REFGND_A
REFGND_B
REFIO_B
AINM_B
AINP_B
AVDD
GND
SDO_B
SDO_A
SCLK
CS
SDI
DVDD
REFIO_A
REFGND_A
REFGND_B
REFIO_B
SDO_B
SDO_A
SCLK
CS
1
2
3
4
12
11
10
9
Thermal Pad
ADS8353, ADS7853, ADS7253
SBAS584B – OCTOBER 2013 – REVISED AUGUST 2014
www.ti.com
6 Pin Configurations and Functions
RTE Package
PW Package
WQFN-16
TSSOP-16
(Top View)
(Top View)
Pin Functions
PIN
NO.
NAME
TSSOP
WQFN
I/O
DESCRIPTION
AINM_A
2
16
Analog input
Negative analog input, channel A
AINM_B
7
5
Analog input
Negative analog input, channel B
AINP_A
1
15
Analog input
Positive analog input, channel A
AINP_B
8
6
Analog input
Positive analog input, channel B
AVDD
16
14
Supply
Supply voltage for ADC operation
CS
11
9
Digital input
Chip-select signal; active low
DVDD
9
7
Digital I/O supply
Digital I/O supply
GND
15
13
Supply
Digital ground
REFGND_A
4
2
Supply
Reference ground potential A
REFGND_B
5
3
Supply
Reference ground potential B
REFIO_A
3
1
Analog input/output
Reference voltage input/output, channel A
REFIO_B
6
4
Analog input/output
Reference voltage input/output, channel B
SCLK
12
10
Digital input
Clock for serial communication
SDI
10
8
Digital input
Data input for serial communication
SDO_A
13
11
Digital output
Data output for serial communication, channel A and channel B
SDO_B
14
12
Digital output
Data output for serial communication, channel B
Thermal
Exposed thermal pad (only for WQFN). TI recommends
Thermal pad
Supply
pad
connecting this pin to the printed circuit board (PCB) ground.
4
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: ADS8353 ADS7853 ADS7253


Similar Part No. - ADS7253

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7250 TI1-ADS7250 Datasheet
2Mb / 43P
[Old version datasheet]   ADSxx50 Dual, 750-kSPS, 16-, 14-, and 12-Bit, Simultaneous-Sampling Analog-to-Digital Converters
ADS7250IRTER TI1-ADS7250IRTER Datasheet
2Mb / 43P
[Old version datasheet]   ADSxx50 Dual, 750-kSPS, 16-, 14-, and 12-Bit, Simultaneous-Sampling Analog-to-Digital Converters
ADS7250IRTET TI1-ADS7250IRTET Datasheet
2Mb / 43P
[Old version datasheet]   ADSxx50 Dual, 750-kSPS, 16-, 14-, and 12-Bit, Simultaneous-Sampling Analog-to-Digital Converters
ADS7251 TI1-ADS7251 Datasheet
1Mb / 38P
[Old version datasheet]   ADS7x51 12-Bit, 2-MSPS and 14-Bit, 1.5-MSPS, Dual, Differential Input, Simultaneous- Sampling, Analog-to-Digital Converters with Internal Reference
ADS7251IRTER TI1-ADS7251IRTER Datasheet
1Mb / 38P
[Old version datasheet]   ADS7x51 12-Bit, 2-MSPS and 14-Bit, 1.5-MSPS, Dual, Differential Input, Simultaneous- Sampling, Analog-to-Digital Converters with Internal Reference
More results

Similar Description - ADS7253

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8354 TI1-ADS8354 Datasheet
2Mb / 69P
[Old version datasheet]   Simultaneous-Sampling, Analog-to-Digital Converters
ADS1278 TI1-ADS1278_14 Datasheet
1Mb / 52P
[Old version datasheet]   Octal, Simultaneous Sampling, 24-Bit Analog-to-Digital Converters
V6203609-01XE TI-V6203609-01XE Datasheet
750Kb / 43P
[Old version datasheet]   12-BIT 6MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
ADS1274 TI1-ADS1274 Datasheet
1Mb / 51P
[Old version datasheet]   Quad/Octal, Simultaneous Sampling, 24-Bit Analog-to-Digital Converters
THS12082 TI-THS12082 Datasheet
517Kb / 38P
[Old version datasheet]   12-BIT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
ADS8556 TI1-ADS8556 Datasheet
1Mb / 47P
[Old version datasheet]   12-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converters
THS1206 TI-THS1206 Datasheet
564Kb / 41P
[Old version datasheet]   12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
ADS1174 TI1-ADS1174_08 Datasheet
973Kb / 39P
[Old version datasheet]   Quad/Octal, Simultaneous Sampling, 16-Bit Analog-to-Digital Converters
SEPTEMBER2008
ADS1274 TI1-ADS1274_14 Datasheet
1Mb / 52P
[Old version datasheet]   Quad/Octal, Simultaneous Sampling, 24-Bit Analog-to-Digital Converters
THS1206-EP TI1-THS1206-EP Datasheet
782Kb / 43P
[Old version datasheet]   12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com