Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7254IPW Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7254IPW
Description  Simultaneous-Sampling, Analog-to-Digital Converters
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7254IPW Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS7254IPW Datasheet HTML 3Page - Texas Instruments ADS7254IPW Datasheet HTML 4Page - Texas Instruments ADS7254IPW Datasheet HTML 5Page - Texas Instruments ADS7254IPW Datasheet HTML 6Page - Texas Instruments ADS7254IPW Datasheet HTML 7Page - Texas Instruments ADS7254IPW Datasheet HTML 8Page - Texas Instruments ADS7254IPW Datasheet HTML 9Page - Texas Instruments ADS7254IPW Datasheet HTML 10Page - Texas Instruments ADS7254IPW Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 69 page
background image
ADS8354, ADS7854, ADS7254
www.ti.com
SBAS556B – OCTOBER 2013 – REVISED AUGUST 2014
7.6 Electrical Characteristics: ADS7854
All minimum and maximum specifications are at TA = –40°C to 125°C, AVDD = 5 V, DVDD = 3.3 V, VREF_A = VREF_B = VREF =
2.5 V (internal), and fDATA = 1 MSPS, unless otherwise noted.
Typical values are at TA = 25°C, AVDD = 5 V, and DVDD = 3.3 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RESOLUTION
Resolution
14
Bits
DC ACCURACY(1)
32-clock mode
14
Bits
NMC
No missing codes
16-clock mode
13
Bits
32-clock mode
–1.5
±0.5
1.5
LSB
INL
Integral nonlinearity
16-clock mode
–2
±0.8
2
LSB
32-clock mode
–0.99
±0.4
1
LSB
DNL
Differential nonlinearity
16-clock mode
–1
±0.7
2
LSB
EIO
Input offset error
–1
±0.5
1
mV
EIO match
ADC_A to ADC_B
–1
±0.5
1
mV
dEIO/dT
Input offset thermal drift
±1
μV/°C
EG
Gain error
Referenced to the voltage at REFIO_x
–0.1
±0.05
0.1
%FS
EG match
ADC_A to ADC_B
–0.1
±0.05
0.1
%FS
dEG/dT
Gain error thermal drift
Referenced to the voltage at REFIO_x
±1
ppm/°C
CMRR
Common-mode rejection ratio
Both ADCs, dc to 20 kHz
70
dB
AC ACCURACY(2)
32-clock mode
81.8
83.7
dB
VREF = 2.5 V,
±VREF input range
16-clock mode
82.9
dB
32-clock mode
83.7
dB
VREF = 2.5 V,
SINAD
Signal-to-noise + distortion
±2 × VREF input range 16-clock mode
82.9
dB
32-clock mode
84.6
dB
VREF = 5 V (external),
±VREF input range
16-clock mode
84.1
dB
32-clock mode
82
84
dB
VREF = 2.5 V,
±VREF input range
16-clock mode
83.5
dB
32-clock mode
84
dB
VREF = 2.5 V,
SNR
Signal-to-noise ratio
±2 × VREF input range 16-clock mode
83.5
dB
32-clock mode
85
dB
VREF = 5 V (external),
±VREF input range
16-clock mode
84.5
dB
32-clock mode
–95
dB
VREF = 2.5 V,
±VREF input range
16-clock mode
–92
dB
32-clock mode
–95
dB
VREF = 2.5 V,
THD
Total harmonic distortion
±2 × VREF input range 16-clock mode
–92
dB
32-clock mode
–98
dB
VREF = 5 V (external),
±VREF input range
16-clock mode
–93
dB
32-clock mode
97.5
dB
VREF = 2.5 V,
±VREF input range
16-clock mode
95
dB
32-clock mode
97.5
dB
VREF = 2.5 V,
SFDR
Spurious-free dynamic range
±2 × VREF input range 16-clock mode
95
dB
32-clock mode
99
dB
VREF = 5 V (external),
±VREF input range
16-clock mode
95
dB
fIN = 15 kHz at 10 %FS,
ISOXT
ADC-to-ADC isolation
–90
dB
fNOISE = 25 kHz at FS
(1)
LSB = least significant bit.
(2)
All ac parameters are tested at –0.5 dBFS and a 20-kHz input frequency.
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: ADS8354 ADS7854 ADS7254


Similar Part No. - ADS7254IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7250 TI1-ADS7250 Datasheet
2Mb / 43P
[Old version datasheet]   ADSxx50 Dual, 750-kSPS, 16-, 14-, and 12-Bit, Simultaneous-Sampling Analog-to-Digital Converters
ADS7250IRTER TI1-ADS7250IRTER Datasheet
2Mb / 43P
[Old version datasheet]   ADSxx50 Dual, 750-kSPS, 16-, 14-, and 12-Bit, Simultaneous-Sampling Analog-to-Digital Converters
ADS7250IRTET TI1-ADS7250IRTET Datasheet
2Mb / 43P
[Old version datasheet]   ADSxx50 Dual, 750-kSPS, 16-, 14-, and 12-Bit, Simultaneous-Sampling Analog-to-Digital Converters
ADS7251 TI1-ADS7251 Datasheet
1Mb / 38P
[Old version datasheet]   ADS7x51 12-Bit, 2-MSPS and 14-Bit, 1.5-MSPS, Dual, Differential Input, Simultaneous- Sampling, Analog-to-Digital Converters with Internal Reference
ADS7251IRTER TI1-ADS7251IRTER Datasheet
1Mb / 38P
[Old version datasheet]   ADS7x51 12-Bit, 2-MSPS and 14-Bit, 1.5-MSPS, Dual, Differential Input, Simultaneous- Sampling, Analog-to-Digital Converters with Internal Reference
More results

Similar Description - ADS7254IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8353 TI1-ADS8353 Datasheet
2Mb / 71P
[Old version datasheet]   Simultaneous-Sampling, Analog-to-Digital Converters
ADS1278 TI1-ADS1278_14 Datasheet
1Mb / 52P
[Old version datasheet]   Octal, Simultaneous Sampling, 24-Bit Analog-to-Digital Converters
V6203609-01XE TI-V6203609-01XE Datasheet
750Kb / 43P
[Old version datasheet]   12-BIT 6MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
ADS1274 TI1-ADS1274 Datasheet
1Mb / 51P
[Old version datasheet]   Quad/Octal, Simultaneous Sampling, 24-Bit Analog-to-Digital Converters
THS12082 TI-THS12082 Datasheet
517Kb / 38P
[Old version datasheet]   12-BIT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
ADS8556 TI1-ADS8556 Datasheet
1Mb / 47P
[Old version datasheet]   12-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converters
THS1206 TI-THS1206 Datasheet
564Kb / 41P
[Old version datasheet]   12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
ADS1174 TI1-ADS1174_08 Datasheet
973Kb / 39P
[Old version datasheet]   Quad/Octal, Simultaneous Sampling, 16-Bit Analog-to-Digital Converters
SEPTEMBER2008
ADS1274 TI1-ADS1274_14 Datasheet
1Mb / 52P
[Old version datasheet]   Quad/Octal, Simultaneous Sampling, 24-Bit Analog-to-Digital Converters
THS1206-EP TI1-THS1206-EP Datasheet
782Kb / 43P
[Old version datasheet]   12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com