Electronic Components Datasheet Search |
|
ADS7813UB Datasheet(PDF) 10 Page - Texas Instruments |
|
|
ADS7813UB Datasheet(HTML) 10 Page - Texas Instruments |
10 / 25 page ADS7813 10 SBAS043C www.ti.com INTERNAL DATACLK With EXT/INT tied LOW, the result from conversion ‘n’ is serially transmitted during conversion ‘n+1’, as shown in Figure 5 and with the timing given in Table II. Serial transmission of data occurs only during a conversion. When a transmission is not in progress, DATA and DATACLK are LOW. During the conversion, the results of the previous conver- sion will be transmitted via DATA, while DATACLK provides the synchronous clock for the serial data. The data format is 16-bit, Binary Two’s Complement, and MSB first. Each data bit is valid on both the rising and falling edges of DATACLK. BUSY is LOW during the entire serial trans- mission and can be used as a frame synchronization signal. EXTERNAL DATACLK With EXT/INT tied HIGH, the result from conversion ‘n’ is clocked out after the conversion has completed, during the next conversion (‘n+1’), or a combination of these two. Figure 6 shows the case of reading the conversion result after the conversion is complete. Figure 7 describes reading the result during the next conversion. Figure 8 combines the important aspects of Figures 6 and 7 as to reading part of the result after the conversion is complete and the remainder during the next conversion. The serial transmission of the conversion result is initiated by a rising edge on DATACLK. The data format is 16-bit, Binary Two’s Complement, and MSB first. Each data bit is valid on the falling edge of DATACLK. In some cases, it t 17 DATACLK BUSY CONV t 1 t 12 t 18 t 16 t 14 t 13 t 15 1 1 2 3 14 15 16 DATA MSB Bit 14 Bit 13 Bit 2 Bit 1 LSB MSB BUSY CONV t 1 t 5 DATACLK t 4 t 23 t 22 t 21 t 20 t 19 1234 14 15 16 DATA MSB Bit 14 Bit 13 Bit 2 Bit 1 LSB FIGURE 5. Serial Data Timing, Internal Clock (EXT/INT and CS LOW). FIGURE 6. Serial Data Timing, External Clock, Clocking After the Conversion Completes (EXT/INT HIGH, CS LOW). |
Similar Part No. - ADS7813UB |
|
Similar Description - ADS7813UB |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |