Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7253IRTET Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7253IRTET
Description  Simultaneous-Sampling, Analog-to-Digital Converters
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7253IRTET Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS7253IRTET Datasheet HTML 7Page - Texas Instruments ADS7253IRTET Datasheet HTML 8Page - Texas Instruments ADS7253IRTET Datasheet HTML 9Page - Texas Instruments ADS7253IRTET Datasheet HTML 10Page - Texas Instruments ADS7253IRTET Datasheet HTML 11Page - Texas Instruments ADS7253IRTET Datasheet HTML 12Page - Texas Instruments ADS7253IRTET Datasheet HTML 13Page - Texas Instruments ADS7253IRTET Datasheet HTML 14Page - Texas Instruments ADS7253IRTET Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 71 page
background image
ADS8353, ADS7853, ADS7253
www.ti.com
SBAS584B – OCTOBER 2013 – REVISED AUGUST 2014
7.9 Timing Requirements: Interface Mode
(1)
PARAMETER
ASSOCIATED FIGURES
tCLK
CLOCK period
Figure 1, Figure 91, Figure 92, Figure 93, Figure 94
tACQ
Acquisition time
Figure 91, Figure 92, Figure 93, Figure 94
tCONV
Conversion time
Figure 91, Figure 92, Figure 93, Figure 94
(1)
These parameters are specific to the interface mode of operation. Refer to the Conversion Data Read section for more details.
7.10 Timing Characteristics: Serial Interface
PARAMETER
TEST CONDITIONS
ASSOCIATED FIGURES
MIN
TYP
MAX
UNIT
TIMING REQUIREMENTS
tPH_CK
CLOCK high time
0.4
0.6
tCLK
tPL_CK
CLOCK low time
Figure 1
0.4
0.6
tCLK
fCLK
CLOCK frequency
1 / tCLK
MHz
tPH_CS
CS high time
Figure 1
40
ns
ADS8353
150
ns
tPH_CS_SHRT
CS high time after frame abort
ADS7853
Figure 99
100
ns
ADS7253
70
ns
Setup time: CS falling edge to
tSU_CSCK
15
ns
SCLK falling edge
Delay time: Last SCLK falling edge
tD_CKCS
15
ns
to CS rising edge
Figure 1
Setup time: DIN data valid to SCLK
tSU_CKDI
5
ns
falling edge
Hold time: SCLK falling edge to
tHT_CKDI
5
ns
(previous) data valid on DIN
Power-up time from STANDBY
tPU_STDBY
Figure 96
1
µs
mode
With internal reference
3
ms
tPU_SPD
Power-up time from SPD mode
Figure 98
With external reference
1
ms
TIMING SPECIFICATIONS
ADS8353
32-CLK mode
1.666
µs
Figure 91, Figure 92
32-CLK mode
1
µs
ADS7853
tTHROUGHPUT
Throughput time
16-CLK mode
Figure 93, Figure 94
1
µs
32-CLK mode
Figure 91, Figure 92
1
µs
ADS7253
16-CLK mode
Figure 93, Figure 94
1
µs
Figure 91, Figure 92,
fTHROUGHPUT
Throughput
1 / tTHROUGHPUT kSPS
Figure 93, Figure 94
Delay time: CS falling edge to data
tDV_CSDO
12
ns
enable
Delay time: CS rising edge to data
tDZ_CSDO
Figure 1
12
ns
going to 3-state
Delay time: SCLK falling edge to
tD_CKDO
20
ns
next data valid
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: ADS8353 ADS7853 ADS7253


Similar Part No. - ADS7253IRTET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7250 TI1-ADS7250 Datasheet
2Mb / 43P
[Old version datasheet]   ADSxx50 Dual, 750-kSPS, 16-, 14-, and 12-Bit, Simultaneous-Sampling Analog-to-Digital Converters
ADS7250IRTER TI1-ADS7250IRTER Datasheet
2Mb / 43P
[Old version datasheet]   ADSxx50 Dual, 750-kSPS, 16-, 14-, and 12-Bit, Simultaneous-Sampling Analog-to-Digital Converters
ADS7250IRTET TI1-ADS7250IRTET Datasheet
2Mb / 43P
[Old version datasheet]   ADSxx50 Dual, 750-kSPS, 16-, 14-, and 12-Bit, Simultaneous-Sampling Analog-to-Digital Converters
ADS7251 TI1-ADS7251 Datasheet
1Mb / 38P
[Old version datasheet]   ADS7x51 12-Bit, 2-MSPS and 14-Bit, 1.5-MSPS, Dual, Differential Input, Simultaneous- Sampling, Analog-to-Digital Converters with Internal Reference
ADS7251IRTER TI1-ADS7251IRTER Datasheet
1Mb / 38P
[Old version datasheet]   ADS7x51 12-Bit, 2-MSPS and 14-Bit, 1.5-MSPS, Dual, Differential Input, Simultaneous- Sampling, Analog-to-Digital Converters with Internal Reference
More results

Similar Description - ADS7253IRTET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8354 TI1-ADS8354 Datasheet
2Mb / 69P
[Old version datasheet]   Simultaneous-Sampling, Analog-to-Digital Converters
ADS1278 TI1-ADS1278_14 Datasheet
1Mb / 52P
[Old version datasheet]   Octal, Simultaneous Sampling, 24-Bit Analog-to-Digital Converters
V6203609-01XE TI-V6203609-01XE Datasheet
750Kb / 43P
[Old version datasheet]   12-BIT 6MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
ADS1274 TI1-ADS1274 Datasheet
1Mb / 51P
[Old version datasheet]   Quad/Octal, Simultaneous Sampling, 24-Bit Analog-to-Digital Converters
THS12082 TI-THS12082 Datasheet
517Kb / 38P
[Old version datasheet]   12-BIT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
ADS8556 TI1-ADS8556 Datasheet
1Mb / 47P
[Old version datasheet]   12-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converters
THS1206 TI-THS1206 Datasheet
564Kb / 41P
[Old version datasheet]   12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
ADS1174 TI1-ADS1174_08 Datasheet
973Kb / 39P
[Old version datasheet]   Quad/Octal, Simultaneous Sampling, 16-Bit Analog-to-Digital Converters
SEPTEMBER2008
ADS1274 TI1-ADS1274_14 Datasheet
1Mb / 52P
[Old version datasheet]   Quad/Octal, Simultaneous Sampling, 24-Bit Analog-to-Digital Converters
THS1206-EP TI1-THS1206-EP Datasheet
782Kb / 43P
[Old version datasheet]   12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com