Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7813UG4 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7813UG4
Description  Low-Power, Serial 16-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7813UG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS7813UG4 Datasheet HTML 7Page - Texas Instruments ADS7813UG4 Datasheet HTML 8Page - Texas Instruments ADS7813UG4 Datasheet HTML 9Page - Texas Instruments ADS7813UG4 Datasheet HTML 10Page - Texas Instruments ADS7813UG4 Datasheet HTML 11Page - Texas Instruments ADS7813UG4 Datasheet HTML 12Page - Texas Instruments ADS7813UG4 Datasheet HTML 13Page - Texas Instruments ADS7813UG4 Datasheet HTML 14Page - Texas Instruments ADS7813UG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
ADS7813
11
SBAS043C
www.ti.com
might be possible to use the rising edge of the DATACLK
signal. However, one extra clock period (not shown in
Figures 6, 7, and 8) is needed for the final bit.
The external DATACLK signal must be LOW or CS must
be HIGH prior to BUSY rising (see time t25 in Figures 7 and
8). If this is not observed during this time, the output shift
register of the ADS7813 will not be updated with the
conversion result. Instead, the previous contents of the shift
register will remain and the new result will be lost.
Before reading the next three paragraphs, consult the Sensi-
tivity to External Digital Signals section of this data sheet.
This will explain many of the concerns regarding how and
when to apply the external DATACLK signal.
External DATACLK Active After the Conversion
The preferred method of obtaining the conversion result is to
provide the DATACLK signal after the conversion has been
completed and before the next conversion starts—as shown
in Figure 6. Note that the DATACLK signal should be static
before the start of the next conversion. If this is not ob-
served, the DATACLK signal could affect the voltage that
is acquired.
External DATACLK Active During the Next Conversion
Another method of obtaining the conversion result is shown
in Figure 7. Since the output shift register is not updated
until the end of the conversion, the previous result remains
valid during the next conversion. If a fast clock (
≥ 2MHz)
can be provided to the ADS7813, the result can be read
during time t2. During this time, the noise from the
DATACLK signal is less likely to affect the conversion
result.
FIGURE 7. Serial Data Timing, External Clock, Clocking During the Next Conversion (EXT/INT HIGH,
CS LOW).
FIGURE 8. Serial Data Timing, External Clock, Clocking After the Conversion Completes and During the Next Conversion
(EXT/INT HIGH, CS LOW).
BUSY
CONV
t
24
t
4
t
5
DATACLK
t
25
1
2
n
n+1
15
16
DATA
MSB
Bit 14
Bit n
Bit n-1
Bit 1
LSB
34
BUSY
CONV
t
2
t
1
DATACLK
t
24
t
25
t
23
t
22
t
21
t
20
t
19
1
1
215
16
DATA
MSB
Bit 14
Bit 13
Bit 1
LSB
MSB


Similar Part No. - ADS7813UG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7813U BURR-BROWN-ADS7813U Datasheet
376Kb / 17P
   Low-Power, Serial 16-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7813U TI1-ADS7813U Datasheet
1,007Kb / 25P
[Old version datasheet]   Low-Power, Serial 16-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7813UB BURR-BROWN-ADS7813UB Datasheet
376Kb / 17P
   Low-Power, Serial 16-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS7813UG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7813 TI1-ADS7813 Datasheet
1,007Kb / 25P
[Old version datasheet]   Low-Power, Serial 16-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7813 BURR-BROWN-ADS7813 Datasheet
376Kb / 17P
   Low-Power, Serial 16-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7812 TI1-ADS7812 Datasheet
1,014Kb / 25P
[Old version datasheet]   Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7812 BURR-BROWN-ADS7812 Datasheet
381Kb / 17P
   Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7812 TI1-ADS7812_15 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7807 BURR-BROWN-ADS7807_08 Datasheet
672Kb / 25P
   Low-Power, 16-Bit, Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7807 BURR-BROWN-ADS7807_06 Datasheet
526Kb / 24P
   Low-Power, 16-Bit, Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7807 BURR-BROWN-ADS7807 Datasheet
524Kb / 23P
   Low-Power 16-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS8519 TI-ADS8519_08 Datasheet
614Kb / 27P
[Old version datasheet]   16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8519 TI1-ADS8519_14 Datasheet
652Kb / 29P
[Old version datasheet]   16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com