Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC08D500CIYB Datasheet(PDF) 11 Page - Texas Instruments

Part # ADC08D500CIYB
Description  High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC08D500CIYB Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADC08D500CIYB Datasheet HTML 7Page - Texas Instruments ADC08D500CIYB Datasheet HTML 8Page - Texas Instruments ADC08D500CIYB Datasheet HTML 9Page - Texas Instruments ADC08D500CIYB Datasheet HTML 10Page - Texas Instruments ADC08D500CIYB Datasheet HTML 11Page - Texas Instruments ADC08D500CIYB Datasheet HTML 12Page - Texas Instruments ADC08D500CIYB Datasheet HTML 13Page - Texas Instruments ADC08D500CIYB Datasheet HTML 14Page - Texas Instruments ADC08D500CIYB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
ADC08D500
www.ti.com
SNAS274F – MAY 2005 – REVISED APRIL 2013
Converter Electrical Characteristics (continued)
The following specifications apply after calibration for VA = VDR = +1.9VDC, OutV = 1.9V, VIN FSR (a.c. coupled) = differential
870mVP-P, CL = 10 pF, Differential, a.c. coupled Sinewave Input Clock, fCLK = 500 MHz at 0.5VP-P with 50% duty cycle, VBG =
Floating, Non-Extended Control Mode, SDR Mode, REXT = 3300Ω ±0.1%, Analog Signal Source Impedance = 100Ω
Differential. Boldface limits apply for TA = TMIN to TMAX. All other limits TA = 25°C, unless otherwise noted.
(1) (2)
Typical
Limits
Units
Symbol
Parameter
Conditions
(3)
(3)
(Limits)
CLOCK INPUT CHARACTERISTICS
0.4
VP-P (min)
Sine Wave Clock
0.6
2.0
VP-P (max)
VID
Differential Clock Input Level
0.4
VP-P (min)
Square Wave Clock
0.6
2.0
VP-P (max)
II
Input Current
VIN = 0 or VIN = VA
±1
µA
Differential
0.02
pF
CIN
Input Capacitance (7) (8)
Each input to ground
1.5
pF
DIGITAL CONTROL PIN CHARACTERISTICS
VIH
Logic High Input Voltage
See (9)
0.85 x VA
V (min)
VIL
Logic Low Input Voltage
See (9)
0.15 x VA
V (max)
CIN
Input Capacitance (8) (10)
Each input to ground
1.2
pF
DIGITAL OUTPUT CHARACTERISTICS
400
mVP-P (min)
Measured differentially, OutV = VA,
710
VBG = Floating,
(11)
920
mVP-P (max)
VOD
LVDS Differential Output Voltage
280
mVP-P (min)
Measured differentially, OutV = GND,
510
VBG = Floating,
(11)
720
mVP-P (max)
Change in LVDS Output Swing
Δ VO DIFF
±1
mV
Between Logic Levels
VOS
Output Offset Voltage, see Figure 1
VBG = Floating
800
mV
VOS
Output Offset Voltage, see Figure 1
VBG = VA
(11)
1200
mV
Output Offset Voltage Change
Δ VOS
±1
mV
Between Logic Levels
IOS
Output Short Circuit Current
Output+ & Output- connected to 0.8V
−4
mA
ZO
Differential Output Impedance
100
Ohms
VOH
Cal_Run High level output
IOH = -400uA
(9)
1.65
1.5
V
VOL
Cal_Run Low level output
IOH = 400uA
(9)
0.15
0.3
V
POWER SUPPLY CHARACTERISTICS
PD = PDQ = Low
561
665
mA (max)
IA
Analog Supply Current
PD = Low, PDQ = High
340
408
mA
PD = PDQ = High
1.8
mA
PD = PDQ = Low
200
275
mA (max)
IDR
Output Driver Supply Current
PD = Low, PDQ = High
112
157
mA (max)
PD = PDQ = High
0.012
mA
PD = PDQ = Low
1.4
1.78
W (max)
PD
Power Consumption
PD = Low, PDQ = High
0.8
1.0
W
PD = PDQ = High
3.5
mW
Change in Full Scale Error with change
PSRR1
D.C. Power Supply Rejection Ratio
30
dB
in VA from 1.8V to 2.0V
PSRR2
A.C. Power Supply Rejection Ratio
248 MHz, 50mVP-P riding on VA
51
dB
(7)
The analog and clock input capacitances are die capacitances only. Additional package capacitances of 0.65 pF differential and 0.95 pF
each pin to ground are isolated from the die capacitances by lead and bond wire inductances.
(8)
This parameter is specified by design and is not tested in production.
(9)
This parameter is specified by design and/or characterization and is not tested in production.
(10) The digital control pin capacitances are die capacitances only. Additional package capacitance of 1.6 pF each pin to ground are isolated
from the die capacitances by lead and bond wire inductances.
(11) Tying VBG to the supply rail will increase the output offset voltage (VOS) by 400mv (typical), as shown in the VOS specification above.
Tying VBG to the supply rail will also affect the differential LVDS output voltage (VOD), causing it to increase by 40mV (typical).
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: ADC08D500


Similar Part No. - ADC08D500CIYB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADC08D500CIYB AD-ADC08D500CIYB Datasheet
877Kb / 33P
   High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
logo
National Semiconductor ...
ADC08D500CIYB NSC-ADC08D500CIYB Datasheet
992Kb / 38P
   High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
ADC08D500CIYB NSC-ADC08D500CIYB Datasheet
1Mb / 40P
   High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
More results

Similar Description - ADC08D500CIYB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADC08D500 AD-ADC08D500 Datasheet
877Kb / 33P
   High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
logo
National Semiconductor ...
ADC08D500 NSC-ADC08D500_08 Datasheet
992Kb / 38P
   High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
ADC08D500 NSC-ADC08D500_09 Datasheet
1Mb / 40P
   High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
logo
Texas Instruments
ADC08D502 TI1-ADC08D502_15 Datasheet
902Kb / 48P
[Old version datasheet]   High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
logo
National Semiconductor ...
ADC08500 NSC-ADC08500_09 Datasheet
997Kb / 34P
   High Performance, Low Power 8-Bit, 500 MSPS A/D Converter
ADC08500 NSC-ADC08500 Datasheet
939Kb / 34P
   High Performance, Low Power 8-Bit, 500 MSPS A/D Converter
logo
Texas Instruments
ADC08500 TI1-ADC08500 Datasheet
858Kb / 46P
[Old version datasheet]   High Performance, Low Power 8-Bit, 500 MSPS A/D Converter
ADC08D502 TI1-ADC08D502 Datasheet
877Kb / 43P
[Old version datasheet]   ADC08D502 High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
ADC08500 TI1-ADC08500_14 Datasheet
856Kb / 46P
[Old version datasheet]   ADC08500 High Performance, Low Power 8-Bit, 500 MSPS A/D Converter
ADC08DL500 TI1-ADC08DL500_15 Datasheet
742Kb / 57P
[Old version datasheet]   Low Power, 8-Bit, Dual 500 MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com