Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC08831IM Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADC08831IM
Description  8-Bit Serial I/O CMOS A/D Converters with Multiplexer and Sample/Hold Function
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC08831IM Datasheet(HTML) 1 Page - Texas Instruments

  ADC08831IM Datasheet HTML 1Page - Texas Instruments ADC08831IM Datasheet HTML 2Page - Texas Instruments ADC08831IM Datasheet HTML 3Page - Texas Instruments ADC08831IM Datasheet HTML 4Page - Texas Instruments ADC08831IM Datasheet HTML 5Page - Texas Instruments ADC08831IM Datasheet HTML 6Page - Texas Instruments ADC08831IM Datasheet HTML 7Page - Texas Instruments ADC08831IM Datasheet HTML 8Page - Texas Instruments ADC08831IM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
ADC08831, ADC08832
www.ti.com
SNAS015C – SEPTEMBER 1999 – REVISED MARCH 2013
ADC08831 /ADC08832 8-Bit Serial I/O CMOS A/D Converters with Multiplexer and
Sample/Hold Function
Check for Samples: ADC08831, ADC08832
1
FEATURES
DESCRIPTION
The
ADC08831/ADC08832
are
8-bit
successive
2
3-Wire Serial Digital Data Link Requires Few
approximation Analog to Digital converters with 3-wire
I/O Pins
serial interfaces and a configurable input multiplexer
Analog Input Track/Hold Function
for 2 channels. The serial I/O will interface to
2-Channel Input Multiplexer Option with
COPSfamily
of
micro-controllers,
PLD's,
microprocessors, DSP's, or shift registers. The serial
Address Logic
I/O is configured to comply with the MICROWIRE
Analog Input Voltage Range from GND to VCC
serial data exchange standard.
No Zero or Full Scale Adjustment Required
To
minimize
total
power
consumption,
the
TTL/CMOS Input/Output Compatible
ADC08831/ADC08832
automatically
go
into
low
Superior Pin Compatible Replacement for
power mode whenever they are not performing
ADC0831/2
conversions.
A track/hold function allows the analog voltage at the
APPLICATIONS
positive
input
to
vary
during
the
actual
A/D
Digitizing Sensors and Waveforms
conversion.
Process Control Monitoring
The analog inputs can be configured to operate in
various combinations of single-ended, differential, or
Remote Sensing in Noisy Environments
pseudo-differential modes. The voltage reference
Instrumentation
input can be adjusted to allow encoding of small
Embedded Systems
analog voltage spans to the full 8-bits of resolution.
KEY SPECIFICATIONS
Resolution: 8 Bits
Conversion Time (fC = 2 MHz): 4μs (Max)
Power Dissipation: 8.5mW (Typ)
Low Power Mode: 3.0mW (Typ)
Single Supply: 5VDC
Total Unadjusted Error: ±1LSB
No Missing Codes over Temperature
Typical Application
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADC08831IM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC08831IM NSC-ADC08831IM Datasheet
486Kb / 23P
   8-Bit Serial I/O CMOS A/D Converters with Multiplexer and Sample/Hold Function
ADC08831IMM NSC-ADC08831IMM Datasheet
486Kb / 23P
   8-Bit Serial I/O CMOS A/D Converters with Multiplexer and Sample/Hold Function
More results

Similar Description - ADC08831IM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC08831 NSC-ADC08831 Datasheet
486Kb / 23P
   8-Bit Serial I/O CMOS A/D Converters with Multiplexer and Sample/Hold Function
ADCV08832 NSC-ADCV08832 Datasheet
259Kb / 14P
   Low Voltage, 8-Bit Serial I/O CMOS A/D Converter with Sample/Hold Function
ADC08131 NSC-ADC08131 Datasheet
488Kb / 21P
   8-Bit High-Speed Serial I/O A/D Converters with Multiplexer Options, Voltage Reference, and Track/Hold Function
ADC08032 NSC-ADC08032 Datasheet
552Kb / 24P
   8-Bit High-Speed Serial I/O A/D Converters with Multiplexer Options, Voltage Reference, and Track/Hold Function
logo
Texas Instruments
ADC0831-N TI-ADC0831-N Datasheet
2Mb / 40P
[Old version datasheet]   8-Bit Serial I/O A/D Converters with Multiplexer Options
logo
National Semiconductor ...
ADC0831 NSC-ADC0831 Datasheet
755Kb / 33P
   8-Bit Serial I/O A/D Converters with Multiplexer Options
logo
Micro Linear Corporatio...
ML2281 MICRO-LINEAR-ML2281 Datasheet
410Kb / 26P
   Serial I/O 8-Bit A/D Converters with Multiplexer Options
logo
National Semiconductor ...
ADC1034 NSC-ADC1034 Datasheet
349Kb / 18P
   ADC1031/ADC1034/ADC1038 10-Bit Serial I/O A/D Converters with Analog Multiplexer and Track/Hold Function
ADC08031 NSC-ADC08031 Datasheet
509Kb / 24P
   8-Bit High-Speed Serial I/O A/D Converters with Multiplexer Options,
Voltage Reference, and Track/Hold Function
ADC10831 NSC-ADC10831 Datasheet
453Kb / 30P
   10-Bit Plus Sign Serial I/O A/D Converters with MUX, Sample/Hold and Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com