Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS54J42 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ADS54J42
Description  Dual-Channel, 14-Bit, 625-MSPS, Analog-to-Digital Converter
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS54J42 Datasheet(HTML) 5 Page - Texas Instruments

  ADS54J42 Datasheet HTML 1Page - Texas Instruments ADS54J42 Datasheet HTML 2Page - Texas Instruments ADS54J42 Datasheet HTML 3Page - Texas Instruments ADS54J42 Datasheet HTML 4Page - Texas Instruments ADS54J42 Datasheet HTML 5Page - Texas Instruments ADS54J42 Datasheet HTML 6Page - Texas Instruments ADS54J42 Datasheet HTML 7Page - Texas Instruments ADS54J42 Datasheet HTML 8Page - Texas Instruments ADS54J42 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 81 page
background image
5
ADS54J42
www.ti.com
SBAS756A – FEBRUARY 2016 – REVISED MARCH 2016
Product Folder Links: ADS54J42
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply voltage range
AVDD3V
–0.3
3.6
V
AVDD
–0.3
2.1
DVDD
–0.3
2.1
IOVDD
–0.2
1.4
Voltage between AGND and DGND
–0.3
0.3
V
Voltage applied to input pins
INAP, INBP, INAM, INBM
–0.3
3
V
CLKINP, CLKINM
–0.3
AVDD + 0.3
SYSREFP, SYSREFM
–0.3
AVDD + 0.3
SCLK, SEN, SDIN, RESET, SYNC, PDN
–0.2
2.1
Storage temperature, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V HBM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±1000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±500


Similar Part No. - ADS54J42

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS54J40 TI1-ADS54J40 Datasheet
4Mb / 74P
[Old version datasheet]   Dual-Channel, 14-Bit, 1.0-GSPS Analog-to-Digital Converter
ADS54J40IRMP TI1-ADS54J40IRMP Datasheet
4Mb / 74P
[Old version datasheet]   Dual-Channel, 14-Bit, 1.0-GSPS Analog-to-Digital Converter
ADS54J40IRMPT TI1-ADS54J40IRMPT Datasheet
4Mb / 74P
[Old version datasheet]   Dual-Channel, 14-Bit, 1.0-GSPS Analog-to-Digital Converter
More results

Similar Description - ADS54J42

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC3244E TI1-ADC3244E Datasheet
2Mb / 55P
[Old version datasheet]   Dual-channel, 14-bit, 125-MSPS analog-to-digital converter
ADS42JB46 TI1-ADS42JB46 Datasheet
3Mb / 63P
[Old version datasheet]   Dual-Channel, 14-Bit, 160-MSPS Analog-to-Digital Converter
DAC3282 TI-DAC3282 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC3282 TI-DAC3282_10 Datasheet
1Mb / 51P
[Old version datasheet]   16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC3282_101 TI-DAC3282_101 Datasheet
1Mb / 53P
[Old version datasheet]   16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC3174 TI-DAC3174_15 Datasheet
723Kb / 41P
[Old version datasheet]   Dual 14-bit 500 MSPS Digital to Analog Converter
DAC5672A TI-DAC5672A Datasheet
1Mb / 26P
[Old version datasheet]   DUAL,14-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
ADS5553 TI-ADS5553 Datasheet
533Kb / 24P
[Old version datasheet]   Dual 14 BIT, 65 MSPS Analog-to-Digital Converter
DAC5672 TI-DAC5672 Datasheet
818Kb / 23P
[Old version datasheet]   DUAL, 14-BIT 200 MSPS DIGITAL - TO - ANALOG CONVERTER
DAC3174 TI-DAC3174 Datasheet
779Kb / 40P
[Old version datasheet]   Dual 14-bit 500 MSPS Digital to Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com