Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS131A02IPBSR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ADS131A02IPBSR
Description  2- or 4-Channel, 24-Bit, Analog Front-Ends for Power Monitoring, Control, and Protection
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS131A02IPBSR Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS131A02IPBSR Datasheet HTML 7Page - Texas Instruments ADS131A02IPBSR Datasheet HTML 8Page - Texas Instruments ADS131A02IPBSR Datasheet HTML 9Page - Texas Instruments ADS131A02IPBSR Datasheet HTML 10Page - Texas Instruments ADS131A02IPBSR Datasheet HTML 11Page - Texas Instruments ADS131A02IPBSR Datasheet HTML 12Page - Texas Instruments ADS131A02IPBSR Datasheet HTML 13Page - Texas Instruments ADS131A02IPBSR Datasheet HTML 14Page - Texas Instruments ADS131A02IPBSR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 85 page
background image
11
ADS131A02, ADS131A04
www.ti.com
SBAS590A – MARCH 2016 – REVISED MARCH 2016
Product Folder Links: ADS131A02 ADS131A04
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7.8 Timing Requirements: Synchronous Master Interface Mode
over operating free-air temperature range (unless otherwise noted)
1.65 V
≤ IOVDD ≤ 2.7 V
2.7 V < IOVDD
≤ 3.6 V
UNIT
MIN
MAX
MIN
MAX
tc(CLKIN)
External clock period
Single device
64
40
ns
Multiple device chaining
88
56
tw(CP)
Pulse duration, CLKIN high or
low
Single device
32
20
ns
Multiple device chaining
44
28
tc(SC)
SCLK period
2tCLKIN
2tCLKIN
ns
tw(SCHL)
Pulse duration, SCLK high or low
tCLKIN
tCLKIN
ns
tsu(DI)
Setup time, DIN valid before SCLK falling edge
5
5
ns
th(DI)
Hold time, DIN valid after SCLK falling edge
8
8
ns
7.9 Switching Characteristics: Synchronous Master Interface Mode
over operating ambient temperature range (unless otherwise noted)
1.65 V
≤ IOVDD ≤ 2.7 V
2.7 V < IOVDD
≤ 3.6 V
UNIT
MIN
MAX
MIN
MAX
tp(SCDOD)
Propagation delay time, first SCLK rising edge to
DOUT driven
28
15
ns
tp(SCDO)
Propagation delay time, SCLK rising edge to valid new
DOUT
26
15
ns
tp(SDR)
Propagation delay time, SCLK falling edge to DRDY
falling edge
31
20
ns
th(LSB)
Hold time, last SCLK falling edge
to DOUT 3-state
HIZDLY = 00
6
30
6
20
ns
HIZDLY = 01
8
37
8
27
HIZDLY = 10
10
43
10
43
HIZDLY = 11
12
47
12
47
tp(DRS)
Delay time, last SCLK rising edge to DRDY rising
edge
17
15
ns
(1)
Only valid if CLKSRC = 0
7.10 Timing Requirements: Synchronous Slave Interface Mode
over operating free-air temperature range (unless otherwise noted)
1.65 V
≤ IOVDD ≤ 2.7 V
2.7 V < IOVDD
≤ 3.6 V
UNIT
MIN
MAX
MIN
MAX
tc(CLKIN)
External clock period(1)
Single device
64
40
ns
Multiple device chaining
88
56
tw(CP)
Pulse duration, CLKIN high or
low(1)
Single device
32
20
ns
Multiple device chaining
44
28
td(SCS)
Delay time, SCLK falling edge to CS falling edge
6
4
ns
td(CSSC)
Delay time, CS falling edge to first SCLK rising edge
16
16
ns
tc(SC)
SCLK period
Single device
64
40
ns
Multiple device chaining
88
64
tw(SCHL)
Pulse duration, SCLK high or
low
Single device
32
20
ns
Multiple device chaining
44
32
tsu(DI)
Setup time, DIN valid before SCLK falling edge
5
5
ns
th(DI)
Hold time, DIN valid after SCLK falling edge
8
6
ns
td(SCCS)
Delay time, last SCLK falling edge to CS rising edge
5
5
ns


Similar Part No. - ADS131A02IPBSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS131B02-Q1 TI-ADS131B02-Q1 Datasheet
2Mb / 69P
[Old version datasheet]   ADS131B02-Q1 Automotive, 2-Channel, 32-kSPS, Simultaneous-Sampling, 24-Bit, Delta-Sigma ADC
SEPTEMBER 2021
ADS131B02QPWRQ1 TI-ADS131B02QPWRQ1 Datasheet
2Mb / 69P
[Old version datasheet]   ADS131B02-Q1 Automotive, 2-Channel, 32-kSPS, Simultaneous-Sampling, 24-Bit, Delta-Sigma ADC
SEPTEMBER 2021
ADS131B04-Q1 TI-ADS131B04-Q1 Datasheet
1Mb / 72P
[Old version datasheet]   ADS131B04-Q1 Automotive, 4-Channel, 32-kSPS, Simultaneous-Sampling, 24-Bit, Delta-Sigma ADC
ADS131B04-Q1 TI-ADS131B04-Q1 Datasheet
2Mb / 72P
[Old version datasheet]   ADS131B04-Q1 Automotive, 4-Channel, 32-kSPS, Simultaneous-Sampling, 24-Bit, Delta-Sigma ADC
ADS131B04-Q1 TI-ADS131B04-Q1_V01 Datasheet
2Mb / 72P
[Old version datasheet]   ADS131B04-Q1 Automotive, 4-Channel, 32-kSPS, Simultaneous-Sampling, 24-Bit, Delta-Sigma ADC
More results

Similar Description - ADS131A02IPBSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS131E04 TI1-ADS131E04 Datasheet
1Mb / 56P
[Old version datasheet]   Analog Front-End for Power Monitoring, Control, and Protection
ADS131E04 TI1-ADS131E04_14 Datasheet
2Mb / 60P
[Old version datasheet]   Analog Front-End for Power Monitoring, Control, and Protection
ADS131E08IPAGR TI1-ADS131E08IPAGR Datasheet
1Mb / 60P
[Old version datasheet]   Analog Front-End for Power Monitoring, Control, and Protection
ADS1291 TI1-ADS1291_14 Datasheet
1Mb / 75P
[Old version datasheet]   Power, 2-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1291 TI-ADS1291 Datasheet
1Mb / 69P
[Old version datasheet]   Low-Power, 2-Channel, 24-Bit Analog Front-End for Biopotential Measurements
AMC7820 TI1-AMC7820_15 Datasheet
1Mb / 32P
[Old version datasheet]   ANALOG MONITORING AND CONTROL
AMC7820 TI-AMC7820 Datasheet
481Kb / 28P
[Old version datasheet]   ANALOG MONITORING AND CONTROL
AMC7823 TI-AMC7823 Datasheet
1Mb / 48P
[Old version datasheet]   ANALOG MONITORING AND CONTROL CIRCUIT
AMC7823 TI-AMC7823_15 Datasheet
1Mb / 55P
[Old version datasheet]   ANALOG MONITORING AND CONTROL CIRCUIT
AFE439A2 TI1-AFE439A2 Datasheet
2Mb / 69P
[Old version datasheet]   AFEx39xx 12-Bit, 10-Bit, and 8-Bit Smart Analog Front Ends for TEC Control Using Voltage and PWM Output
REVISED JULY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com