Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS774H Datasheet(PDF) 11 Page - Texas Instruments

Part # ADS774H
Description  Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS774H Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS774H_13 Datasheet HTML 7Page - Texas Instruments ADS774H_13 Datasheet HTML 8Page - Texas Instruments ADS774H_13 Datasheet HTML 9Page - Texas Instruments ADS774H_13 Datasheet HTML 10Page - Texas Instruments ADS774H_13 Datasheet HTML 11Page - Texas Instruments ADS774H_13 Datasheet HTML 12Page - Texas Instruments ADS774H_13 Datasheet HTML 13Page - Texas Instruments ADS774H_13 Datasheet HTML 14Page - Texas Instruments ADS774H_13 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
THEORY OF OPERATION
OVERVIEW
CONVERSION
SAMPLING
C
R
G
2C
R
G
4C
R
G
+
-
Comparator
Reference
Input
S
Signal
Analog
Input
Out
S
1
S
2
S
3
S
C
ADS774H
www.ti.com ................................................................................................................................................................................................ SBAS443 – AUGUST 2009
In the ADS774H, the advantages of advanced CMOS
When a conversion command is received, switch S1
technology
(such
as
high
logic
density,
stable
opens to capture a charge on the MSB capacitor
capacitors, and precision analog switches) produce a
proportional to the analog input level at the time of
fast, low-power ADC with internal sample/hold.
the sampling command, and switch SC opens to float
the comparator input. The charge held in the
The charge-redistribution successive-approximation
capacitor array can now be moved between the three
circuitry converts analog input voltages into digital
capacitors in the array by connecting switches S1, S2,
words.
and S3 to either the R position (to connect to the
reference) or the G position (to connect to GND), thus
A simple example of a charge-redistribution ADC with
changing the voltage generated at the comparator
only three bits is shown in Figure 11.
input.
During the first approximation, the MSB capacitor is
connected through switch S1 to the reference, while
While sampling, the capacitor array switch for the
switches
S2 and S3 are connected to GND.
MSB capacitor (S1) is in position S, so that the
Depending on whether the comparator output is high
charge on the MSB capacitor is proportional to the
or low, the logic then latches S1 in position R or G.
voltage
level
of
the
analog
input
signal.
The
Similarly, the second approximation is made by
remaining array switches (S2 and S3) are set to
connecting S2 to the reference and S3 to GND, and
position
G.
Switch
SC is closed, setting the
latching S2 according to the output of the comparator.
comparator input offset to zero.
After three successive approximation steps have
been made, the voltage level at the comparator is
within 1/2LSB of GND, and a digital word that
represents the analog input can be determined from
the positions of S1, S2 and S3.
Figure 11. 3-Bit Charge Redistribution ADC
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
11


Similar Part No. - ADS774H_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS774HI TI1-ADS774HI Datasheet
609Kb / 23P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
ADS774HIB TI1-ADS774HIB Datasheet
609Kb / 23P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
ADS774HIBDW TI1-ADS774HIBDW Datasheet
609Kb / 23P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
ADS774HIBDWR TI1-ADS774HIBDWR Datasheet
609Kb / 23P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
ADS774HIDW TI1-ADS774HIDW Datasheet
609Kb / 23P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS774H_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS774H TI1-ADS774H Datasheet
609Kb / 23P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
ADS574 TI1-ADS574_14 Datasheet
323Kb / 17P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
ADS774 TI1-ADS774 Datasheet
750Kb / 21P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS574 BURR-BROWN-ADS574 Datasheet
413Kb / 13P
   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
ADS774 BURR-BROWN-ADS774 Datasheet
413Kb / 13P
   Microprocessor-Compatible Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADC574A BURR-BROWN-ADC574A Datasheet
103Kb / 10P
   Microprocessor-Compatible ANALOG-TO-DIGITAL CONVERTER
ADC674 BURR-BROWN-ADC674 Datasheet
56Kb / 6P
   Microprocessor-Compatible ANALOG-TO-DIGITAL CONVERTER
DAC7545 BURR-BROWN-DAC7545 Datasheet
383Kb / 12P
   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
logo
Texas Instruments
DAC7545JP TI1-DAC7545JP Datasheet
383Kb / 12P
[Old version datasheet]   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
DAC7545 TI1-DAC7545_16 Datasheet
612Kb / 13P
[Old version datasheet]   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com