Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1015-Q1 Datasheet(PDF) 3 Page - Texas Instruments

Part # ADS1015-Q1
Description  Low-Power 12-Bit Analog-to-Digital Converter With Internal Reference
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1015-Q1 Datasheet(HTML) 3 Page - Texas Instruments

  ADS1015-Q1_16 Datasheet HTML 1Page - Texas Instruments ADS1015-Q1_16 Datasheet HTML 2Page - Texas Instruments ADS1015-Q1_16 Datasheet HTML 3Page - Texas Instruments ADS1015-Q1_16 Datasheet HTML 4Page - Texas Instruments ADS1015-Q1_16 Datasheet HTML 5Page - Texas Instruments ADS1015-Q1_16 Datasheet HTML 6Page - Texas Instruments ADS1015-Q1_16 Datasheet HTML 7Page - Texas Instruments ADS1015-Q1_16 Datasheet HTML 8Page - Texas Instruments ADS1015-Q1_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
1
ADDR
10
SCL
2
ALERT/RDY
9
SDA
3
GND
8
VDD
4
AIN0
7
AIN3
5
AIN1
6
AIN2
3
ADS1015-Q1
www.ti.com
SBAS511A – JULY 2010 – REVISED MARCH 2016
Product Folder Links: ADS1015-Q1
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
5 Device Comparison Table
DEVICE
RESOLUTION
(BITS)
MAXIMUM SAMPLE
RATE (SPS)
COMPARATOR
PGA
INPUT CHANNELS
(DIFFERENTIAL/
SINGLE-ENDED)
ADS1115-Q1
16
860
Yes
Yes
2/4
ADS1015QDGSRQ1
ADS1015AQDGSRQ1
12
3300
Yes
Yes
2/4
6 Pin Configuration and Functions
DGS Package
10-Pin VSSOP
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NO.
NAME
1
ADDR
Digital input
I2C slave address select
2
ALERT/RDY
Digital output
Digital comparator output or conversion ready
3
GND
Supply
Ground
4
AIN0
Analog input
Differential channel 1: Positive input or single-ended channel 1 input
5
AIN1
Analog input
Differential channel 1: Negative input or single-ended channel 2 input
6
AIN2
Analog input
Differential channel 2: Positive input or single-ended channel 3 input
7
AIN3
Analog input
Differential channel 2: Negative input or single-ended channel 4 input
8
VDD
Supply
Power supply: 2 V to 5.5 V
9
SDA
Digital I/O
Serial data: Transmits and receives data
10
SCL
Digital input
Serial clock input: Clocks data on SDA


Similar Part No. - ADS1015-Q1_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1015-Q1 TI1-ADS1015-Q1 Datasheet
582Kb / 31P
[Old version datasheet]   ULTRA-SMALL LOW-POWER 12-BIT ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE
ADS1015-Q1 TI1-ADS1015-Q1 Datasheet
1Mb / 45P
[Old version datasheet]   Automotive, Low-Power, I2C-Compatible, 3.3-kSPS, 12-Bit ADCs With Internal Reference, Oscillator, and Programmable Comparator
ADS1015-Q1 TI-ADS1015-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   ADS111x-Q1 Automotive, Low-Power, I2C-Compatible, 860-SPS, 16-Bit ADCs With Internal Reference, Oscillator, and Programmable Comparator
REVISED DECEMBER 2022
ADS1015-Q1 TI1-ADS1015-Q1 Datasheet
1Mb / 47P
[Old version datasheet]   ADS101x-Q1 Automotive, Low-Power, I2C-Compatible, 3.3-kSPS, 12-Bit ADCs With Internal Reference, Oscillator, and Programmable Comparator
REVISED JULY 2023
More results

Similar Description - ADS1015-Q1_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1013IRUGR TI1-ADS1013IRUGR Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1015IRUGT TI1-ADS1015IRUGT Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1015IDGSR TI1-ADS1015IDGSR Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1015-Q1 TI1-ADS1015-Q1 Datasheet
582Kb / 31P
[Old version datasheet]   ULTRA-SMALL LOW-POWER 12-BIT ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE
ADS1013 TI1-ADS1013_14 Datasheet
1Mb / 35P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1115-Q1 TI1-ADS1115-Q1_16 Datasheet
1Mb / 39P
[Old version datasheet]   Analog-to-Digital Converter With Internal Reference
TLV2556-EP TI-TLV2556-EP Datasheet
709Kb / 37P
[Old version datasheet]   12-BIT 200-KSPS 11-CHANNEL LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE
ADS1113 TI-ADS1113_1 Datasheet
958Kb / 36P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1113 TI1-ADS1113_14 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1113 TI-ADS1113 Datasheet
789Kb / 34P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com