Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS131A04 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ADS131A04
Description  2- or 4-Channel, 24-Bit, Analog Front-Ends for Power Monitoring, Control, and Protection
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS131A04 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS131A04 Datasheet HTML 3Page - Texas Instruments ADS131A04 Datasheet HTML 4Page - Texas Instruments ADS131A04 Datasheet HTML 5Page - Texas Instruments ADS131A04 Datasheet HTML 6Page - Texas Instruments ADS131A04 Datasheet HTML 7Page - Texas Instruments ADS131A04 Datasheet HTML 8Page - Texas Instruments ADS131A04 Datasheet HTML 9Page - Texas Instruments ADS131A04 Datasheet HTML 10Page - Texas Instruments ADS131A04 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 85 page
background image
7
ADS131A02, ADS131A04
www.ti.com
SBAS590A – MARCH 2016 – REVISED MARCH 2016
Product Folder Links: ADS131A02 ADS131A04
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
7.4 Thermal Information
THERMAL METRIC(1)
ADS131A0x
UNIT
PBS (TQFP)
32 PINS
RθJA
Junction-to-ambient thermal resistance
77.5
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
19.0
°C/W
RθJB
Junction-to-board thermal resistance
30.2
°C/W
ψJT
Junction-to-top characterization parameter
0.5
°C/W
ψJB
Junction-to-board characterization parameter
30.0
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
°C/W
7.5 Electrical Characteristics
Minimum and maximum specifications apply from TA = –40°C to +125°C. Typical specifications are at TA = 25°C. All
specifications are at VIOVDD = 3.3 V, VAVDD = 2.5 V, VAVSS = –2.5 V, VNCPEN (register 0Bh, bit 7) = 0, internal VREF = 2.442 V,
fCLKIN = 16.384 MHz, fMOD = 4.096 MHz, data rate = 8 kSPS, and gain = 1 (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUTS
Cs
Input capacitance
3.5
pF
Zin
Differential input impedance
fMOD = 4.096 MHz
130
k
ADC PERFORMANCE
Resolution
24
Bits
Gain
1, 2, 4, 8, 16
Data rate
fMOD = 4.096 MHz
1
128
kSPS
DC PERFORMANCE
Dynamic range
105
111
dB
VAVDD – VAVSS = 5 V, VREF = 4 V, VNCPEN bit = 0
115
All other settings
See Noise Measurements
section
INL
Integral nonlinearity
Best fit
8
20
ppm
Offset error
500
μV
Offset drift
1.2
3
μV/°C
Gain error
Excluding voltage reference and reference buffer error
±0.03
% of FS
Gain drift
Excluding voltage reference and reference buffer error
0.25
2
ppm/°C
AC PERFORMANCE
CMRR
Common-mode rejection ratio
fCM = 50 Hz or 60 Hz
100
dB
PSRR
Power-supply rejection ratio
AVDD supply, fPS = 50 Hz and 60 Hz
85
dB
IOVDD supply, fPS = 50 Hz and 60 Hz
105
Crosstalk
fIN = 50 Hz and 60 Hz
–125
dB
SNR
Signal-to-noise ratio
fIN = 50 Hz or 60 Hz, VREF = 2.442 V, VIN = –20 dBFS,
normalized
111
dB
fIN = 50 Hz or 60 Hz, VREF = 4.0 V, VIN = –20 dBFS,
normalized
115
THD
Total harmonic distortion
fIN = 50 Hz or 60 Hz (up to 50 harmonics), VIN = –0.5 dBFS
–103.5
dB
SINAD
Signal-to-noise + distortion
fIN = 50 Hz or 60 Hz (up to 50 harmonics), VIN = –0.5 dBFS
101
dB
SFDR
Spurious-free dynamic range
fIN = 50 Hz or 60 Hz (up to 50 harmonics), VIN = –0.5 dBFS
105
dB
EXTERNAL REFERENCE
Reference buffer offset
TA = 25°C
170
µV
Reference buffer offset drift
–40°C
≤ TA ≤ +125°C
1.1
4.3
µV/°C
REFEXT input impedance
50
M


Similar Part No. - ADS131A04

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS131B02-Q1 TI-ADS131B02-Q1 Datasheet
2Mb / 69P
[Old version datasheet]   ADS131B02-Q1 Automotive, 2-Channel, 32-kSPS, Simultaneous-Sampling, 24-Bit, Delta-Sigma ADC
SEPTEMBER 2021
ADS131B02QPWRQ1 TI-ADS131B02QPWRQ1 Datasheet
2Mb / 69P
[Old version datasheet]   ADS131B02-Q1 Automotive, 2-Channel, 32-kSPS, Simultaneous-Sampling, 24-Bit, Delta-Sigma ADC
SEPTEMBER 2021
ADS131B04-Q1 TI-ADS131B04-Q1 Datasheet
1Mb / 72P
[Old version datasheet]   ADS131B04-Q1 Automotive, 4-Channel, 32-kSPS, Simultaneous-Sampling, 24-Bit, Delta-Sigma ADC
ADS131B04-Q1 TI-ADS131B04-Q1 Datasheet
2Mb / 72P
[Old version datasheet]   ADS131B04-Q1 Automotive, 4-Channel, 32-kSPS, Simultaneous-Sampling, 24-Bit, Delta-Sigma ADC
ADS131B04-Q1 TI-ADS131B04-Q1_V01 Datasheet
2Mb / 72P
[Old version datasheet]   ADS131B04-Q1 Automotive, 4-Channel, 32-kSPS, Simultaneous-Sampling, 24-Bit, Delta-Sigma ADC
More results

Similar Description - ADS131A04

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS131E04 TI1-ADS131E04 Datasheet
1Mb / 56P
[Old version datasheet]   Analog Front-End for Power Monitoring, Control, and Protection
ADS131E04 TI1-ADS131E04_14 Datasheet
2Mb / 60P
[Old version datasheet]   Analog Front-End for Power Monitoring, Control, and Protection
ADS131E08IPAGR TI1-ADS131E08IPAGR Datasheet
1Mb / 60P
[Old version datasheet]   Analog Front-End for Power Monitoring, Control, and Protection
ADS1291 TI1-ADS1291_14 Datasheet
1Mb / 75P
[Old version datasheet]   Power, 2-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1291 TI-ADS1291 Datasheet
1Mb / 69P
[Old version datasheet]   Low-Power, 2-Channel, 24-Bit Analog Front-End for Biopotential Measurements
AMC7820 TI1-AMC7820_15 Datasheet
1Mb / 32P
[Old version datasheet]   ANALOG MONITORING AND CONTROL
AMC7820 TI-AMC7820 Datasheet
481Kb / 28P
[Old version datasheet]   ANALOG MONITORING AND CONTROL
AMC7823 TI-AMC7823 Datasheet
1Mb / 48P
[Old version datasheet]   ANALOG MONITORING AND CONTROL CIRCUIT
AMC7823 TI-AMC7823_15 Datasheet
1Mb / 55P
[Old version datasheet]   ANALOG MONITORING AND CONTROL CIRCUIT
AFE439A2 TI1-AFE439A2 Datasheet
2Mb / 69P
[Old version datasheet]   AFEx39xx 12-Bit, 10-Bit, and 8-Bit Smart Analog Front Ends for TEC Control Using Voltage and PWM Output
REVISED JULY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com