Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS774KUE4 Datasheet(PDF) 4 Page - Texas Instruments

Part # ADS774KUE4
Description  Microprocessor-Compatible Sampling CMOS ANALOG-to-DIGITAL CONVERTER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS774KUE4 Datasheet(HTML) 4 Page - Texas Instruments

  ADS774KUE4 Datasheet HTML 1Page - Texas Instruments ADS774KUE4 Datasheet HTML 2Page - Texas Instruments ADS774KUE4 Datasheet HTML 3Page - Texas Instruments ADS774KUE4 Datasheet HTML 4Page - Texas Instruments ADS774KUE4 Datasheet HTML 5Page - Texas Instruments ADS774KUE4 Datasheet HTML 6Page - Texas Instruments ADS774KUE4 Datasheet HTML 7Page - Texas Instruments ADS774KUE4 Datasheet HTML 8Page - Texas Instruments ADS774KUE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
®
ADS774
4
ABSOLUTE MAXIMUM RATINGS
VEE to Digital Common ....................................................... +VDD to –16.5V
VDD to Digital Common .............................................................. 0V to +7V
Analog Common to Digital Common ....................................................
±1V
Control Inputs (CE, CS, AO, 12/8, R/C)
to Digital Common .................................................. –0.5V to VDD +0.5V
Analog Inputs (Ref In, Bipolar Offset, 10VIN )
to Analog Common ......................................................................
±16.5V
20VIN to Analog Common .................................................................. ±24V
Ref Out .......................................................... Indefinite Short to Common,
Momentary Short to VDD
Max Junction Temperature ............................................................ +165
°C
Power Dissipation ........................................................................ 1000mW
Lead Temperature (soldering,10s) ................................................. +300
°C
Thermal Resistance,
θ
JA : Plastic DIPs ........................................ 100°C/W
SOIC ................................................... 100
°C/W
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet its
published specifications.
1
2
3
4
5
Power-Up Reset
Control
Logic
Clock
12 Bits
12
Bits
+
CDAC
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
+5VDC Supply
(V
)
DD
A
O
R/C
12/8
CE
NC*
2.5V Ref
Out
Analog
Common
2.5V Ref
In
V
EE
Bipolar
Offset
10V Range
20V Range
Digital
Common
DB0 (LSB)
DB1
DB2
DB3
DB4
DB5
DB6
DB7
DB8
DB9
DB10
DB11 (MSB)
STATUS
*Not Internally Connected
2.5V
Reference
CS
PACKAGE/ORDERING INFORMATION
TEMPERATURE
LINEARITY
PACKAGE DRAWING
PRODUCT
SINAD(1)
RANGE
ERROR
PACKAGE
NUMBER(2)
ADS774JE
68dB
0
°C to +70°C
±1LSB
28-Pin 0.3" Plastic DIP
246
ADS774KE
70dB
0
°C to +70°C
±1/2LSB
28-Pin 0.3" Plastic DIP
246
ADS774JP
68dB
0
°C to +70°C
±1LSB
28-Pin 0.6" Plastic DIP
215
ADS774KP
70dB
0
°C to +70°C
±1/2LSB
28-Pin 0.6" Plastic DIP
215
ADS774JU
68dB
0
°C to +70°C
±1LSB
28-Lead SOIC
217
ADS774KU
70dB
0
°C to +70°C
±1/2LSB
28-Lead SOIC
217
NOTES: (1) SINAD is Signal-to-(Noise + Distortion) expressed in dB. (2) For detailed drawing and dimension table, please see end of data sheet, or Appendix C of Burr-
Brown IC Data Book.
CONNECTION DIAGRAM


Similar Part No. - ADS774KUE4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS774KU BURR-BROWN-ADS774KU Datasheet
413Kb / 13P
   Microprocessor-Compatible Sampling CMOS ANALOG-to-DIGITAL CONVERTER
More results

Similar Description - ADS774KUE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS774H TI1-ADS774H Datasheet
609Kb / 23P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
ADS574 TI1-ADS574_14 Datasheet
323Kb / 17P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
ADS774H TI1-ADS774H_13 Datasheet
1Mb / 27P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS574 BURR-BROWN-ADS574 Datasheet
413Kb / 13P
   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
ADS774 BURR-BROWN-ADS774 Datasheet
413Kb / 13P
   Microprocessor-Compatible Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADC574A BURR-BROWN-ADC574A Datasheet
103Kb / 10P
   Microprocessor-Compatible ANALOG-TO-DIGITAL CONVERTER
ADC674 BURR-BROWN-ADC674 Datasheet
56Kb / 6P
   Microprocessor-Compatible ANALOG-TO-DIGITAL CONVERTER
DAC7545 BURR-BROWN-DAC7545 Datasheet
383Kb / 12P
   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
logo
Texas Instruments
DAC7545JP TI1-DAC7545JP Datasheet
383Kb / 12P
[Old version datasheet]   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
DAC7545 TI1-DAC7545_16 Datasheet
612Kb / 13P
[Old version datasheet]   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com