Electronic Components Datasheet Search |
|
ADS1100A1IDBVT Datasheet(PDF) 10 Page - Texas Instruments |
|
|
ADS1100A1IDBVT Datasheet(HTML) 10 Page - Texas Instruments |
10 / 23 page ADS1100 10 SBAS239B www.ti.com When read in single conversion mode, ST/BSY indicates whether the A/D converter is busy taking a conversion. If ST/BSY is read as 1, the A/D converter is busy, and a conversion is taking place; if 0, no conversion is taking place, and the result of the last conversion is available in the output register. In continuous mode, ST/BSY is always read as 1. Bits 6-5: Reserved Bits 6 and 5 must be set to zero. Bit 4: SC SC controls whether the ADS1100 is in continuous conver- sion or single conversion mode. When SC is 1, the ADS1100 is in single conversion mode; when SC is 0, the ADS1100 is in continuous conversion mode. The default setting is 0. Bits 3-2: DR Bits 3 and 2 control the ADS1100’s data rate, as shown in Table VI. Bits 1-0: PGA Bits 1 and 0 control the ADS1100’s gain setting, as shown in Table VII. READING FROM THE ADS1100 You can read the output register and the contents of the configuration register from the ADS1100. To do this, address the ADS1100 for reading, and read three bytes from the device. The first two bytes are the output register’s contents; the third byte is the configuration register’s contents. You do not always have to read three bytes from the ADS1100. If you want only the contents of the output regis- ter, read only two bytes. Reading more than three bytes from the ADS1100 has no effect. All of the bytes beginning with the fourth will be FFH. See Figure 2 for a timing diagram of an ADS1100 read operation. WRITING TO THE ADS1100 You can write new contents into the configuration register (you cannot change the contents of the output register). To do this, address the ADS1100 for writing, and write one byte to it. This byte is written into the configuration register. Writing more than one byte to the ADS1100 has no effect. The ADS1100 will ignore any bytes sent to it after the first one, and it will only acknowledge the first byte. See Figure 3 for a timing diagram of an ADS1100 write operation. DR1 DR0 DATA RATE 0 0 128SPS 0 1 32SPS 1 0 16SPS 1(1) 1(1) 8SPS(1) NOTE: (1) Default Setting. TABLE VI. DR Bits. PGA1 PGA0 GAIN 0(1) 0(1) 1(1) 01 2 10 4 11 8 NOTE: (1) Default Setting. TABLE VII. PGA Bits. |
Similar Part No. - ADS1100A1IDBVT |
|
Similar Description - ADS1100A1IDBVT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |