Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1278SHFQ Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1278SHFQ
Description  OCTAL SIMULTANEOUS-SAMPLING 24-BIT ANALOG-TO-DIGITAL CONVERTER
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1278SHFQ Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS1278SHFQ Datasheet HTML 2Page - Texas Instruments ADS1278SHFQ Datasheet HTML 3Page - Texas Instruments ADS1278SHFQ Datasheet HTML 4Page - Texas Instruments ADS1278SHFQ Datasheet HTML 5Page - Texas Instruments ADS1278SHFQ Datasheet HTML 6Page - Texas Instruments ADS1278SHFQ Datasheet HTML 7Page - Texas Instruments ADS1278SHFQ Datasheet HTML 8Page - Texas Instruments ADS1278SHFQ Datasheet HTML 9Page - Texas Instruments ADS1278SHFQ Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
ADS1278-HT
SBAS447E – MARCH 2009 – REVISED APRIL 2013
www.ti.com
Table 2. HFQ or HKP PIN DESCRIPTIONS (continued)
PIN NAME
FUNCTION
DESCRIPTION
PWDN1
Digital input
PWDN2
Digital input
PWDN3
Digital input
PWDN4
Digital input
PWDN[8:1] Power-down control for channels 8 through 1.
PWDN5
Digital input
PWDN6
Digital input
PWDN7
Digital input
PWDN8
Digital input
SCLK
Digital input/output
Serial clock input, Modulator clock output.
SYNC
Digital input
Synchronize input (all channels).
TEST0
Digital input
TEST[1:0] Test mode select:
01 = Do not use
00 = Normal operation
10 = Do not use
11 = Test mode
TEST1
Digital input
Table 3. PAP PIN DESCRIPTIONS
PIN
NAME
NO.
FUNCTION
DESCRIPTION
6, 43, 54,
AGND
Analog ground
Analog ground; connect to DGND using a single plane.
58, 59
AINP1
3
Analog input
AINP2
1
Analog input
AINP3
63
Analog input
AINP4
61
Analog input
AINP[8:1] Positive analog input, channels 8 through 1.
AINP5
51
Analog input
AINP6
49
Analog input
AINP7
47
Analog input
AINP8
45
Analog input
AINN1
4
Analog input
AINN2
2
Analog input
AINN3
64
Analog input
AINN4
62
Analog input
AINN[8:1] Negative analog input, channels 8 through 1.
AINN5
52
Analog input
AINN6
50
Analog input
AINN7
48
Analog input
AINN8
46
Analog input
AVDD
5, 44, 53, 60
Analog power supply
Analog power supply (4.75V to 5.25V).
VCOM
55
Analog output
AVDD/2 Unbuffered voltage output.
VREFN
57
Analog input
Negative reference input.
VREFP
56
Analog input
Positive reference input.
CLK
27
Digital input
Master clock input (fCLK).
CLK input divider control:
1 = 37MHz (High-Speed mode)/otherwise 27MHz
CLKDIV
10
Digital input
0 = 13.5MHz (low-power)/5.4MHz (low-speed)
DGND
7, 21, 24, 25
Digital ground
Digital ground power supply.
DIN
12
Digital input
Daisy-chain data input.
DOUT1
20
Digital output
DOUT1 is TDM data output (TDM mode).
DOUT2
19
Digital output
DOUT3
18
Digital output
DOUT4
17
Digital output
DOUT[8:1] Data output for channels 8 through 1.
6
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: ADS1278-HT


Similar Part No. - ADS1278SHFQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1278SHFQ TI1-ADS1278SHFQ Datasheet
1Mb / 45P
[Old version datasheet]   OCTAL SIMULTANEOUS-SAMPLING 24-BIT ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS1278SHFQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1278-EP TI1-ADS1278-EP Datasheet
1Mb / 45P
[Old version datasheet]   OCTAL SIMULTANEOUS-SAMPLING 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1278-HT TI1-ADS1278-HT Datasheet
1Mb / 45P
[Old version datasheet]   OCTAL SIMULTANEOUS-SAMPLING 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1278 TI1-ADS1278_14 Datasheet
1Mb / 52P
[Old version datasheet]   Octal, Simultaneous Sampling, 24-Bit Analog-to-Digital Converters
ADS1274 TI1-ADS1274 Datasheet
1Mb / 51P
[Old version datasheet]   Quad/Octal, Simultaneous Sampling, 24-Bit Analog-to-Digital Converters
ADS1274 TI1-ADS1274_14 Datasheet
1Mb / 52P
[Old version datasheet]   Quad/Octal, Simultaneous Sampling, 24-Bit Analog-to-Digital Converters
logo
Burr-Brown (TI)
ADS1274 BURR-BROWN-ADS1274 Datasheet
1Mb / 49P
   Quad/Octal, Simultaneous Sampling, 24-Bit Analog-to-Digital Converters
logo
Texas Instruments
ADS1278-SP TI1-ADS1278-SP Datasheet
1Mb / 57P
[Old version datasheet]   Radiation Hardened 8-Ch Simultaneous-Sampling 24-Bit Analog-to-Digital Converter
ADS1174 TI1-ADS1174_08 Datasheet
973Kb / 39P
[Old version datasheet]   Quad/Octal, Simultaneous Sampling, 16-Bit Analog-to-Digital Converters
SEPTEMBER2008
ADS1174 TI-ADS1174 Datasheet
1Mb / 35P
[Old version datasheet]   Quad/Octal, Simultaneous Sampling, 16-Bit Analog-to-Digital Converters
ADS1174 TI1-ADS1174_14 Datasheet
1Mb / 40P
[Old version datasheet]   Quad/Octal, Simultaneous Sampling, 16-Bit Analog-to-Digital Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com