Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1286 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1286
Description  12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1286 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS1286 Datasheet HTML 4Page - Texas Instruments ADS1286 Datasheet HTML 5Page - Texas Instruments ADS1286 Datasheet HTML 6Page - Texas Instruments ADS1286 Datasheet HTML 7Page - Texas Instruments ADS1286 Datasheet HTML 8Page - Texas Instruments ADS1286 Datasheet HTML 9Page - Texas Instruments ADS1286 Datasheet HTML 10Page - Texas Instruments ADS1286 Datasheet HTML 11Page - Texas Instruments ADS1286 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
®
ADS1286
TIMING DIAGRAMS AND TEST CIRCUITS
D
OUT
1.4V
Test Point
3k
100pF
C
LOAD
t
r
D
OUT
V
OH
V
OL
t
f
t
dDO
t
hDO
D
OUT
DCLOCK
V
OH
V
OL
V
IL
D
OUT
Test Point
t
dis Waveform 2, ten
t
dis Waveform 1
100pF
C
LOAD
3k
t
dis
CS/SHDN
DOUT
Waveform 1(1)
DOUT
Waveform 2(2)
90%
10%
V
IH
1
B11
2
t
en
CS/SHDN
DCLOCK
V
OL
D
OUT
V
CC
Load Circuit for tdDO, tr, and tf
Voltage Waveforms for DOUT Rise and Fall Times tr, and tf
Voltage Waveforms for DOUT Delay Times, tdDO
Load Circuit for tdis and tden
Voltage Waveforms for ten
Voltage Waveforms for tdis
NOTES: (1) Waveform 1 is for an output with internal conditions such that
the output is HIGH unless disabled by the output control. (2) Waveform 2
is for an output with internal conditions such that the output is LOW unless
disabled by the output control.


Similar Part No. - ADS1286

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1286 BURR-BROWN-ADS1286 Datasheet
165Kb / 11P
   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS1286 BURR-BROWN-ADS1286 Datasheet
141Kb / 14P
   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1286 TI1-ADS1286 Datasheet
491Kb / 18P
[Old version datasheet]   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1286A BURR-BROWN-ADS1286A Datasheet
165Kb / 11P
   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS1286B BURR-BROWN-ADS1286B Datasheet
165Kb / 11P
   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS1286

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1286 BURR-BROWN-ADS1286 Datasheet
165Kb / 11P
   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1286 TI1-ADS1286_14 Datasheet
491Kb / 18P
[Old version datasheet]   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1286 BURR-BROWN-ADS1286_06 Datasheet
141Kb / 14P
   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS1286 BURR-BROWN-ADS1286_12 Datasheet
479Kb / 18P
   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7816U TI1-ADS7816U Datasheet
951Kb / 23P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7816 BURR-BROWN-ADS7816 Datasheet
226Kb / 13P
   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7816P TI1-ADS7816P Datasheet
951Kb / 23P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7816EB TI-ADS7816EB Datasheet
963Kb / 24P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7817 BURR-BROWN-ADS7817 Datasheet
172Kb / 15P
   12-Bit Differential Input Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
DAC121C085CIMM TI1-DAC121C085CIMM Datasheet
1Mb / 34P
[Old version datasheet]   12-Bit Micro Power Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com