Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1286PAG4 Datasheet(PDF) 10 Page - Texas Instruments

Part # ADS1286PAG4
Description  12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1286PAG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS1286PAG4 Datasheet HTML 6Page - Texas Instruments ADS1286PAG4 Datasheet HTML 7Page - Texas Instruments ADS1286PAG4 Datasheet HTML 8Page - Texas Instruments ADS1286PAG4 Datasheet HTML 9Page - Texas Instruments ADS1286PAG4 Datasheet HTML 10Page - Texas Instruments ADS1286PAG4 Datasheet HTML 11Page - Texas Instruments ADS1286PAG4 Datasheet HTML 12Page - Texas Instruments ADS1286PAG4 Datasheet HTML 13Page - Texas Instruments ADS1286PAG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10
®
ADS1286
MINIMIZING POWER DISSIPATION
In systems that have significant time between conversions,
the lowest power drain will occur with the minimum CS
LOW time. Bringing CS LOW, transferring data as quickly
as possible, and then bringing it back HIGH will result in the
lowest current drain. This minimizes the amount of time the
device draws power. After a conversion the A/D automati-
cally shuts down even if CS is held LOW. If the clock is left
running to clock out LSB-data or zero, the logic will draw a
small amount of current (see Figure 3).
REDUCED REFERENCE
OPERATION
The effective resolution of the ADS1286 can be increased
by reducing the input span of the converter. The ADS1286
exhibits good linearity and gain over a wide range of
reference voltages (see Typical Performance Curves “ Change
in Linearity vs Reference Voltage” and “Change in Gain vs
Reference Voltage”). However, care must be taken when
operating at low values of VREF because of the reduced LSB
size and the resulting higher accuracy requirement placed on
the converter. The following factors must be considered
when operating at low VREF values:
1. Offset
2. Noise
OFFSET WITH REDUCED V
REF
The offset of the ADS1286 has a larger effect on the output
code. When the ADC is operated with reduced reference
voltage. The offset (which is typically a fixed voltage)
becomes a larger fraction of an LSB as the size of the LSB
is reduced. The Typical Performance Curve “Change in
Offset vs Reference Voltage” shows how offset in LSBs is
related to reference voltage for a typical value of VOS. For
example, a VOS of 122µV which is 0.1 LSB with a 5V
reference becomes 0.5LSB with a 1V reference and 2.5LSBs
with a 0.2V reference. If this offset is unacceptable, it can be
corrected digitally by the receiving system or by offsetting
the negative input of the ADS1286.
NOISE WITH REDUCED V
REF
The total input referred noise of the ADS1286 can be
reduced to approximately 200
µV peak-to-peak using a ground
plane, good bypassing, good layout techniques and minimiz-
ing noise on the reference inputs. This noise is insignificant
with a 5V reference but will become a larger fraction of an
LSB as the size of the LSB is reduced.
For operation with a 5V reference, the 200
µV noise is only
0.15LSB peak-to-peak. In this case, the ADS1286 noise will
contribute virtually no uncertainty to the output code. How-
ever, for reduced references, the noise may become a signifi-
cant fraction of an LSB and cause undesirable jitter in the
output code. For example, with a 2.5V reference this same
200
µV noise is 0.3LSB peak-to-peak. If the reference is
further reduced to 1V, the 200
µV noise becomes equal to
0.8LSBs and a stable code may be difficult to achieve. In
this case averaging multiple readings may be necessary.
FIGURE 3. Shutdown Current with CS HIGH is Lower than
with CS LOW.
RC INPUT FILTERING
It is possible to filter the inputs with an RC network as
shown in Figure 4. For large values of CFILTER (e.g., 1µF),
the capacitive input switching currents are averaged into a
net DC current. Therefore, a filter should be chosen with a
small resistor and large capacitor to prevent DC drops across
the resistor. The magnitude of the DC current is approxi-
mately IDC = 20pF x VIN/tCYC and is roughly proportional to
VIN. When running at the minimum cycle time of 64µs, the
input current equals 1.56
µA at V
IN = 5V. In this case, a filter
resistor of 75
Ω will cause 0.1LSB of full-scale error. If a
larger filter resistor must be used, errors can be eliminated
by increasing the cycle time.
FIGURE 4. RC Input Filtering.
R
FILTER
I
DC
ADS1286
C
FILTER
V
IN
6.00
5.00
4.00
3.00
2.00
1.00
0.00
0.1
1
10
100
Sample Rate (kHz)
T
A = 25°C
V
CC = +5V
V
REF = +5V
f
CLK = 16 • fSAMPLE
CS = LOW
(GND)
CS HIGH
(V
CC)


Similar Part No. - ADS1286PAG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1286PA BURR-BROWN-ADS1286PA Datasheet
141Kb / 14P
   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS1286PA BURR-BROWN-ADS1286PA Datasheet
479Kb / 18P
   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS1286PAG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1286 BURR-BROWN-ADS1286 Datasheet
165Kb / 11P
   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1286 TI1-ADS1286_14 Datasheet
491Kb / 18P
[Old version datasheet]   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1286 BURR-BROWN-ADS1286_06 Datasheet
141Kb / 14P
   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS1286 BURR-BROWN-ADS1286_12 Datasheet
479Kb / 18P
   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7816U TI1-ADS7816U Datasheet
951Kb / 23P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7816 BURR-BROWN-ADS7816 Datasheet
226Kb / 13P
   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7816P TI1-ADS7816P Datasheet
951Kb / 23P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7816EB TI-ADS7816EB Datasheet
963Kb / 24P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7817 BURR-BROWN-ADS7817 Datasheet
172Kb / 15P
   12-Bit Differential Input Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
DAC121C085CIMM TI1-DAC121C085CIMM Datasheet
1Mb / 34P
[Old version datasheet]   12-Bit Micro Power Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com