Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AC11240DBRG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # 74AC11240DBRG4
Description  OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74AC11240DBRG4 Datasheet(HTML) 1 Page - Texas Instruments

  74AC11240DBRG4 Datasheet HTML 1Page - Texas Instruments 74AC11240DBRG4 Datasheet HTML 2Page - Texas Instruments 74AC11240DBRG4 Datasheet HTML 3Page - Texas Instruments 74AC11240DBRG4 Datasheet HTML 4Page - Texas Instruments 74AC11240DBRG4 Datasheet HTML 5Page - Texas Instruments 74AC11240DBRG4 Datasheet HTML 6Page - Texas Instruments 74AC11240DBRG4 Datasheet HTML 7Page - Texas Instruments 74AC11240DBRG4 Datasheet HTML 8Page - Texas Instruments 74AC11240DBRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
74AC11240
OCTAL BUFFER/LINE DRIVER
WITH 3-STATE OUTPUTS
SCAS448A – MAY 1987 – REVISED APRIL 1996
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Flow-Through Architecture Optimizes
PCB Layout
D Center-Pin VCC and GND Configurations
Minimize High-Speed Switching Noise
D EPICt (Enhanced-Performance Implanted
CMOS) 1-
mm Process
D 500-mA Typical Latch-Up Immunity at
125
°C
D Package Options Include Plastic
Small-Outline (DW) and Shrink
Small-Outline (DB) Packages, and Standard
Plastic 300-mil DIPs (NT)
description
This octal buffer/line driver is designed specifically
to improve both the performance and density of
3-state memory address drivers, clock drivers,
and bus-oriented receivers and transmitters. This
device
provides
inverting
outputs
and
symmetrical
active-low
output-enable
(OE)
inputs. This device features high fan-out and
improved fan-in.
The 74AC11240 is organized as two 4-bit buffers/line drivers with separate OE inputs. When OE is low, the
device passes inverted data from the A inputs to the Y outputs. When OE is high, the outputs are in the
high-impedance state.
The 74AC11240 is characterized for operation from –40
°C to 85°C.
FUNCTION TABLE
(each buffer)
INPUTS
OUTPUT
OE
A
OUTPUT
Y
L
H
L
L
LH
H
X
Z
logic symbol
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12.
2A4
2A3
2A2
2A1
2OE
1A4
1A3
1A2
1A1
1OE
2Y4
2Y3
2Y2
2Y1
1Y4
1Y3
1Y2
1Y1
12
11
10
9
4
3
2
1
14
15
16
17
13
EN
20
21
22
23
24
EN
1
1
Copyright
© 1996, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
EPIC is a trademark of Texas Instruments Incorporated.
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
1Y1
1Y2
1Y3
1Y4
GND
GND
GND
GND
2Y1
2Y2
2Y3
2Y4
1OE
1A1
1A2
1A3
1A4
VCC
VCC
2A1
2A2
2A3
2A4
2OE
DB, DW, OR NT PACKAGE
(TOP VIEW)


Similar Part No. - 74AC11240DBRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11240DBRG4 TI-74AC11240DBRG4 Datasheet
96Kb / 6P
[Old version datasheet]   OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
REVISED APRIL 1996
More results

Similar Description - 74AC11240DBRG4

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC244 FAIRCHILD-74VHC244 Datasheet
84Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74AC244 FAIRCHILD-74AC244 Datasheet
111Kb / 10P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
Motorola, Inc
SN54LS240 MOTOROLA-SN54LS240 Datasheet
191Kb / 6P
   OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244_15 Datasheet
93Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 8
MC74ACT241 ONSEMI-MC74ACT241_15 Datasheet
89Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 6
logo
Fairchild Semiconductor
74AC540 FAIRCHILD-74AC540_05 Datasheet
97Kb / 7P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244 Datasheet
91Kb / 8P
   Octal Buffer/Line Driver with 3-State Outputs
May, 2001 ??Rev. 5
74AC244 ONSEMI-74AC244 Datasheet
396Kb / 14P
   Octal Buffer/Line Driver with 3-STATE Outputs
January 2008 Rev. 1.4.0
74VHC240 ONSEMI-74VHC240 Datasheet
263Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
April 2007 Rev. 1.3
logo
Fairchild Semiconductor
74ABT240 FAIRCHILD-74ABT240 Datasheet
105Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74ABT244 FAIRCHILD-74ABT244 Datasheet
125Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com