Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AC11258 Datasheet(PDF) 1 Page - Texas Instruments

Part # 74AC11258
Description  QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74AC11258 Datasheet(HTML) 1 Page - Texas Instruments

  74AC11258_09 Datasheet HTML 1Page - Texas Instruments 74AC11258_09 Datasheet HTML 2Page - Texas Instruments 74AC11258_09 Datasheet HTML 3Page - Texas Instruments 74AC11258_09 Datasheet HTML 4Page - Texas Instruments 74AC11258_09 Datasheet HTML 5Page - Texas Instruments 74AC11258_09 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
74AC11258
QUADRUPLE 2LINE TO 1LINE DATA SELECTOR/MULTIPLEXER
WITH 3STATE OUTPUTS
SCAS063A − D3257, JANUARY 1989 − REVISED APRIL 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77001
Copyright
1993, Texas Instruments Incorporated
1
3-State Outputs Interface Directly With
System Bus
Flow-Through Architecture to Optimize
PCB Layout
Center-Pin V
CC and GND Configurations to
Minimize High-Speed Switching Noise
EPICt (Enhanced-Performance Implanted
CMOS) 1-
mm Process
500-mA Typical Latch-Up Immunity
at 125
°C
Provides Bus Interface from Multiple
Sources in High-Performance Systems
Package Options Include Plastic Small
Outline Packages, and Standard Plastic
300-mil DIPs
description
This device is designed to multiplex signals from
4-bit data sources to 4-output data lines in
bus-organized systems. The 3-state outputs will
not load the data lines when the output control pin
(G) is at a high logic level.
The 74AC11258 is characterized for operation
from − 40
°C to 85°C.
FUNCTION TABLE
INPUTS
OUTPUT
CONTROL
SELECT
DATA
OUTPUT
Y
CONTROL
G
SELECT
A/B
A
B
Y
H
X
X
X
Z
L
L
L
XH
L
L
H
XL
L
H
X
LH
L
H
X
H
L
DW OR N PACKAGE
(TOP VIEW)
logic symbol
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and
IEC Publication 617-12.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
A/B
1Y
2Y
GND
GND
GND
GND
3Y
4Y
G
1A
1B
2A
2B
VCC
VCC
3A
3B
4A
4B
4Y
3Y
2Y
1Y
EN
G1
1
MUX
4B
4A
3B
3A
2B
2A
1B
1A
10
1
20
19
18
17
14
13
12
11
9
8
3
2
G
A/B
1
EPIC is a trademark of Texas Instruments Incorporated.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - 74AC11258_09

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11258N TI1-74AC11258N Datasheet
100Kb / 6P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
More results

Similar Description - 74AC11258_09

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11258 TI1-74AC11258 Datasheet
100Kb / 6P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
SN74LVC257A-Q1 TI1-SN74LVC257A-Q1 Datasheet
224Kb / 11P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
74ACT11257 TI1-74ACT11257_09 Datasheet
425Kb / 13P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
APRIL 1996
74ACT11257 TI-74ACT11257 Datasheet
99Kb / 6P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
74ACT11258 TI1-74ACT11258 Datasheet
89Kb / 5P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
74AC11257 TI1-74AC11257_16 Datasheet
1Mb / 16P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
SN74LVC257A TI-SN74LVC257A Datasheet
125Kb / 8P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
SN74LVC257A-EP TI1-SN74LVC257A-EP Datasheet
527Kb / 12P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
74AC11257 TI-74AC11257 Datasheet
301Kb / 12P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
CD74AC158M TI1-CD74AC158M Datasheet
196Kb / 9P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com