Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AC11379DW Datasheet(PDF) 1 Page - Texas Instruments

Part # 74AC11379DW
Description  QUAD D- TYPE FLIP FLOP WITH DATA ENABLE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74AC11379DW Datasheet(HTML) 1 Page - Texas Instruments

  74AC11379DW Datasheet HTML 1Page - Texas Instruments 74AC11379DW Datasheet HTML 2Page - Texas Instruments 74AC11379DW Datasheet HTML 3Page - Texas Instruments 74AC11379DW Datasheet HTML 4Page - Texas Instruments 74AC11379DW Datasheet HTML 5Page - Texas Instruments 74AC11379DW Datasheet HTML 6Page - Texas Instruments 74AC11379DW Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
74AC11379
QUAD D-TYPE FLIP-FLOP
WITH CLOCK ENABLE
SCAS104 − MARCH 1990 − REVISED APRIL 1993
Copyright
1993, Texas Instruments Incorporated
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Contains Four Flip-Flops with Double-Rail
Outputs
Clock Enable Latched to Avoid False
Clocking
Applications Include: Buffer/Storage
Registers, Shift Registers, Pattern
Generators
Flow-Through Architecture Optimizes PCB
Layout
Center-Pin V
CC and GND Pin
Configurations Minimize High-Speed
Switching Noise
EPIC  (Enhanced-Performance Implanted
CMOS) 1-
µm Process
500-mA Typical Latch-Up Immunity at
125
°C
Package Options Include Plastic
Small-Outline Packages and Standard
Plastic 300-mil DIPs
description
These circuits are positive-edge-triggered D-type flip-flops with a clock-enable input.
Information at the D inputs meeting the setup time requirements is transferred to the Q outputs on the
positive-going edge of the clock pulse if the clock-enable input (CLKEN) is low. Clock triggering occurs at a
particular voltage level and is not directly related to the transition time of the positive-going pulse. When the clock
input is at either the high or low level, the data (D) input signal has no effect at the output. The circuits are
designed to prevent false clocking by transitions at the clock-enable (CLKEN) input.
The 74AC11379 is characterized for operation from − 40
°C to 85°C.
FUNCTION TABLE
(each flip-flop)
INPUTS
OUTPUTS
CLKEN
CLK
D
Q
Q
H
X
X
Q0
Q0
L
HH
L
L
LL
H
X
L
X
Q0
Q0
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
EPIC is a trademark of Texas Instruments Incorporated.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
1Q
2Q
2Q
GND
GND
GND
GND
3Q
3Q
4Q
1Q
CLKEN
1D
2D
VCC
VCC
3D
4D
CLK
4Q
DW OR N PACKAGE
(TOP VIEW)


Similar Part No. - 74AC11379DW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AC11379DW PHILIPS-74AC11379DW Datasheet
230Kb / 8P
   QUAD D- TYPE FLIP FLOP WITH DATA ENABLE
October 1990
More results

Similar Description - 74AC11379DW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AC11379 PHILIPS-74AC11379 Datasheet
230Kb / 8P
   QUAD D- TYPE FLIP FLOP WITH DATA ENABLE
October 1990
logo
Texas Instruments
74ACT11379 TI1-74ACT11379 Datasheet
98Kb / 6P
[Old version datasheet]   QUAD D-TYPE FLIP-FLOP WITH CLOCK ENABLE
logo
Motorola, Inc
SN54LS377 MOTOROLA-SN54LS377 Datasheet
250Kb / 7P
   OCTAL D FLIP-FLOP WITH ENABLE; HEX D FLIP-FLOP WITH ENABLE; 4-BIT D FLIP-FLOP WITH ENABLE
logo
NXP Semiconductors
74AC11377 PHILIPS-74AC11377 Datasheet
177Kb / 7P
   OCTAL D TYPE FLIP FLOP WITH ENABLE
July 30 1990
74ABT377A PHILIPS-74ABT377A Datasheet
55Kb / 12P
   Octal D-type flip-flop with enable
1997 Feb 26
74F377A PHILIPS-74F377A Datasheet
84Kb / 10P
   Octal D-type flip-flop with enable
1996 Mar 12
logo
Texas Instruments
74AC11377 TI1-74AC11377_10 Datasheet
107Kb / 8P
[Old version datasheet]   OCTAL D TYPE FLIP FLOP WITH ENABLE
logo
NXP Semiconductors
74AHC377 PHILIPS-74AHC377 Datasheet
101Kb / 20P
   Octal D-type flip-flop with data enable; positive-edge trigger
2000 Aug 15
logo
Nexperia B.V. All right...
74AHCT377 NEXPERIA-74AHCT377 Datasheet
601Kb / 16P
   Octal D-type flip-flop with data enable; positive-edge trigger
Rev. 02 - 12 June 2008
logo
NXP Semiconductors
74LV377 PHILIPS-74LV377 Datasheet
114Kb / 12P
   Octal D-type flip-flop with data enable; positive edge-trigger
1998 Jun 10
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com