Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS902E Datasheet(PDF) 6 Page - Texas Instruments

Part # ADS902E
Description  ANALOG-TO-DIGITAL CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS902E Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS902E Datasheet HTML 2Page - Texas Instruments ADS902E Datasheet HTML 3Page - Texas Instruments ADS902E Datasheet HTML 4Page - Texas Instruments ADS902E Datasheet HTML 5Page - Texas Instruments ADS902E Datasheet HTML 6Page - Texas Instruments ADS902E Datasheet HTML 7Page - Texas Instruments ADS902E Datasheet HTML 8Page - Texas Instruments ADS902E Datasheet HTML 9Page - Texas Instruments ADS902E Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ADS902
6
SBAS063A
SWEPT POWER SFDR
Input Amplitude (dBFS)
120
100
80
60
40
20
0
–80
–60
–40
–20
–10
f
IN = 12.5MHz
2Vp-p
OFFSET ERROR vs TEMPERATURE
Temperature (°C)
1.6
1.5
1.4
1.3
1.2
1.1
–50
–25
0
25
75
50
100
V
IN = 1Vp-p
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C, VS = Logic VDD = +5V, REFB = 2.25V, REFT = 3.25V, Sampling Rate = 30MHz, unless otherwise specified.
SWEPT POWER SFDR
Input Amplitude (dBFS)
100
80
60
40
20
0
f
IN = 12.5MHz
1Vp-p
–80
–60
–40
–20
0
INTEGRAL LINEARITY ERROR
Output Code
10
5
0
–5
–10
f
IN = 500kHz
V
IN = 1Vp-p
0
256
512
768
1024
dBFS
dBc
dBc
dBFS
GAIN ERROR vs TEMPERATURE
Temperature (°C)
0
0.2
0.4
0.6
–50
–25
0
25
75
50
100
V
IN = 1Vp-p


Similar Part No. - ADS902E

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS902E BURR-BROWN-ADS902E Datasheet
149Kb / 11P
   10-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS902E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
PCM4204 TI1-PCM4204_16 Datasheet
1Mb / 38P
[Old version datasheet]   Analog-to-Digital Converter
ADS7821 TI1-ADS7821 Datasheet
201Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM1741 TI1-PCM1741_08 Datasheet
496Kb / 24P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1718E TI1-PCM1718E_15 Datasheet
347Kb / 14P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1728 TI1-PCM1728_15 Datasheet
328Kb / 16P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com