Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5474-SP Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5474-SP
Description  400MSPS ANALOG-TO-DIGITAL CONVERTER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5474-SP Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS5474-SP Datasheet HTML 3Page - Texas Instruments ADS5474-SP Datasheet HTML 4Page - Texas Instruments ADS5474-SP Datasheet HTML 5Page - Texas Instruments ADS5474-SP Datasheet HTML 6Page - Texas Instruments ADS5474-SP Datasheet HTML 7Page - Texas Instruments ADS5474-SP Datasheet HTML 8Page - Texas Instruments ADS5474-SP Datasheet HTML 9Page - Texas Instruments ADS5474-SP Datasheet HTML 10Page - Texas Instruments ADS5474-SP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
ADS5474-SP
www.ti.com
SLAS574A – SEPTEMBER 2013 – REVISED DECEMBER 2013
ELECTRICAL CHARACTERISTICS (continued)
Typical values at TC = +25°C: minimum and maximum values over full temperature range TC,MIN = –55°C to TC,MAX = 125°C,
sampling rate = 400 MSPS, 50% clock duty cycle, AVDD5 = 5 V, AVDD3 = 3.3 V, DVDD3 = 3.3 V, –1 dBFS differential input,
and 3 VPP differential clock, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DYNAMIC AC CHARACTERISTICS (continued)
fIN = 30 MHz
69.8
fIN = 70 MHz
62.5
67.7
fIN = 130 MHz
68.9
fIN = 230 MHz
60.5
68.9
SINAD
Signal-to-noise and distortion
fIN = 351 MHz
67.5
dBc
fIN = 451 MHz
66.1
fIN = 651 MHz
58.2
fIN = 751 MHz
54.3
fIN = 999 MHz
45.9
fIN1 = 69 MHz, fIN2 = 70 MHz,
84.2
each tone at –7 dBFS
fIN1 = 69 MHz, fIN2 = 70 MHz,
98.5
each tone at –16 dBFS
Two-tone SFDR
dBFS
fIN1 = 297.5 MHz, fIN2 = 302.5 MHz,
82.5
each tone at –7 dBFS
fIN1 = 297.5 MHz, fIN2 = 302.5 MHz,
99
each tone at –16 dBFS
fIN = 70 MHz
10.1
10.9
ENOB
Effective number of bits
Bits
fIN = 230 MHz
9.77
10.5
RMS idle-channel noise
Inputs tied to common-mode
1.8
LSB
LVDS DIGITAL OUTPUTS
VOD
Differential output voltage (±)
247
350
454
mV
VOC
Common-mode output voltage
1.115
1.375
V
DIGITAL INPUTS
VIH
High level input voltage
2.0
V
VIL
Low level input voltage
0.8
V
IIH
High level input current
PWD (pin 33)
1
μA
IIL
Low level input current
-1
μA
CIN
Input Capacitance
2.2
pF
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: ADS5474-SP


Similar Part No. - ADS5474-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5474-SP TI-ADS5474-SP Datasheet
1,020Kb / 28P
[Old version datasheet]   Class V, 14-BIT, 400-MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5474-SP TI1-ADS5474-SP Datasheet
1Mb / 29P
[Old version datasheet]   Class V, 14-BIT, 400-MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5474-SP TI1-ADS5474-SP_V01 Datasheet
1Mb / 29P
[Old version datasheet]   Class V, 14-BIT, 400-MSPS ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS5474-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5675IPHP TI1-DAC5675IPHP Datasheet
572Kb / 31P
[Old version datasheet]   14-BIT, 400MSPS DIGITAL-TO ANALOG CONVERTER
DAC5675A TI1-DAC5675A Datasheet
1,002Kb / 26P
[Old version datasheet]   14-Bit, 400MSPS Digital-to-Analog Converter
logo
Maxwell Technologies
5675 MAXWELL-5675 Datasheet
189Kb / 16P
   14-BIT, 400MSPS DIGITAL-TO-ANOALOG CONVERTER
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
PCM4204 TI1-PCM4204_16 Datasheet
1Mb / 38P
[Old version datasheet]   Analog-to-Digital Converter
ADS7821 TI1-ADS7821 Datasheet
201Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com